データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM1203-N データシート(PDF) 4 Page - Texas Instruments

部品番号 LM1203-N
部品情報  LM1203 RGB Video Amplifier System
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LM1203-N データシート(HTML) 4 Page - Texas Instruments

  LM1203-N Datasheet HTML 1Page - Texas Instruments LM1203-N Datasheet HTML 2Page - Texas Instruments LM1203-N Datasheet HTML 3Page - Texas Instruments LM1203-N Datasheet HTML 4Page - Texas Instruments LM1203-N Datasheet HTML 5Page - Texas Instruments LM1203-N Datasheet HTML 6Page - Texas Instruments LM1203-N Datasheet HTML 7Page - Texas Instruments LM1203-N Datasheet HTML 8Page - Texas Instruments LM1203-N Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
AC Dynamic Tests S17 21 26 Closed V14 e 0V V15 e 4V unless otherwise stated (Continued)
Symbol
Parameter
Conditions
Typ
Tested
Design
Units
Limit (Note 2)
Limit (Note 3)
Vsep
Video Amplifier 10 kHz Isolation
V12 e 12V (Note 7)
b
65
dB
10 kHz
Vsep
Video Amplifier 10 MHz Isolation
V12 e 12V (Notes 4 7)
b
46
dB
10 MHz
Note 1
VCC supply pins 1 13 23 28 must be externally wired together to prevent internal damage during VCC power onoff cycles
Note 2
These parameters are guaranteed and 100% production tested
Note 3
Design limits are guaranteed (but not 100% production tested) These limits are not used to calculate outgoing quality levels
Note 4
When measuring video amplifier bandwidth or pulse rise and fall times a double sided full ground plane printed circuit board without socket is recommend-
ed Video Amplifier 10 MHz isolation test also requires this printed circuit board
Note 5
Measure gain difference between any two amplifiers VIN e 1 Vp-p
Note 6
Adjust input frequency from 10 kHz (Avmax ref level) to the b3 dB corner frequency (f b3 dB)
Note 7
Measure output levels of the other two undriven amplifiers relative to driven amplifier to determine channel separation Terminate the undriven amplifier
inputs to simulate generator loading Repeat test at fIN e 10 MHz for Vsep e 10 MHz
Note 8 D
Av track is a measure of the ability of any two amplifiers to track each other and quantifies the matching of the three attenuators It is the difference in
gain change between any two amplifiers with the Contrast Voltage V12 at either 5V or 2V measured relative to an Av max condition V12 e 12V For example at
Av max the three amplifiers gains might be 174 dB 169 dB and 164 dB and change to 73 dB 69 dB and 65 dB respectively for V12 e 5V This yields the
measured typical g01 dB channel tracking
Note 9
Operating Ratings indicate conditions for which the device is functional See Electrical Specifications for guaranteed performance limits
Peaking capacitors See Frequency Response
using various peaking cups graph on next page
TLH9178 – 2
FIGURE 2 LM1203 Test Circuit
http
www nationalcom
3


同様の部品番号 - LM1203-N

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM1203 NSC-LM1203 Datasheet
559Kb / 16P
   RGB Video Amplifier System
LM1203A NSC-LM1203A Datasheet
305Kb / 18P
   150 MHz RGB Video Amplifier System
logo
Texas Instruments
LM1203A-N TI1-LM1203A-N Datasheet
555Kb / 20P
[Old version datasheet]   LM1203A 150 MHz RGB Video Amplifier System
logo
National Semiconductor ...
LM1203B NSC-LM1203B Datasheet
291Kb / 16P
   100 MHz RGB Video Amplifier System
logo
Texas Instruments
LM1203C TI1-LM1203C Datasheet
509Kb / 7P
[Old version datasheet]   RGB VIDEO-AMPLIFIER SYSTEM
More results

同様の説明 - LM1203-N

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM1203C TI1-LM1203C Datasheet
509Kb / 7P
[Old version datasheet]   RGB VIDEO-AMPLIFIER SYSTEM
logo
National Semiconductor ...
LM1203 NSC-LM1203 Datasheet
559Kb / 16P
   RGB Video Amplifier System
LM1204 NSC-LM1204 Datasheet
399Kb / 20P
   150 MHz RGB Video Amplifier System
LM1203A NSC-LM1203A Datasheet
305Kb / 18P
   150 MHz RGB Video Amplifier System
logo
NTE Electronics
NTE7081 NTE-NTE7081 Datasheet
25Kb / 3P
   Integrated Circuit RGB Video Amplifier System
logo
TEMIC Semiconductors
U2203B TEMIC-U2203B Datasheet
106Kb / 7P
   RGB Video Amplifier System for Monitors
logo
National Semiconductor ...
LM1203B NSC-LM1203B Datasheet
291Kb / 16P
   100 MHz RGB Video Amplifier System
logo
ADDtek Corp
AMC8213 ADDTEK-AMC8213 Datasheet
206Kb / 9P
   200MHz RGB VIDEO AMPLIFIER SYSTEM WITH OSD
JUNE 2006
logo
Texas Instruments
LM1203A-N TI1-LM1203A-N Datasheet
555Kb / 20P
[Old version datasheet]   LM1203A 150 MHz RGB Video Amplifier System
logo
Mitsumi Electronics, Co...
MM1207 MITSUMI-MM1207 Datasheet
129Kb / 5P
   85MHz RGB Video Amplifier/130MHz RGB Video Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com