データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM1205A データシート(PDF) 2 Page - Texas Instruments

部品番号 LM1205A
部品情報  130 MHz/85 MHz RGB Video Amplifier System with Blanking
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LM1205A データシート(HTML) 2 Page - Texas Instruments

  LM1205A Datasheet HTML 1Page - Texas Instruments LM1205A Datasheet HTML 2Page - Texas Instruments LM1205A Datasheet HTML 3Page - Texas Instruments LM1205A Datasheet HTML 4Page - Texas Instruments LM1205A Datasheet HTML 5Page - Texas Instruments LM1205A Datasheet HTML 6Page - Texas Instruments LM1205A Datasheet HTML 7Page - Texas Instruments LM1205A Datasheet HTML 8Page - Texas Instruments LM1205A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
LM1205A/LM1207A
130 MHz/85 MHz RGB Video Amplifier System with
Blanking
General Description
The LM1205A/LM1207A is a very high frequency video am-
plifier system intended for use in high resolution RGB moni-
tor applications. In addition to the three matched video am-
plifiers, the LM1205A/LM1207A contains three gated single
ended input black level clamp comparators for brightness
control, three matched DC controlled attenuators for contrast
control, and three DC controlled sub-contrast attenuators
providing gain trim capability for white balance. All DC con-
trol inputs offer high input impedance and an operation
range from 0V to 4V for easy interface to bus controlled
alignment systems. The LM1205A/LM1207A also contains a
blanking circuit which clamps the video output voltage during
blanking to within 0.1V above ground. This feature provides
blanking capability at the cathodes of the CRT. A spot killer is
provided for CRT phosphor protection during power-down.
Features
n
Three wideband video amplifiers 130 MHz (LM1205A) @
−3 dB (4 V
PP output)
n
Matched (±0.1 dB or 1.2%) attenuators for contrast
control
n
ESD susceptibility above 3 kV
n
Three externally gated single ended input comparators
for cutoff and brightness control
n
0V to 4V, high input impedance DC contrast control
(>40 dB range)
n
0V to 4V, high input impedance DC drive control for
each video amplifier (−6 dB to 0 dB range)
n
Spot killer, blanks output when V
CC < 10.6V
n
Capable of 7 V
PP output swing (slight reduction in
bandwidth)
n
Output stage blanking
n
Output stage directly drives most hybrid or discrete CRT
drivers
Applications
n
High resolution RGB CRT monitors
n
Video AGC amplifiers
n
Wideband amplifiers with gain and DC offset controls
n
Interface amplifiers for LCD or CCD systems
Block and Connection Diagram
DS012866-1
FIGURE 1.
Order Number LM1205AN or LM1207AN, See NS Package Number N28B
August 1996
© 1997 National Semiconductor Corporation
DS012866
www.national.com


同様の部品番号 - LM1205A

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM1205 NSC-LM1205 Datasheet
435Kb / 24P
   130 MHz/85 MHz RGB Video Amplifier System with Blanking
logo
Shanghai Leiditech Elec...
LM1205 LEIDITECH-LM1205 Datasheet
1Mb / 9P
   LCE P-Channel Enhancement Mode Power MOSFET
logo
LightKey Optoelectronic...
LM12057AB LIGHTKEY-LM12057AB Datasheet
117Kb / 3P
   LM12057A/B Series ??1.20 inch 5x7 Dot Matrix LED Display
LM12057AD LIGHTKEY-LM12057AD Datasheet
117Kb / 3P
   LM12057A/B Series ??1.20 inch 5x7 Dot Matrix LED Display
LM12057AG LIGHTKEY-LM12057AG Datasheet
117Kb / 3P
   LM12057A/B Series ??1.20 inch 5x7 Dot Matrix LED Display
More results

同様の説明 - LM1205A

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM1208 NSC-LM1208 Datasheet
917Kb / 23P
   130 MHz/85 MHz RGB Video Amplifier System with Blanking
LM1205 NSC-LM1205 Datasheet
435Kb / 24P
   130 MHz/85 MHz RGB Video Amplifier System with Blanking
LM1209 NSC-LM1209 Datasheet
391Kb / 24P
   130 MHz/100 MHz RGB Video Amplifier System with Blanking
January 1996
LM1212 NSC-LM1212 Datasheet
299Kb / 18P
   230 MHz Video Amplifier System with OSD Blanking
LM1281 NSC-LM1281 Datasheet
391Kb / 14P
   85 MHz RGB Video Amplifier System with On Screen Display (OSD)
LM1204 NSC-LM1204 Datasheet
399Kb / 20P
   150 MHz RGB Video Amplifier System
LM1203A NSC-LM1203A Datasheet
305Kb / 18P
   150 MHz RGB Video Amplifier System
LM1203B NSC-LM1203B Datasheet
291Kb / 16P
   100 MHz RGB Video Amplifier System
logo
Texas Instruments
LM1279 TI1-LM1279 Datasheet
798Kb / 20P
[Old version datasheet]   110 MHz RGB Video Amplifier System with OSD
logo
National Semiconductor ...
LM1279 NSC-LM1279 Datasheet
533Kb / 14P
   110 MHz RGB Video Amplifier System with OSD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com