データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM1205A データシート(PDF) 3 Page - Texas Instruments

部品番号 LM1205A
部品情報  130 MHz/85 MHz RGB Video Amplifier System with Blanking
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LM1205A データシート(HTML) 3 Page - Texas Instruments

  LM1205A Datasheet HTML 1Page - Texas Instruments LM1205A Datasheet HTML 2Page - Texas Instruments LM1205A Datasheet HTML 3Page - Texas Instruments LM1205A Datasheet HTML 4Page - Texas Instruments LM1205A Datasheet HTML 5Page - Texas Instruments LM1205A Datasheet HTML 6Page - Texas Instruments LM1205A Datasheet HTML 7Page - Texas Instruments LM1205A Datasheet HTML 8Page - Texas Instruments LM1205A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Supply Voltage (V
CC)
Pins 3, 11, 22, 23, 25 (Note 3)
15V
Peak Video Output Source Current
(Any One Amp) Pins 17, 20 or 26
28 mA
Voltage at Any Input Pin (V
IN)VCC ≥ VIN ≥ GND
Power Dissipation (P
D)
(Above 25˚C Derate Based on
θ
JA
and T
J)
2.5W
Thermal Resistance (
θ
JA)
50˚C/W
Junction Temperature (T
J)
150˚C
ESD Susceptibility (Note 4)
3 kV
ESD Machine Model (Note 15)
350V
Storage Temperature
−65˚C to 150˚C
Lead Temperature
(Soldering, 10 sec.)
265˚C
Operating Ratings (Note 2)
Temperature Range
−20˚C to 80˚C
Supply Voltage (V
CC)
10.8V
≤ V
CC ≤ 13.2V
DC Electrical Characteristics
See DC Test Circuit
(Figure 2), T
A = 25˚C; VCC1 = VCC2 = 12V. V12 = 4V; V14 = 0V; Vcut-off = 1.0V; V13 = 4V; Vdrive = 4V un-
less otherwise stated.
Symbol
Parameter
Conditions
Typical
Limit
Units
(Note 5)
(Note 6)
I
S
Supply Current
V
CC1 +VCC2,RL = (Note 7)
90
105
mA (max)
V
4, 6, 9
Video Amplifier Input Bias Voltage
2.8
V
R
IN
Video Input Resistance
Any One Amplifier
20
k
V
14l
Clamp Gate Low Input Voltage
Clamp Comparators On
1.2
0.8
V (max)
V
14h
Clamp Gate High Input Voltage
Clamp Comparators Off
1.6
2.0
V (min)
I
14l
Clamp Gate Low Input Current
V
14 = 0V
−1
−5
µA (max)
I
14h
Clamp Gate High Input Current
V
14 = 12V
0.01
1.0
µA (max)
I
clamp
Clamp Cap Charge Current
Clamp Comparators On
±750
±500
µA (min)
I
bias
Clamp Cap Bias Discharge Current
Clamp Comparators Off
500
nA
V
13l
Blank Gate Low Input Voltage
Blank Gate On
1.2
0.8
V (max)
V
13h
Blank Gate High Input Voltage
Blank Gate Off
1.6
2.0
V (min)
I
13l
Blank Gate Low Input Current
V
13 = 0V
−8.5
−11.0
µA (max)
I
13h
Blank Gate High Input Current
V
13 = 12V
0.01
1.0
µA (max)
V
OL
Video Output Low Voltage
V
cut-off = 0V
0.15
0.5
V (max)
V
OH
Video Output High Voltage
V
cut-off = 9V
7.5
7
V (min)
V
O(1V)
Video Black Level Output Voltage
V
cut-off = 1V
1.0
V
(Note 8)
∆V
O(1V)
Video
∆ Black Level Output Voltage
Between Any Two Amplifiers,
±100
mV (max)
V
cut-off = 1V
V
OL(blanked)
Video Output Blanked Voltage
V
13 = 0V
35
70
mV (max)
I
12, 15, 18 or 28
Contrast/Drive Control Input Current
V
contrast = Vdrive = 0V to 4V
−250
nA
I
16, 19 and 27
Cut-Off Control Input Current (All Inputs)
V
cut-off = 0V to 4V
−500
nA
V
spot
Spot Killer Voltage
V
CC Adjusted to Activate
10.4
10.8
V (max)
www.national.com
2


同様の部品番号 - LM1205A

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM1205 NSC-LM1205 Datasheet
435Kb / 24P
   130 MHz/85 MHz RGB Video Amplifier System with Blanking
logo
Shanghai Leiditech Elec...
LM1205 LEIDITECH-LM1205 Datasheet
1Mb / 9P
   LCE P-Channel Enhancement Mode Power MOSFET
logo
LightKey Optoelectronic...
LM12057AB LIGHTKEY-LM12057AB Datasheet
117Kb / 3P
   LM12057A/B Series ??1.20 inch 5x7 Dot Matrix LED Display
LM12057AD LIGHTKEY-LM12057AD Datasheet
117Kb / 3P
   LM12057A/B Series ??1.20 inch 5x7 Dot Matrix LED Display
LM12057AG LIGHTKEY-LM12057AG Datasheet
117Kb / 3P
   LM12057A/B Series ??1.20 inch 5x7 Dot Matrix LED Display
More results

同様の説明 - LM1205A

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM1208 NSC-LM1208 Datasheet
917Kb / 23P
   130 MHz/85 MHz RGB Video Amplifier System with Blanking
LM1205 NSC-LM1205 Datasheet
435Kb / 24P
   130 MHz/85 MHz RGB Video Amplifier System with Blanking
LM1209 NSC-LM1209 Datasheet
391Kb / 24P
   130 MHz/100 MHz RGB Video Amplifier System with Blanking
January 1996
LM1212 NSC-LM1212 Datasheet
299Kb / 18P
   230 MHz Video Amplifier System with OSD Blanking
LM1281 NSC-LM1281 Datasheet
391Kb / 14P
   85 MHz RGB Video Amplifier System with On Screen Display (OSD)
LM1204 NSC-LM1204 Datasheet
399Kb / 20P
   150 MHz RGB Video Amplifier System
LM1203A NSC-LM1203A Datasheet
305Kb / 18P
   150 MHz RGB Video Amplifier System
LM1203B NSC-LM1203B Datasheet
291Kb / 16P
   100 MHz RGB Video Amplifier System
logo
Texas Instruments
LM1279 TI1-LM1279 Datasheet
798Kb / 20P
[Old version datasheet]   110 MHz RGB Video Amplifier System with OSD
logo
National Semiconductor ...
LM1279 NSC-LM1279 Datasheet
533Kb / 14P
   110 MHz RGB Video Amplifier System with OSD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com