データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM1279A データシート(PDF) 8 Page - Texas Instruments

部品番号 LM1279A
部品情報  LM1279A 110 MHz RGB Video Amplifier System with OSD
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LM1279A データシート(HTML) 8 Page - Texas Instruments

Back Button LM1279A Datasheet HTML 4Page - Texas Instruments LM1279A Datasheet HTML 5Page - Texas Instruments LM1279A Datasheet HTML 6Page - Texas Instruments LM1279A Datasheet HTML 7Page - Texas Instruments LM1279A Datasheet HTML 8Page - Texas Instruments LM1279A Datasheet HTML 9Page - Texas Instruments LM1279A Datasheet HTML 10Page - Texas Instruments LM1279A Datasheet HTML 11Page - Texas Instruments LM1279A Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
Pin Descriptions (Continued)
Pin
No.
Pin
Name
Schematic
Description
16
V
CC2
Power supply pin for the output stage.
There are no internal connections to V
CC1.
ESD and Arc-Over Protection
The ESD cells of the LM1279A are improved over the ESD
cells used in typical video pre-amps. The monitor designer
must still use good PC board layout techniques when de-
signing with the LM1279A. The human body model ESD
susceptibility of these parts is rated at 3 kV (Note 4). How-
ever, many monitor manufacturers are now testing their
monitors to the level 4 of the IEC 801-2 specification. This re-
quires the inputs to the monitor to survive an 8 kV discharge.
If the monitor designer expects to survive such levels he
MUST provide external ESD protection to the video pre-amp
inputs! PC board layout is very important with LM1279A as
with other video pre-amps. The LM1279A provides excellent
protection against ESD and arc-over, but the LM1279A is not
a substitute for good PCB layout.
Figure 5 shows the recommended input protection for a
video pre-amp. The two diodes at the video pre-amp input
and after the 30
Ω series resistor offers the best protection
against ESD. When this protection is combined with a good
PCB layout, the video pre-amp will easily survive the IEC
801-2 level 4 (8 kV ESD) testing commonly done by monitor
manufacturers. If the protection diodes are moved to the
video input side of the 30
Ω resistor, then the ESD protection
will be less effective. There is also the risk of damaging the
diodes since there is no resistor for current limiting. In such
a design a heavier duty diode, such as the FDH400, should
be used. It is strongly recommended that the protection di-
odes be added as shown in
Figure 5. The 1N4148 diode has
a maximum capacitance of 4 pF. This would have little affect
on the response of the video system due to the low imped-
ance of the input video.
Many monitor designers prefer to use a single zener diode
instead of the recommended two diodes at the video pre-
amp input. The required location of the zener diode is shown
in
Figure 5. It is shown as a dashed line, indicating an alter-
native to the two diode solution. The zener diode does give
the savings of one component, but now the protection is less
effective. To minimize capacitance, the zener diode needs to
have a zener voltage of 24V or higher. This is well above the
V
CC voltage of the LM1279A. The zener diode must be lo-
cated at the video input for protection against a low voltage
surge. The 30
Ω resistor is needed to limit the current of such
a voltage surge, protecting the video pre-amp. Protection
against ESD by using a zener diode is about as effective as
having the two diodes at the video input (same location as
the zener diode). A higher series resistor may be necessary
for protection against the zener voltage, but the higher resis-
tor value will impair the performance of the LM1279A; result-
ing in a lower bandwidth and a less stable black level. For
maximum reliability the monitor designer should not consider
the zener diode solution for ESD protection of the LM1279A.
The ESD cells of the LM1279A also gives good tolerance
against arc-over. Once again the monitor designer must be
careful in his PCB layout for good arc-over protection. In the
video chain only the outputs of the CRT driver are directly
exposed to the voltages that may occur during arc-over. A
good PCB layout is the best protection for the video pre-amp
against arc-over. The pre-amp vulnerability is mainly through
the ground traces on the PCB. For proper operation all
ground connections associated with the video pre-amp, in-
cluding the grounds to the bypass capacitors, must have
short returns to the ground pins. A significant ground plane
should be used to connect all the pre-amp grounds.
Figure
16, the demo board layout, is an excellent example on an ef-
fective ground plane, yet using only a single sided PCB lay-
out. Here is a check list to make sure a PC board layout has
good grounding:
All associated grounds with the video pre-amp are con-
nected together through a large ground plane.
CRT driver ground is connected to the video pre-amp
ground at one point.
CRT and arc protection grounds are connected directly to
chassis, or the main ground. There is no arc-over current
flow from these grounds through the pre-amp or CRT
driver grounds.
If any one of the above suggestions are not followed, then
the LM1279A may become vulnerable to arc-over. Improper
grounding is by far the most common cause of a video pre-
amp failure during arc-over.
Functional Description
Figure 1 on the front page shows the block diagram of the
LM1279A along with the pinout of the IC. Each channel re-
ceives a video input signal at its input amplifier (-A1). The
output of the input amplifier goes to the contrast attenuator
stage. For easy interfacing to 5V DACs all controls inputs, in-
cluding the contrast control, use a 0V to 4V range. The con-
trast control has no attenuation with an input of 4V, and has
full attenuation (over −40 dB) with a 0V input. All three chan-
nels will accurately track the contrast control setting at pin
10. Each channel will have the same amount of attenuation
for a given input voltage typically to within ±0.3 dB. All chan-
nels will track because the contrast control is the first stage
of attenuation and the internal control voltage generated
from the input voltage is common to all three channels.
The output of the contrast attenuator goes to the drive at-
tenuator. This stage has a 12 dB control range. This stage is
used for color balance, so the adjustment range has been
limited to 12 dB for a more accurate color balance. Each
DS101250-12
FIGURE 5. Recommended Video Input ESD Protection
www.national.com
7


同様の部品番号 - LM1279A

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM1279 NSC-LM1279 Datasheet
533Kb / 14P
   110 MHz RGB Video Amplifier System with OSD
logo
Texas Instruments
LM1279 TI1-LM1279 Datasheet
798Kb / 20P
[Old version datasheet]   110 MHz RGB Video Amplifier System with OSD
logo
National Semiconductor ...
LM1279N NSC-LM1279N Datasheet
533Kb / 14P
   110 MHz RGB Video Amplifier System with OSD
More results

同様の説明 - LM1279A

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM1279 TI1-LM1279 Datasheet
798Kb / 20P
[Old version datasheet]   110 MHz RGB Video Amplifier System with OSD
logo
National Semiconductor ...
LM1279 NSC-LM1279 Datasheet
533Kb / 14P
   110 MHz RGB Video Amplifier System with OSD
LM1269 NSC-LM1269 Datasheet
1Mb / 20P
   110 MHz I2C Compatible RGB Video Amplifier System with OSD & DACs
LM1282 NSC-LM1282 Datasheet
488Kb / 14P
   110 MHz RGB Video Amplifier System with On Screen Display (OSD)
logo
ADDtek Corp
AMC8213 ADDTEK-AMC8213 Datasheet
206Kb / 9P
   200MHz RGB VIDEO AMPLIFIER SYSTEM WITH OSD
JUNE 2006
logo
National Semiconductor ...
LM1283 NSC-LM1283 Datasheet
401Kb / 13P
   140 MHz RGB Video Amplifier System with On Screen Display (OSD)
LM1281 NSC-LM1281 Datasheet
391Kb / 14P
   85 MHz RGB Video Amplifier System with On Screen Display (OSD)
logo
Mitsumi Electronics, Co...
MM1381 MITSUMI-MM1381 Datasheet
268Kb / 10P
   RGB Video Amplifier with OSD Input
logo
National Semiconductor ...
LM1267 NSC-LM1267 Datasheet
1Mb / 20P
   150 MHz I2C Compatible RGB Video Amplifier System with OSD and DACs
LM1262 NSC-LM1262 Datasheet
1Mb / 20P
   200 MHz I2C Compatible RGB Video Amplifier System with OSD and DACs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com