データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM4041AIZ-1.2 データシート(PDF) 6 Page - Texas Instruments

部品番号 LM4041AIZ-1.2
部品情報  LM4041 Precision Micropower Shunt Voltage Reference
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LM4041AIZ-1.2 データシート(HTML) 6 Page - Texas Instruments

Back Button LM4041AIZ-1.2 Datasheet HTML 2Page - Texas Instruments LM4041AIZ-1.2 Datasheet HTML 3Page - Texas Instruments LM4041AIZ-1.2 Datasheet HTML 4Page - Texas Instruments LM4041AIZ-1.2 Datasheet HTML 5Page - Texas Instruments LM4041AIZ-1.2 Datasheet HTML 6Page - Texas Instruments LM4041AIZ-1.2 Datasheet HTML 7Page - Texas Instruments LM4041AIZ-1.2 Datasheet HTML 8Page - Texas Instruments LM4041AIZ-1.2 Datasheet HTML 9Page - Texas Instruments LM4041AIZ-1.2 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
LM4041-1.2
Electrical Characteristics (Industrial Temperature Range) (Continued)
LM4041-1.2
Electrical Characteristics (Industrial Temperature Range)
Boldface limits apply for T
A =TJ =TMINto TMAX; all other limits TA =TJ = 25˚C. The grades C, D and E designate initial Re-
verse Breakdown Voltage tolerances of ±0.5%, ±1.0% and ±2.0%, respectively.
Symbol
Parameter
Conditions
Typical
(Note 4)
LM4041CIM3
LM4041CIZ
LM4041CIM7
Limits
(Note 5)
LM4041DIM3
LM4041DIZ
LM4041DIM7
Limits (Note
5)
LM4041EIM3
LM4041EIZ
LM4041EIM7
Limits
(Note 5)
Units
(Limit)
V
R
Reverse Breakdown
Voltage
I
R = 100 µA
1.225
V
Reverse Breakdown
Voltage
I
R = 100 µA
±6
±12
±25
mV (max)
Tolerance (Note 6)
±14
±24
±36
mV (max)
I
RMIN
Minimum Operating
Current
45
µA
60
65
65
µA (max)
65
70
70
µA (max)
∆V
R/
∆TV
R Temperature
Coefficient (Note 6)
I
R =10mA
±20
ppm/˚C
I
R =1mA
±15
±100
±150
±150
ppm/˚C (max)
I
R= 100 µA
±15
ppm/˚C
∆V
R/
∆I
R
Reverse Breakdown
Voltage Change with
Operating Current
Change
(Note 9)
I
RMIN
≤ I
R
≤ 1 mA
0.7
mV
1.5
2.0
2.0
mV (max)
2.0
2.5
2.5
mV (max)
1mA
≤ I
R
≤ 12 mA
2.5
mV
6.0
8.0
8.0
mV (max)
8.0
10.0
10.0
mV (max)
Z
R
Reverse Dynamic
Impedance
I
R = 1 mA, f = 120 Hz
0.5
I
AC = 0.1 IR
1.5
2.0
2.0
Ω(max)
e
N
Wideband Noise
I
R = 100 µA
20
µV
rms
10 Hz
≤ f ≤ 10 kHz
∆V
R
Reverse Breakdown
Voltage Long Term
Stability
t = 1000 hrs
T = 25˚C ±0.1˚C
120
ppm
I
R = 100 µA
V
HYST
Thermal Hysteresis
(Note 10)
∆T = −40˚C to +125˚C
0.08
%
www.national.com
5


同様の部品番号 - LM4041AIZ-1.2

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM4041AIZ-1.2 NSC-LM4041AIZ-1.2 Datasheet
277Kb / 19P
   Precision Micropower Shunt Voltage Reference
logo
Texas Instruments
LM4041AIZ-1.2/NOPB TI1-LM4041AIZ-1.2/NOPB Datasheet
1Mb / 34P
[Old version datasheet]   LM4041-N/LM4041-N-Q1 Precision Micropower Shunt Voltage Reference
LM4041AIZ-1.2/NOPB TI1-LM4041AIZ-1.2/NOPB Datasheet
1Mb / 34P
[Old version datasheet]   LM4041-N/LM4041-N-Q1 Precision Micropower Shunt Voltage Reference
LM4041AIZ-1.2/NOPB TI1-LM4041AIZ-1.2/NOPB Datasheet
1Mb / 34P
[Old version datasheet]   LM4041-N/LM4041-N-Q1 Precision Micropower Shunt Voltage Reference
LM4041AIZ-1.2NOPB TI1-LM4041AIZ-1.2NOPB Datasheet
1Mb / 34P
[Old version datasheet]   LM4041-N/LM4041-N-Q1 Precision Micropower Shunt Voltage Reference
More results

同様の説明 - LM4041AIZ-1.2

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM4041-N-Q1 TI-LM4041-N-Q1_15 Datasheet
1Mb / 35P
[Old version datasheet]   LM4041-N/LM4041-N-Q1 Precision Micropower Shunt Voltage Reference
LM4041-N-Q1 TI1-LM4041-N-Q1 Datasheet
1Mb / 34P
[Old version datasheet]   LM4041-N/LM4041-N-Q1 Precision Micropower Shunt Voltage Reference
LM4041BIM3-12 TI1-LM4041BIM3-12 Datasheet
1Mb / 34P
[Old version datasheet]   LM4041-N/LM4041-N-Q1 Precision Micropower Shunt Voltage Reference
LM4041-N-Q1 TI1-LM4041-N-Q1 Datasheet
1Mb / 34P
[Old version datasheet]   LM4041-N/LM4041-N-Q1 Precision Micropower Shunt Voltage Reference
LM4041-1 TI-LM4041-1 Datasheet
1Mb / 34P
[Old version datasheet]   LM4041-N/LM4041-N-Q1 Precision Micropower Shunt Voltage Reference
LM4041CIM3-ADJ TI1-LM4041CIM3-ADJ Datasheet
1Mb / 34P
[Old version datasheet]   LM4041-N/LM4041-N-Q1 Precision Micropower Shunt Voltage Reference
LM4041-N TI-LM4041-N_15 Datasheet
1Mb / 35P
[Old version datasheet]   LM4041-N/LM4041-N-Q1 Precision Micropower Shunt Voltage Reference
logo
National Semiconductor ...
LM4051 NSC-LM4051 Datasheet
301Kb / 14P
   Precision Micropower Shunt Voltage Reference
logo
Texas Instruments
LM4041C TI-LM4041C Datasheet
509Kb / 24P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
logo
National Semiconductor ...
LM4050 NSC-LM4050 Datasheet
287Kb / 15P
   Precision Micropower Shunt Voltage Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com