データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TPL0401B-10DCKR データシート(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
部品番号 TPL0401B-10DCKR
部品情報  128 TAPS Single Channel Digital Potentiometer with I2C Interface
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

TPL0401B-10DCKR データシート(HTML) 6 Page - Texas Instruments

Back Button TPL0401B-10DCKR Datasheet HTML 2Page - Texas Instruments TPL0401B-10DCKR Datasheet HTML 3Page - Texas Instruments TPL0401B-10DCKR Datasheet HTML 4Page - Texas Instruments TPL0401B-10DCKR Datasheet HTML 5Page - Texas Instruments TPL0401B-10DCKR Datasheet HTML 6Page - Texas Instruments TPL0401B-10DCKR Datasheet HTML 7Page - Texas Instruments TPL0401B-10DCKR Datasheet HTML 8Page - Texas Instruments TPL0401B-10DCKR Datasheet HTML 9Page - Texas Instruments TPL0401B-10DCKR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
TPL0401A
TPL0401B
TPL0401C
SLIS144A – SEPTEMBER 2011 – REVISED MARCH 2012
www.ti.com
OPERATING SPECIFICATIONS
Typical values are specified at 25
oC and Vdd=3.3V(1)
CONDITION
PARAMETER
MIN
TYP
MAX
UNIT
S
-40 to 85oC
0.5
uA
IDD(STBY)
VDD Standby current
-40 to 125oC
1.5
uA
IIN-DIG
Digital Pins Leakage Current (SCL, SDA Inputs)
-1
1
uA
SERIAL INTERFACE SPECS (SDA, SCL)
VIH
Input high voltage
0.7 x VDD
5.5
V
VIL
Input low voltage
0
0.3 x VDD
V
SDA Pin,
VOL
Output low voltage
0.4
V
IOL = 4 mA
SCL,
CIN
Pin capacitance
7
pF
SDA Inputs
I2C INTERFACE TIMING REQUIREMENTS
STANDARD MODE I2C
FAST MODE I2C BUS
UNITS
BUS
MIN
MAX
MIN
MAX
fSCL
I2C Clock frequency
0
100
0
400
kHz
tSCH
I2C Clock high time
4
0.6
µs
tSCL
I2C Clock low time
4.7
1.3
µs
tsp
I2C Spike time
0
50
0
50
ns
tSDS
I2C Serial data setup time
250
100
ns
tSDH
I2C Serial data hold time
0
0
ns
tICR
I2C Input rise time
1000
20 + 0.1Cb
300
ns
tICF
I2C Input fall time
300
20 + 0.1Cb
300
ns
tICF
I2C Output fall time, 10 pF to 400 pF bus
300
20 + 0.1Cb
300
ns
tBUF
I2C Bus free time between stop and start
4.7
1.3
µs
tSTS
I2C Start or repeater start condition setup time
4.7
1.3
µs
tSTH
I2C Start or repeater start condition hold time
4
0.6
µs
tSPS
I2C Stop condition setup time
4
0.6
µs
tVD(DATA)
Valid data time, SCL low to SDA output valid
1
1
µs
Valid data time of ACK condition, ACK signal from SCL low
tVD(DATA)
1
1
µs
to SDA (out) low
(1)
Parameters with Min and Max limits are 100% tested at +25C, unless otherwise specified. Temperature limits established by
characterization and are not production tested
6
Submit Documentation Feedback
Copyright © 2011–2012, Texas Instruments Incorporated
Product Folder Link(s): TPL0401A TPL0401B TPL0401C


同様の部品番号 - TPL0401B-10DCKR

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPL0401B-10DCKR TI1-TPL0401B-10DCKR Datasheet
328Kb / 18P
[Old version datasheet]   128 TAPS Single Channel Digital Potentiometer with I2C Interface
TPL0401B-10DCKR TI-TPL0401B-10DCKR Datasheet
839Kb / 22P
[Old version datasheet]   128 TAPS Single Channel Digital Potentiometer with I2C Interface
TPL0401B-10DCKR TI1-TPL0401B-10DCKR Datasheet
882Kb / 22P
[Old version datasheet]   128 TAPS Single Channel Digital Potentiometer with I2C Interface
TPL0401B-10DCKR TI1-TPL0401B-10DCKR Datasheet
1Mb / 33P
[Old version datasheet]   128-TAPS Single-Channel Digital Potentiometer With I2C Interface
More results

同様の説明 - TPL0401B-10DCKR

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPL0401A TI1-TPL0401A Datasheet
328Kb / 18P
[Old version datasheet]   128 TAPS Single Channel Digital Potentiometer with I2C Interface
TPL0401A-10-Q1 TI1-TPL0401A-10-Q1 Datasheet
476Kb / 31P
[Old version datasheet]   128-TAPS Single-Channel Digital Potentiometer with I2C Interface
TPL0401A TI1-TPL0401A_17 Datasheet
1Mb / 33P
[Old version datasheet]   128-TAPS Single-Channel Digital Potentiometer With I2C Interface
TPL0401A-10 TI-TPL0401A-10_15 Datasheet
839Kb / 22P
[Old version datasheet]   128 TAPS Single Channel Digital Potentiometer with I2C Interface
TPL0401A TI1-TPL0401A_16 Datasheet
882Kb / 22P
[Old version datasheet]   128 TAPS Single Channel Digital Potentiometer with I2C Interface
logo
ON Semiconductor
CAT5132ZI-10 ONSEMI-CAT5132ZI-10 Datasheet
165Kb / 12P
   16 Volt Digital Potentiometer (POT) with 128 Taps and I2C Interface
July, 2013 ??Rev. 7
CAT5136 ONSEMI-CAT5136 Datasheet
173Kb / 11P
   Digital Potentiometers (POTs) with 128 Taps and I2C Interface
July, 2013 ??Rev. 1
logo
Texas Instruments
TPL0501 TI1-TPL0501 Datasheet
516Kb / 19P
[Old version datasheet]   256 Taps Single Channel Digital Potentiometer With SPI Interface
TPL0501-100 TI-TPL0501-100_15 Datasheet
947Kb / 22P
[Old version datasheet]   256 Taps Single Channel Digital Potentiometer With SPI Interface
TPL0501-100 TI1-TPL0501-100 Datasheet
775Kb / 21P
[Old version datasheet]   256 Taps Single Channel Digital Potentiometer With SPI Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com