データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TC253 データシート(PDF) 5 Page - Texas Instruments

部品番号 TC253
部品情報  680x500 PIXEL CCD IMAGE SENSOR
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

TC253 データシート(HTML) 5 Page - Texas Instruments

  TC253 Datasheet HTML 1Page - Texas Instruments TC253 Datasheet HTML 2Page - Texas Instruments TC253 Datasheet HTML 3Page - Texas Instruments TC253 Datasheet HTML 4Page - Texas Instruments TC253 Datasheet HTML 5Page - Texas Instruments TC253 Datasheet HTML 6Page - Texas Instruments TC253 Datasheet HTML 7Page - Texas Instruments TC253 Datasheet HTML 8Page - Texas Instruments TC253 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
TC253SPD
680×500 PIXEL CCD IMAGE SENSOR
SOCS062B – JANUARY 2001 – REVISED MAY 2002
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
Terminal Functions
TERMINAL
I/O
DESCRIPTION
NAME
NO.
I/O
DESCRIPTION
ADB
9
I
Supply voltage for amplifiers and clearing drain
CMG
6
I
Charge multiplication gate
IAG1
12
I
Image area gate 1
IAG2
2
I
Image area gate 2
NC
8
No connection
ODB
1
I
Supply voltage for antiblooming drain
VOUT
7
O
Output signal, multiplier channel
SAG1
11
I
Storage area gate 1
SAG2
3
I
Storage area gate 2
SRG1
4
I
Serial register gate 1
SRG2
5
I
Serial register gate 2
SUB
10
Chip substrate
detailed description
The TC253SPD sensor consists of four basic functional blocks: the image-sensing area, the image storage
area, the serial register, and the charge multiplier. The location of each of these blocks is identified in the
functional block diagram.
image-sensing and storage areas
Figure 1 and Figure 2 show cross sections with potential-well diagrams and top views of the pixels in the
image-sensing and storage areas. As light enters silicon in the image-sensing area, electrons are generated
and collected in potential wells of the pixels. Applying a suitable dc bias to the antiblooming drain provides
blooming protection. Electrons that exceed a specified level, determined by the ODB bias, are drained away
from the pixels. If it is necessary to remove all previously accumulated charge from the wells, a short positive
pulse must be applied to the drain. This marks the beginning of the new integration period. After the integration
cycle is completed, charge is quickly transferred into the memory where it waits for readout. The lines can be
read out from the memory in a sequential order to implement progressive scan, or two lines can be summed
together to implement the pseudo-interlace scan.
Twenty-two columns at the left edge of the image-sensing area are shielded from incident light. These pixels
provide the dark reference used in subsequent video-processing circuits to restore the video black level. An
additional four dark lines located between the image-sensing area and the image storage area were added for
isolation.


同様の部品番号 - TC253

メーカー部品番号データシート部品情報
logo
Shunye Enterprise
TC253 SHUNYE-TC253 Datasheet
196Kb / 2P
   5/16 TIN-CAN DIODES
logo
Cornell Dubilier Electr...
TC2530 CDE-TC2530 Datasheet
152Kb / 2P
   Axial Leaded Aluminum Electrolytic Capacitors
logo
Texas Instruments
TC253SPD TI-TC253SPD Datasheet
247Kb / 19P
[Old version datasheet]   680 X 500 PIXEL CCD IMAGE SENSOR
TC253SPD-30 TI-TC253SPD-30 Datasheet
286Kb / 21P
[Old version datasheet]   680 x 500 PIXEL IMPACTRON CCD IMAGE SENSOR
TC253SPD-B0 TI-TC253SPD-B0 Datasheet
367Kb / 23P
[Old version datasheet]   680 x 500 PIXEL IMPACTRON CCD IMAGE SENSOR
More results

同様の説明 - TC253

メーカー部品番号データシート部品情報
logo
Texas Instruments
TC281 TI1-TC281_03 Datasheet
268Kb / 18P
[Old version datasheet]   PIXEL CCD IMAGE SENSOR
TC255P TI1-TC255P_03 Datasheet
350Kb / 18P
[Old version datasheet]   PIXEL CCD IMAGE SENSOR
TC245_1998 TI1-TC245_1998 Datasheet
309Kb / 19P
[Old version datasheet]   pixel ccd image sensor
TC217 TI1-TC217_08 Datasheet
394Kb / 21P
[Old version datasheet]   pixel ccd image sensor
TC341 TI-TC341 Datasheet
338Kb / 17P
[Old version datasheet]   780X488 PIXEL CCD IMAGE SENSOR
TC236P TI-TC236P Datasheet
223Kb / 17P
[Old version datasheet]   680-횞500-PIXEL CCD IMAGE SENSOR
TC236 TI-TC236 Datasheet
189Kb / 15P
[Old version datasheet]   680-횞500-PIXEL CCD IMAGE SENSOR
TC237B TI-TC237B Datasheet
205Kb / 15P
[Old version datasheet]   680-횞500-PIXEL CCD IMAGE SENSOR
TC237 TI-TC237 Datasheet
191Kb / 15P
[Old version datasheet]   680- 횞 500-pixel ccd image sensor
TC271 TI1-TC271 Datasheet
373Kb / 22P
[Old version datasheet]   1080 횞 580-PIXEL CCD IMAGE SENSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com