データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TL1451AQPWRQ1 データシート(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
部品番号 TL1451AQPWRQ1
部品情報  DUAL PULSE-WIDTH-MODULATION CONTROL CIRCUITS
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

TL1451AQPWRQ1 データシート(HTML) 4 Page - Texas Instruments

  TL1451AQPWRQ1 Datasheet HTML 1Page - Texas Instruments TL1451AQPWRQ1 Datasheet HTML 2Page - Texas Instruments TL1451AQPWRQ1 Datasheet HTML 3Page - Texas Instruments TL1451AQPWRQ1 Datasheet HTML 4Page - Texas Instruments TL1451AQPWRQ1 Datasheet HTML 5Page - Texas Instruments TL1451AQPWRQ1 Datasheet HTML 6Page - Texas Instruments TL1451AQPWRQ1 Datasheet HTML 7Page - Texas Instruments TL1451AQPWRQ1 Datasheet HTML 8Page - Texas Instruments TL1451AQPWRQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
TL1451A-Q1
DUAL PULSEWIDTHMODULATION CONTROL CIRCUITS
SGLS304A − JUNE 2005 − REVISED JUNE 2008
4
www.ti.com
electrical characteristics over recommended operating free-air temperature range, VCC = 6 V,
f = 200 kHz (unless otherwise noted)
reference section
PARAMETER
TEST CONDITIONS
TL1451AQ
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
Output voltage (pin 16)
IO = 1 mA
TA = 25°C
2.4
2.5
2.6
V
Output voltage (pin 16)
IO = 1 mA
TA = MIN and 125°C
2.35
2.46
2.65
V
Output voltage change with temperature
− 0.63%
±4%}
TA = 25°C
2.0
12.5
Input voltage regulation
VCC = 3.6 V to 40 V
TA = 125°C
0.7
15
mV
Input voltage regulation
VCC = 3.6 V to 40 V
TA = MIN
0.3
30
mV
TA = 25°C
1
7.5
Output voltage regulation
IO = 0.1 mA to 1 mA
TA = 125°C
0.3
14
mV
Output voltage regulation
IO = 0.1 mA to 1 mA
TA = MIN
0.3
20
mV
Short-circuit output current
VO = 0
3
10
30
mA
† All typical values are at TA = 25°C unless otherwise indicated.
‡ These parameters are not production tested.
undervoltage lockout section
PARAMETER
TEST CONDITIONS
TL1451AQ
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
TA = 25°C
2.72
Upper threshold voltage (VCC)
TA = 125°C
1.7
V
Upper threshold voltage (VCC)
TA = MIN
3.15
V
TA = 25°C
2.6
Lower threshold voltage (VCC)
TA = 125°C
1.65
V
Lower threshold voltage (VCC)
TA = MIN
3.09
V
TA = 25°C
80
120
Hysteresis (VCC)
TA = 125°C
10
50
mV
Hysteresis (VCC)
TA = MIN
10
60
mV
TA = 25°C
1.5
Reset threshold voltage (VCC)
TA = 125°C
0.95
V
Reset threshold voltage (VCC)
TA = MIN
1.5
V
† All typical values are at TA = 25°C unless otherwise indicated.


同様の部品番号 - TL1451AQPWRQ1

メーカー部品番号データシート部品情報
logo
Texas Instruments
TL1451AQD TI-TL1451AQD Datasheet
425Kb / 29P
[Old version datasheet]   DUAL PULSE-WIDTH-MODULATION CONTROL CIRCUITS
TL1451AQD TI-TL1451AQD Datasheet
1Mb / 37P
[Old version datasheet]   SUAL PULSE-WIDTH-MODULATION CONTROL CIRCUITS
TL1451AQD TI-TL1451AQD Datasheet
1Mb / 36P
[Old version datasheet]   DUAL PULSE-WIDTH-MODULATION CONTROL CIRCUITS
TL1451AQDG4 TI-TL1451AQDG4 Datasheet
1Mb / 37P
[Old version datasheet]   SUAL PULSE-WIDTH-MODULATION CONTROL CIRCUITS
TL1451AQDR TI-TL1451AQDR Datasheet
1Mb / 37P
[Old version datasheet]   SUAL PULSE-WIDTH-MODULATION CONTROL CIRCUITS
More results

同様の説明 - TL1451AQPWRQ1

メーカー部品番号データシート部品情報
logo
Unisonic Technologies
TL1451 UTC-TL1451_05 Datasheet
254Kb / 14P
   DUAL PULSE-WIDTH-MODULATION CONTROL CIRCUITS
logo
Texas Instruments
TL1451A TI-TL1451A Datasheet
425Kb / 29P
[Old version datasheet]   DUAL PULSE-WIDTH-MODULATION CONTROL CIRCUITS
TL1451A-EP TI-TL1451A-EP_15 Datasheet
574Kb / 26P
[Old version datasheet]   DUAL PULSE-WIDTH-MODULATION CONTROL CIRCUITS
logo
Unisonic Technologies
TL1451 UTC-TL1451_15 Datasheet
404Kb / 14P
   DUAL PULSE-WIDTH-MODULATION CONTROL CIRCUITS
logo
Texas Instruments
TL1451AC TI1-TL1451AC Datasheet
494Kb / 21P
[Old version datasheet]   DUAL PULSE-WIDTH-MODULATION CONTROL CIRCUITS
logo
Unisonic Technologies
UTCTL1451 UTC-UTCTL1451 Datasheet
127Kb / 5P
   DUAL PULSE-WIDTH-MODULATION CONTROL CIRCUITS
logo
Texas Instruments
TL1451A TI-TL1451A_15 Datasheet
1Mb / 36P
[Old version datasheet]   DUAL PULSE-WIDTH-MODULATION CONTROL CIRCUITS
TL1451A-Q1 TI-TL1451A-Q1_15 Datasheet
893Kb / 26P
[Old version datasheet]   DUAL PULSE-WIDTH-MODULATION CONTROL CIRCUITS
logo
Unisonic Technologies
TL1451 UTC-TL1451_08 Datasheet
305Kb / 14P
   DUAL PULSE-WIDTH-MODULATION CONTROL CIRCUITS
logo
Texas Instruments
TL1451A-EP TI1-TL1451A-EP Datasheet
673Kb / 25P
[Old version datasheet]   DUAL PULSE-WIDTH-MODULATION CONTROL CIRCUITS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com