データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TL750L10CD データシート(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
部品番号 TL750L10CD
部品情報  LOW-DROPOUT VOLTAGE REGULATORS
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

TL750L10CD データシート(HTML) 3 Page - Texas Instruments

  TL750L10CD Datasheet HTML 1Page - Texas Instruments TL750L10CD Datasheet HTML 2Page - Texas Instruments TL750L10CD Datasheet HTML 3Page - Texas Instruments TL750L10CD Datasheet HTML 4Page - Texas Instruments TL750L10CD Datasheet HTML 5Page - Texas Instruments TL750L10CD Datasheet HTML 6Page - Texas Instruments TL750L10CD Datasheet HTML 7Page - Texas Instruments TL750L10CD Datasheet HTML 8Page - Texas Instruments TL750L10CD Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
TL750L
TL751L
www.ti.com.................................................................................................................................... SLVS017U – SEPTEMBER 1987 – REVISED SEPTEMBER 2009
Absolute Maximum Ratings
(1)
over operating junction temperature range (unless otherwise noted)
MIN
MAX
UNIT
Continuous input voltage
26
V
Transient input voltage(2)
TA = 25°C
60
V
Continuous reverse input voltage
–15
V
Transient reverse input voltage
t
≤ 100 ms
–50
V
TJ
Operating virtual junction temperature
150
°C
Lead temperature
1,6 mm (1/16 in) for 10 s
260
°C
Tstg
Storage temperature range
–65
150
°C
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
The transient input voltage rating applies to the waveform shown in Figure 1.
Package Thermal Data
(1)
PACKAGE
BOARD
θJC
θJA
PDIP (P)
High K, JESD 51-7
57°C/W
85°C/W
PowerFLEX™ (KTE)
High K, JESD 51-5
3°C/W
23°C/W
SOIC (D)
High K, JESD 51-7
39°C/W
97°C/W
TO-226/TO-92 (LP)
High K, JESD 51-7
55°C/W
140°C/W
TO-220 (KC)
High K, JESD 51-5
3°C/W
19°C/W
TO-220 (KCS)
High K, JESD 51-5
3°C/W
19°C/W
TO-252 (KVU)
High K, JESD 51-5
30.3°C/W
TO-263 (KTT)
High K, JESD 51-5
18°C/W
25.3°C/W
(1)
Maximum power dissipation is a function of TJ(max), θJA, and TA. The maximum allowable power dissipation at any allowable ambient
temperature is PD = (TJ(max) – TA)/θJA. Operating at the absolute maximum TJ of 150°C can affect reliability.
Recommended Operating Conditions
over recommended operating junction temperature range (unless otherwise noted)
MIN
MAX
UNIT
TL75xL05
6
26
TL75xL08
9
26
VI
Input voltage
V
TL75xL10
11
26
TL75xL12
13
26
VIH
High-level ENABLE input voltage
TL75xLxx
2
15
V
TJ = 25°C
TL75xLxx
–0.3
0.8
VIL
(1)
Low-level ENABLE input voltage
V
TJ = 0°C to 125°C
TL75xLxx
–0.15
0.8
IO
Output current
TL75xLxx
0
150
mA
TJ
Operating virtual junction temperature
TL75xLxxC
0
125
°C
(1)
The algebraic convention, in which the least positive (most negative) value is designated minimum, is used in this data sheet for
ENABLE voltage levels and temperature only.
Copyright © 1987–2009, Texas Instruments Incorporated
Submit Documentation Feedback
3


同様の部品番号 - TL750L10CD

メーカー部品番号データシート部品情報
logo
Texas Instruments
TL750L10CD TI-TL750L10CD Datasheet
124Kb / 18P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TL750L10CD TI-TL750L10CD Datasheet
521Kb / 20P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TL750L10CD TI-TL750L10CD Datasheet
923Kb / 26P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TL750L10CD TI1-TL750L10CD Datasheet
1Mb / 29P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TL750L10CDE4 TI-TL750L10CDE4 Datasheet
124Kb / 18P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
More results

同様の説明 - TL750L10CD

メーカー部品番号データシート部品情報
logo
Texas Instruments
TL750L TI-TL750L Datasheet
124Kb / 18P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TPS7101Q TI-TPS7101Q_07 Datasheet
829Kb / 40P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TL750M TI-TL750M_08 Datasheet
812Kb / 22P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
logo
IK Semicon Co., Ltd
IL2931AZ-5 IKSEMICON-IL2931AZ-5 Datasheet
120Kb / 3P
   LOW DROPOUT VOLTAGE REGULATORS
logo
Texas Instruments
TL750M05 TI-TL750M05_15 Datasheet
1Mb / 24P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TPS7101Q TI-TPS7101Q_08 Datasheet
858Kb / 40P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TL75LP05 TI1-TL75LP05 Datasheet
237Kb / 15P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TPS7101Q TI-TPS7101Q Datasheet
541Kb / 33P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TPS71H01Q TI-TPS71H01Q Datasheet
634Kb / 40P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TPS7133Q TI-TPS7133Q Datasheet
690Kb / 31P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
logo
STMicroelectronics
L2605 STMICROELECTRONICS-L2605 Datasheet
79Kb / 6P
   LOW DROPOUT VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com