データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TL2844BQDRQ1 データシート(PDF) 6 Page - Texas Instruments

部品番号 TL2844BQDRQ1
部品情報  HIGH-PERFORMANCE CURRENT-MODE PWM CONTROLLER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

TL2844BQDRQ1 データシート(HTML) 6 Page - Texas Instruments

Back Button TL2844BQDRQ1 Datasheet HTML 2Page - Texas Instruments TL2844BQDRQ1 Datasheet HTML 3Page - Texas Instruments TL2844BQDRQ1 Datasheet HTML 4Page - Texas Instruments TL2844BQDRQ1 Datasheet HTML 5Page - Texas Instruments TL2844BQDRQ1 Datasheet HTML 6Page - Texas Instruments TL2844BQDRQ1 Datasheet HTML 7Page - Texas Instruments TL2844BQDRQ1 Datasheet HTML 8Page - Texas Instruments TL2844BQDRQ1 Datasheet HTML 9Page - Texas Instruments TL2844BQDRQ1 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
TL2843B-Q1
SLVSAE2A
– JULY 2010 – REVISED FEBRUARY 2012
www.ti.com
Output Section Electrical Characteristics
VCC = 15 V
(1), R
T = 10 kΩ, CT = 3.3 nF, over recommended operating free-air temperature range (unless otherwise specified)
TL284xB
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP(2)
MAX
IOH = –20 mA
13
13.5
High-level output voltage
V
IOH = –200 mA
12
13.5
IOL = 20 mA
0.1
0.4
Low-level output voltage
V
IOL = 200 mA
1.5
2.2
Rise time(3)
CL = 1 nF, TJ = 25°C
50
150
ns
Fall time(3)
CL = 1 nF, TJ = 25°C
50
150
ns
UVLO saturation(3)
VCC = 5 V, IOL = 1 mA
0.7
1.2
V
(1)
Adjust VCC above the start threshold before setting it to 15 V.
(2)
All typical values are at TJ = 25°C.
(3)
Specified by design. Not production tested.
UNDERVOLTAGE-LOCKOUT SECTION ELECTRICAL CHARACTERISTICS
VCC = 15 V
(1), R
T = 10 kΩ, CT = 3.3 nF, over recommended operating free-air temperature range (unless otherwise specified)
TL284xB
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP(2)
MAX
Start threshold voltage
7.8
8.4
9
V
Minimum operating voltage after start-up
7
7.6
8.2
V
(1)
Adjust VCC above the start threshold before setting it to 15 V.
(2)
All typical values are at TJ = 25°C.
PULSE-WIDTH MODULATOR SECTION ELECTRICAL CHARACTERISTICS
VCC = 15 V
(1), R
T = 10 kΩ, CT = 3.3 nF, over recommended operating free-air temperature range (unless otherwise specified)
TL284xB
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP(2)
MAX
Maximum duty cycle(3)
94
96
100
%
Minimum duty cycle
0
%
(1)
Adjust VCC above the start threshold before setting it to 15 V.
(2)
All typical values are at TJ = 25°C.
(3)
Specified by design. Not production tested.
SUPPLY VOLTAGE ELECTRICAL CHARACTERISTICS
VCC = 15 V
(1), R
T = 10 kΩ, CT = 3.3 nF, over recommended operating free-air temperature range (unless otherwise specified)
TL284xB
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP(2)
MAX
Start-up current
0.3
0.5
mA
Operating supply current
VFB and ISENSE at 0 V
11
17
mA
Limiting voltage
ICC = 25 mA
30
34
V
(1)
Adjust VCC above the start threshold before setting it to 15 V.
(2)
All typical values are at TJ = 25°C.
6
Submit Documentation Feedback
Copyright
© 2010–2012, Texas Instruments Incorporated
Product Folder Link(s): TL2843B-Q1


同様の部品番号 - TL2844BQDRQ1

メーカー部品番号データシート部品情報
logo
Texas Instruments
TL2844B TI-TL2844B Datasheet
339Kb / 21P
[Old version datasheet]   HIGH-PERFORMANCE CURRENT-MODE PWM CONTROLLERS
TL2844B TI-TL2844B Datasheet
343Kb / 21P
[Old version datasheet]   HIGH-PERFORMANCE CURRENT-MODE PWM CONTROLLERS
TL2844BD TI-TL2844BD Datasheet
339Kb / 21P
[Old version datasheet]   HIGH-PERFORMANCE CURRENT-MODE PWM CONTROLLERS
TL2844BD TI-TL2844BD Datasheet
343Kb / 21P
[Old version datasheet]   HIGH-PERFORMANCE CURRENT-MODE PWM CONTROLLERS
TL2844BD TI1-TL2844BD Datasheet
729Kb / 24P
[Old version datasheet]   HIGH-PERFORMANCE CURRENT-MODE PWM CONTROLLERS
More results

同様の説明 - TL2844BQDRQ1

メーカー部品番号データシート部品情報
logo
STMicroelectronics
UC2842B STMICROELECTRONICS-UC2842B Datasheet
135Kb / 15P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
UC3842B STMICROELECTRONICS-UC3842B Datasheet
135Kb / 15P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
UC2842A STMICROELECTRONICS-UC2842A Datasheet
167Kb / 16P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
UC3844BD1013TR STMICROELECTRONICS-UC3844BD1013TR Datasheet
239Kb / 15P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
UC3845BD1013TR STMICROELECTRONICS-UC3845BD1013TR Datasheet
239Kb / 15P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
E-UC3843BD1 STMICROELECTRONICS-E-UC3843BD1 Datasheet
239Kb / 15P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
logo
Holtek Semiconductor In...
HT7A3942 HOLTEK-HT7A3942 Datasheet
1Mb / 11P
   High Performance Current Mode PWM Controller
logo
Semtech Corporation
SC4809A SEMTECH-SC4809A_16 Datasheet
321Kb / 16P
   High Performance Current Mode PWM Controller
logo
STMicroelectronics
UC3844T STMICROELECTRONICS-UC3844T Datasheet
228Kb / 15P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
logo
Texas Instruments
TL2843B-Q1 TI-TL2843B-Q1_15 Datasheet
286Kb / 18P
[Old version datasheet]   HIGH-PERFORMANCE CURRENT-MODE PWM CONTROLLER
logo
List of Unclassifed Man...
M5576 ETC-M5576 Datasheet
686Kb / 10P
   High performance current mode PWM controller
V1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com