データシートサーチシステム |
|
TL4051CIDCKT データシート(PDF) 4 Page - Texas Instruments |
|
TL4051CIDCKT データシート(HTML) 4 Page - Texas Instruments |
4 / 27 page www.ti.com CATHODE ANODE _ + FB (seeNote A) V (seeNote A) REF See NoteB See NoteB Absolute Maximum Ratings (1) Recommended Operating Conditions TL4051 PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE SLOS487 – JUNE 2007 FUNCTIONAL BLOCK DIAGRAM A. TL4051x (Adjustable) only B. TL4051x12 only over free-air temperature range (unless otherwise noted) MIN MAX UNIT VZ Continuous cathode voltage 15 V IZ Continuous cathode current –10 20 mA DBZ package 206 θ JA Package thermal impedance(2)(3) °C/W DCK package 252 TJ Operating virtual junction temperature 150 °C Tstg Storage temperature range –65 150 °C (1) Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating Conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. (2) Maximum power dissipation is a function of TJ(max), θJA, and TA. The maximum allowable power dissipation at any allowable ambient temperature is PD = (TJ(max) – TA)/θJA. Operating at the absolute maximum TJ of 150°C can affect reliability. (3) The package thermal impedance is calculated in accordance with JESD 51-7. MIN MAX UNIT IZ Cathode current (1) 12 mA VZ Reverse breakdown voltage (adjustable version) 10 V I temperature –40 85 TA Free-air temperature °C Q temperature –40 125 (1) See parametric tables 4 Submit Documentation Feedback |
同様の部品番号 - TL4051CIDCKT |
|
同様の説明 - TL4051CIDCKT |