データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TL750L10QP データシート(PDF) 1 Page - Texas Instruments

部品番号 TL750L10QP
部品情報  LOW-DROPOUT VOLTAGE REGULATORS
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

TL750L10QP データシート(HTML) 1 Page - Texas Instruments

  TL750L10QP Datasheet HTML 1Page - Texas Instruments TL750L10QP Datasheet HTML 2Page - Texas Instruments TL750L10QP Datasheet HTML 3Page - Texas Instruments TL750L10QP Datasheet HTML 4Page - Texas Instruments TL750L10QP Datasheet HTML 5Page - Texas Instruments TL750L10QP Datasheet HTML 6Page - Texas Instruments TL750L10QP Datasheet HTML 7Page - Texas Instruments TL750L10QP Datasheet HTML 8Page - Texas Instruments TL750L10QP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
TL750L . . . LP PACKAGE
(TO-92, TO-226AA)
(TOP VIEW)
INPUT
COMMON
OUTPUT
OUTPUT
NC
NC
NC
INPUT
NC
COMMON
ENABLE
TL751L . . .P PACKAGE
(TOP VIEW)
8
7
6
5
1
2
3
4
OUTPUT
COMMON
COMMON
NC
INPUT
COMMON
COMMON
ENABLE
TL751L . . . D PACKAGE
(TOP VIEW)
8
7
6
5
1
2
3
4
8
7
6
5
OUTPUT
COMMON
COMMON
NC
INPUT
COMMON
COMMON
NC
TL750L . . . D PACKAGE
(TOP VIEW)
1
2
3
4
TL750L . . . KC PACKAGE
(TOP VIEW)
COMMON
OUTPUT
INPUT
TL750L . . . KCS PACKAGE
(TOP VIEW)
COMMON
OUTPUT
INPUT
TL750L . . . KTE PACKAGE
(TOP VIEW)
OUTPUT
COMMON
INPUT
OUTPUT
COMMON
INPUT
TL750L . . . KVU PACKAGE
(TOP VIEW)
TL750L . . . KTT PACKAGE
(TOP VIEW)
OUTPUT
COMMON
INPUT
NC – No internal connection
NC – No internal connection
NC – No internal connection
TL750L
TL751L
www.ti.com.................................................................................................................................... SLVS017U – SEPTEMBER 1987 – REVISED SEPTEMBER 2009
LOW-DROPOUT VOLTAGE REGULATORS
1
FEATURES
Very Low Dropout Voltage, Less Than 0.6 V at
Reverse Transient Protection Down to –50 V
150 mA
Internal Thermal-Overload Protection
Very Low Quiescent Current
Overvoltage Protection
TTL- and CMOS-Compatible Enable on TL751L
Internal Overcurrent-Limiting Circuitry
Series
Less Than 500-
μA Disable (TL751L Series)
60-V Load-Dump Protection
DESCRIPTION/ORDERING INFORMATION
The TL750L and TL751L series of fixed-output voltage regulators offer 5-V, 8-V, 10-V, and 12-V options. The
TL751L series also has an enable (ENABLE) input. When ENABLE is high, the regulator output is placed in the
high-impedance state. This gives the designer complete control over power up, power down, or emergency
shutdown.
The TL750L and TL751L series are low-dropout positive-voltage regulators specifically designed for
battery-powered systems. These devices incorporate overvoltage and current-limiting protection circuitry, along
with internal reverse-battery protection circuitry to protect the devices and the regulated system. The series is
fully protected against 60-V load-dump and reverse-battery conditions. Extremely low quiescent current during
full-load conditions makes these devices ideal for standby power systems.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 1987–2009, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


同様の部品番号 - TL750L10QP

メーカー部品番号データシート部品情報
logo
Texas Instruments
TL750L10QP TI-TL750L10QP Datasheet
124Kb / 18P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TL750L10QP TI-TL750L10QP Datasheet
521Kb / 20P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TL750L10QP TI-TL750L10QP Datasheet
923Kb / 26P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TL750L10QP TI1-TL750L10QP Datasheet
1Mb / 29P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
More results

同様の説明 - TL750L10QP

メーカー部品番号データシート部品情報
logo
Texas Instruments
TL750L TI-TL750L Datasheet
124Kb / 18P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TPS7101Q TI-TPS7101Q_07 Datasheet
829Kb / 40P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TL750M TI-TL750M_08 Datasheet
812Kb / 22P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
logo
IK Semicon Co., Ltd
IL2931AZ-5 IKSEMICON-IL2931AZ-5 Datasheet
120Kb / 3P
   LOW DROPOUT VOLTAGE REGULATORS
logo
Texas Instruments
TL750M05 TI-TL750M05_15 Datasheet
1Mb / 24P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TPS7101Q TI-TPS7101Q_08 Datasheet
858Kb / 40P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TL75LP05 TI1-TL75LP05 Datasheet
237Kb / 15P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TPS7101Q TI-TPS7101Q Datasheet
541Kb / 33P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TPS71H01Q TI-TPS71H01Q Datasheet
634Kb / 40P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TPS7133Q TI-TPS7133Q Datasheet
690Kb / 31P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
logo
STMicroelectronics
L2605 STMICROELECTRONICS-L2605 Datasheet
79Kb / 6P
   LOW DROPOUT VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com