データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SM320C6455BGTZSEP データシート(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
部品番号 SM320C6455BGTZSEP
部品情報  FIXED-POINT DIGITAL SIGNAL PROCESSOR
Download  254 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

SM320C6455BGTZSEP データシート(HTML) 8 Page - Texas Instruments

Back Button SM320C6455BGTZSEP Datasheet HTML 4Page - Texas Instruments SM320C6455BGTZSEP Datasheet HTML 5Page - Texas Instruments SM320C6455BGTZSEP Datasheet HTML 6Page - Texas Instruments SM320C6455BGTZSEP Datasheet HTML 7Page - Texas Instruments SM320C6455BGTZSEP Datasheet HTML 8Page - Texas Instruments SM320C6455BGTZSEP Datasheet HTML 9Page - Texas Instruments SM320C6455BGTZSEP Datasheet HTML 10Page - Texas Instruments SM320C6455BGTZSEP Datasheet HTML 11Page - Texas Instruments SM320C6455BGTZSEP Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 254 page
background image
www.ti.com
1.1
ZTZ/GTZ BGA Package (Bottom View)
ZTZ/GTZ 697-PIN BALL GRID ARRAY (BGA) PACKAGE
( BOTTOM VIEW )
A
2
B
1
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
C
D
E
F
G
H
J
K
L
M
N
P
R
T
U
V
W
Y
AA
AB
AC
AD
AE
AF
27
28
29
AG
AH
AJ
NOTE: The ZTZ mechanical package designator represents the version of the GTZ package with lead-free balls. For more detailed information,
see the Mechanical Data section of this document.
1.2
Description
SM320C6455-EP
FIXED-POINT DIGITAL SIGNAL PROCESSOR
SPRS462B – SEPTEMBER 2007 – REVISED JANUARY 2008
• System PLL and PLL Controller
Boundary-Scan-Compatible
• Secondary PLL and PLL Controller, Dedicated
• 697-Pin Ball Grid Array (BGA) Package
to EMAC and DDR2 Memory Controller
(ZTZ or GTZ Suffix), 0.8 mm Ball Pitch
• Advanced Event Triggering (AET) Compatible
• 0.09 µm/7-Level Cu Metal Process (CMOS)
• Trace-Enabled Device
• 3.3/1.8/1.5/1.25/1.2 V I/Os, 1.25/1.2 V Internal
• IEEE-1149.1 (JTAG™)
Figure 1-1 shows the SM320C6455-EP device 697-pin ball grid array package (bottom view).
Figure 1-1. ZTZ/GTZ BGA Package (Bottom View)
The C64x+™ DSPs (including the SM320C6455-EP device) are the highest-performance fixed-point DSP
generation in the C6000™ DSP platform. The C6455 device is based on the third-generation
high-performance, advanced VelociTI™ very-long-instruction-word (VLIW) architecture developed by
Texas Instruments (TI), making these DSPs an excellent choice for applications including video and
telecom infrastructure, imaging/medical, and wireless infrastructure (WI). The C64x+™ devices are
upward code-compatible from previous devices that are part of the C6000™ DSP platform.
Based on 90-nm process technology and with performance of up to 9600 million instructions per second
(MIPS) [or 9600 16 bit MMACs per cycle] at a 1.2-GHz clock rate, the C6455 device offers cost-effective
solutions to high-performance DSP programming challenges. The C6455 DSP possesses the operational
flexibility of high-speed controllers and the numerical capability of array processors.
Features
8
Submit Documentation Feedback


同様の部品番号 - SM320C6455BGTZSEP

メーカー部品番号データシート部品情報
logo
Texas Instruments
SM320C6457-HIREL TI1-SM320C6457-HIREL Datasheet
1Mb / 209P
[Old version datasheet]   SM320C6457-HIREL Communications Infrastructure Digital Signal Processor
SM320C6457CGMHS TI1-SM320C6457CGMHS Datasheet
1Mb / 209P
[Old version datasheet]   SM320C6457-HIREL Communications Infrastructure Digital Signal Processor
More results

同様の説明 - SM320C6455BGTZSEP

メーカー部品番号データシート部品情報
logo
Texas Instruments
TMS320C6455 TI1-TMS320C6455_17 Datasheet
1Mb / 256P
[Old version datasheet]   Fixed-Point Digital Signal Processor
SM320VC5507-EP TI1-SM320VC5507-EP_14 Datasheet
1Mb / 109P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320C6424 TI1-TMS320C6424_17 Datasheet
1Mb / 249P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5441 TI1-TMS320VC5441_17 Datasheet
1Mb / 91P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5504 TI1-TMS320VC5504_13 Datasheet
742Kb / 123P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5505 TI1-TMS320VC5505_13 Datasheet
865Kb / 136P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5441 TI1-TMS320VC5441_15 Datasheet
1Mb / 91P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320UC5409 TI1-TMS320UC5409_16 Datasheet
1Mb / 81P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
TMS320C6203B TI1-TMS320C6203B_15 Datasheet
1Mb / 109P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
SM320C6201-EP TI1-SM320C6201-EP Datasheet
876Kb / 59P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
TMS320LC549PGE-80 TI1-TMS320LC549PGE-80 Datasheet
818Kb / 63P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com