データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SM320LF2407-EP データシート(PDF) 3 Page - Texas Instruments

部品番号 SM320LF2407-EP
部品情報  DSP CONTROLLERS
Download  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

SM320LF2407-EP データシート(HTML) 3 Page - Texas Instruments

  SM320LF2407-EP Datasheet HTML 1Page - Texas Instruments SM320LF2407-EP Datasheet HTML 2Page - Texas Instruments SM320LF2407-EP Datasheet HTML 3Page - Texas Instruments SM320LF2407-EP Datasheet HTML 4Page - Texas Instruments SM320LF2407-EP Datasheet HTML 5Page - Texas Instruments SM320LF2407-EP Datasheet HTML 6Page - Texas Instruments SM320LF2407-EP Datasheet HTML 7Page - Texas Instruments SM320LF2407-EP Datasheet HTML 8Page - Texas Instruments SM320LF2407-EP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 112 page
background image
SM320LF2407AEP
DSP CONTROLLERS
SGUS036B − JULY 2003 − REVISED OCTOBER 2003
3
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
description
The SM320LF2407A-EP is a member of the TMS320C24x
 generation of digital signal processor (DSP)
controllers, and is part of the TMS320C2000
 platform of fixed-point DSPs. The 240xA devices offer the
enhanced TMS320
 DSP architectural design of the C2xx core CPU for low-cost, low-power, and
high-performance processing capabilities. Several advanced peripherals, optimized for digital motor and
motion control applications, have been integrated to provide a true single-chip DSP controller. While
code-compatible with the existing C24x
 DSP controller devices, the 2407A offers increased processing
performance (40 MIPS) and a higher level of peripheral integration. See the TMS320x240xA Device Summary
section for device-specific features.
The 240xA generation offers an array of memory sizes and different peripherals tailored to meet the specific
price/performance points required by various applications. Flash devices of up to 32K words offer a
cost-effective reprogrammable solution for volume production. The 240xA devices offer a password-based
“code security” feature which is useful in preventing unauthorized duplication of proprietary code stored in
on-chip Flash/ROM. Note that Flash-based devices contain a 256-word boot ROM to facilitate in-circuit
programming. The 240xA family also includes ROM devices that are fully pin-to-pin compatible with their Flash
counterparts.
All 240xA devices offer at least one event manager module which has been optimized for digital motor control
and power conversion applications. Capabilities of this module include center- and/or edge-aligned PWM
generation, programmable deadband to prevent shoot-through faults, and synchronized analog-to-digital
conversion. Devices with dual event managers enable multiple motor and/or converter control with a single
240xA DSP controller. Select EV pins have been provided with an “input-qualifier” circuitry, which minimizes
inadvertent pin-triggering by glitches.
The high-performance, 10-bit analog-to-digital converter (ADC) has a minimum conversion time of 375 ns and
offers up to 16 channels of analog input. The autosequencing capability of the ADC allows a maximum of
16 conversions to take place in a single conversion session without any CPU overhead.
A serial communications interface (SCI) is integrated on all devices to provide asynchronous communication
to other devices in the system. For systems requiring additional communication interfaces, the 2407A offers a
16-bit synchronous serial peripheral interface (SPI). The 2407A offers a controller area network (CAN)
communications module that meets 2.0B specifications. To maximize device flexibility, functional pins are also
configurable as general-purpose inputs/outputs (GPIOs).
To streamline development time, JTAG-compliant scan-based emulation has been integrated into all devices.
This provides non-intrusive real-time capabilities required to debug digital control systems. A complete suite
of code-generation tools from C compilers to the industry-standard Code Composer Studio
 debugger
supports this family. Numerous third-party developers not only offer device-level development tools, but also
system-level design and development support.
TMS320C24x, TMS320C2000, TMS320, and C24x are trademarks of Texas Instruments.


同様の部品番号 - SM320LF2407-EP

メーカー部品番号データシート部品情報
logo
Texas Instruments
SM320LF2407A-EP TI1-SM320LF2407A-EP Datasheet
1Mb / 112P
[Old version datasheet]   DSP CONTROLLERS
SM320LF2407APGEMEP TI1-SM320LF2407APGEMEP Datasheet
1Mb / 112P
[Old version datasheet]   DSP CONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com