データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SM320VC5507PGESEP データシート(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
部品番号 SM320VC5507PGESEP
部品情報  Fixed-Point Digital Signal Processor
Download  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

SM320VC5507PGESEP データシート(HTML) 9 Page - Texas Instruments

Back Button SM320VC5507PGESEP Datasheet HTML 5Page - Texas Instruments SM320VC5507PGESEP Datasheet HTML 6Page - Texas Instruments SM320VC5507PGESEP Datasheet HTML 7Page - Texas Instruments SM320VC5507PGESEP Datasheet HTML 8Page - Texas Instruments SM320VC5507PGESEP Datasheet HTML 9Page - Texas Instruments SM320VC5507PGESEP Datasheet HTML 10Page - Texas Instruments SM320VC5507PGESEP Datasheet HTML 11Page - Texas Instruments SM320VC5507PGESEP Datasheet HTML 12Page - Texas Instruments SM320VC5507PGESEP Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 108 page
background image
SM320VC5507-EP
www.ti.com
SPRS613 – SEPTEMBER 2009
Fixed-Point Digital Signal Processor
Check for Samples: SM320VC5507-EP
1
Features
1
• High-Performance, Low-Power, Fixed-Point
• On-Chip Peripherals
SMS320C5507 Digital Signal Processor
– Two 20-Bit Timers
– 9.26-, 6.95-, 5-ns Instruction Cycle Time
– Watchdog Timer
– 108-, 144-, 200-MHz Clock Rate
– Six-Channel Direct Memory Access (DMA)
– One/Two Instruction(s) Executed per Cycle
Controller
– Dual Multipliers (Up to 400 Million
– Three Multichannel Buffered Serial Ports
Multiply-Accumulates per Second (MMACS))
(McBSPs)
– Two Arithmetic/Logic Units (ALUs)
– Programmable Phase-Locked Loop Clock
Generator
– Three Internal Data/Operand Read Buses
and Two Internal Data/Operand Write Buses
– Seven (LQFP) or Eight (BGA) General-
Purpose I/O (GPIO) Pins and a General-
• 64K x 16-Bit On-Chip RAM, Composed of:
Purpose Output Pin (XF)
– 64K Bytes of Dual-Access RAM (DARAM) 8
– USB Full-Speed (12 Mbps) Slave Port
Blocks of 4K x 16-Bit
Supporting Bulk, Interrupt and Isochronous
– 64K Bytes of Single-Access RAM (SARAM) 8
Transfers
Blocks of 4K x 16-Bit
– Inter-Integrated Circuit (I2C) Multi-Master and
• 64K Bytes of One-Wait-State On-Chip ROM
Slave Interface
(32K x 16-Bit)
– Real-Time Clock (RTC) With Crystal Input,
• 8M x 16-Bit Maximum Addressable External
Separate Clock Domain, Separate Power
Memory Space (Synchronous DRAM)
Supply
• 16-Bit External Parallel Bus Memory
– 4-Channel (BGA) or 2-Channel (LQFP) 10-Bit
Supporting Either:
Successive Approximation A/D
– External Memory Interface (EMIF) With GPIO
• IEEE Std 1149.1(1) (JTAG) Boundary Scan Logic
Capabilities and Glueless Interface to:
• Packages:
Asynchronous Static RAM (SRAM)
– 144-Terminal Low-Profile Quad Flatpack
Asynchronous EPROM
(LQFP) (PGE Suffix)
Synchronous DRAM (SDRAM)
• 1.2-V Core (108 MHz), 2.7-V – 3.6-V I/Os
– 16-Bit Parallel Enhanced Host-Port Interface
• 1.35-V Core (144 MHz), 2.7-V – 3.6-V I/Os
(EHPI) With GPIO Capabilities
• 1.6-V Core (200 MHz), 2.7-V – 3.6-V I/Os
• Programmable Low-Power Control of Six
Device Functional Domains
(1)
IEEE Standard 1149.1-1990 Standard-Test-Access Port and
• On-Chip Scan-Based Emulation Logic
Boundary Scan Architecture.
1.1
SUPPORTS DEFENSE, AEROSPACE, AND MEDICAL APPLICATIONS
Controlled Baseline
One Assembly/Test Site
One Fabrication Site
Available in Military (–55°C/125°C) Temperature Range(2)
Extended Product Life Cycle
Extended Product-Change Notification
Product Traceability
(2)
Additional temperature ranges are available - contact factory
1
C55x, eXpressDSP, Code Composer Studio, DSP/BIOS, RTDX, XDS510, TMS320, TMS320C5000, TMS320C55x, TMS320C55x are
trademarks of Texas Instruments.
Copyright © 2009, Texas Instruments Incorporated
Features
9


同様の部品番号 - SM320VC5507PGESEP

メーカー部品番号データシート部品情報
logo
Texas Instruments
SM320VC5507PGESEP TI1-SM320VC5507PGESEP Datasheet
1Mb / 109P
[Old version datasheet]   Fixed-Point Digital Signal Processor
More results

同様の説明 - SM320VC5507PGESEP

メーカー部品番号データシート部品情報
logo
Texas Instruments
TMS320C6455 TI1-TMS320C6455_17 Datasheet
1Mb / 256P
[Old version datasheet]   Fixed-Point Digital Signal Processor
SM320VC5507-EP TI1-SM320VC5507-EP_14 Datasheet
1Mb / 109P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320C6424 TI1-TMS320C6424_17 Datasheet
1Mb / 249P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5441 TI1-TMS320VC5441_17 Datasheet
1Mb / 91P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5504 TI1-TMS320VC5504_13 Datasheet
742Kb / 123P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5505 TI1-TMS320VC5505_13 Datasheet
865Kb / 136P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5441 TI1-TMS320VC5441_15 Datasheet
1Mb / 91P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320UC5409 TI1-TMS320UC5409_16 Datasheet
1Mb / 81P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
TMS320C6203B TI1-TMS320C6203B_15 Datasheet
1Mb / 109P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
SM320C6201-EP TI1-SM320C6201-EP Datasheet
876Kb / 59P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
TMS320LC549PGE-80 TI1-TMS320LC549PGE-80 Datasheet
818Kb / 63P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com