データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TLV2461AQPWRG4Q1 データシート(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
部品番号 TLV2461AQPWRG4Q1
部品情報  LOW-POWER RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

TLV2461AQPWRG4Q1 データシート(HTML) 11 Page - Texas Instruments

Back Button TLV2461AQPWRG4Q1 Datasheet HTML 7Page - Texas Instruments TLV2461AQPWRG4Q1 Datasheet HTML 8Page - Texas Instruments TLV2461AQPWRG4Q1 Datasheet HTML 9Page - Texas Instruments TLV2461AQPWRG4Q1 Datasheet HTML 10Page - Texas Instruments TLV2461AQPWRG4Q1 Datasheet HTML 11Page - Texas Instruments TLV2461AQPWRG4Q1 Datasheet HTML 12Page - Texas Instruments TLV2461AQPWRG4Q1 Datasheet HTML 13Page - Texas Instruments TLV2461AQPWRG4Q1 Datasheet HTML 14Page - Texas Instruments TLV2461AQPWRG4Q1 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 38 page
background image
10k
100k
Frequency, f (Hz)
1M
10M
3
2
1
0
2.5
1.5
0.5
VDD = 3 V
AV = 10
THD = 1%
RL = 10 k
Frequency, f (Hz)
10M
10k
100k
1M
3
2
1
0
2.5
1.5
0.5
VDD = 5 V
AV = 10
THD = 1%
RL = 10 k
3.5
5
4
5.5
4.5
Frequency, f (Hz)
40
20
0
–20
100
10k
50
30
10
–10
1k
60
80
10
70
90
140 °
200 °
120 °
100 °
80°
100
60°
40°
20°
20°
40°
180 °
160 °
AVD
Phase
VDD = ±1.5 V
RL = 10 k
CL = 0
TA = 25°C
100k
1M
10M
140°
200°
120°
100°
80°
60°
40°
20°
20°
40°
180°
160°
AVD
Phase
VDD = ±2.5 V
RL = 10 k
CL = 0
TA = 25°C
40
20
0
–20
50
30
10
–10
60
80
70
90
100
Frequency, f (Hz)
100
10k
1k
10
100k
1M
10M
TLV2460-Q1, TLV2461-Q1, TLV2462-Q1, TLV2463-Q1, TLV2464-Q1
TLV2460A-Q1, TLV2461A-Q1, TLV2462A-Q1, TLV2463A-Q1, TLV2464A-Q1
www.ti.com
SGLS008D – MARCH 2003 – REVISED SEPTEMBER 2010
PEAK-TO-PEAK OUTPUT VOLTAGE
PEAK-TO-PEAK OUTPUT VOLTAGE
vs
vs
FREQUENCY
FREQUENCY
Figure 9.
Figure 10.
OPEN-LOOP GAIN AND PHASE
OPEN-LOOP GAIN AND PHASE
vs
vs
FREQUENCY
FREQUENCY
Figure 11.
Figure 12.
Copyright © 2003–2010, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): TLV2460-Q1 TLV2461-Q1 TLV2462-Q1 TLV2463-Q1 TLV2464-Q1 TLV2460A-Q1
TLV2461A-Q1 TLV2462A-Q1 TLV2463A-Q1 TLV2464A-Q1


同様の部品番号 - TLV2461AQPWRG4Q1

メーカー部品番号データシート部品情報
logo
Texas Instruments
TLV2461AQPWRG4Q1 TI1-TLV2461AQPWRG4Q1 Datasheet
2Mb / 46P
[Old version datasheet]   Low-Power Rail-to-Rail Input/Output Operational Amplifiers
More results

同様の説明 - TLV2461AQPWRG4Q1

メーカー部品番号データシート部品情報
logo
Texas Instruments
TLV2460 TI-TLV2460_07 Datasheet
1Mb / 58P
[Old version datasheet]   FAMILY OF LOW-POWER RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2460 TI-TLV2460 Datasheet
1Mb / 54P
[Old version datasheet]   FAMILY OF LOW-POWER RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2460A-Q1 TI-TLV2460A-Q1 Datasheet
692Kb / 33P
[Old version datasheet]   FAMILY OF LOW POWER RAIL TO RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2460 TI1-TLV2460_16 Datasheet
2Mb / 71P
[Old version datasheet]   FAMILY OF LOW-POWER RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
logo
National Semiconductor ...
LMV341 NSC-LMV341_14 Datasheet
1Mb / 35P
   RAIL-TO-RAIL OUTPUT CMOS OPERATIONAL AMPLIFIERS WITH SHUTDOWN
logo
Texas Instruments
LMV341 TI-LMV341 Datasheet
871Kb / 27P
[Old version datasheet]   RAIL-TO-RAIL OUTPUT CMOS OPERATIONAL AMPLIFIERS WITH SHUTDOWN
logo
STMicroelectronics
TS951 STMICROELECTRONICS-TS951 Datasheet
118Kb / 13P
   INPUT/OUTPUT RAIL TO RAIL LOW POWER OPERATIONAL AMPLIFIERS
August 1999
logo
Texas Instruments
TLV2460-Q1 TI1-TLV2460-Q1_16 Datasheet
2Mb / 46P
[Old version datasheet]   Low-Power Rail-to-Rail Input/Output Operational Amplifiers
TLV341_101 TI-TLV341_101 Datasheet
1Mb / 34P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT CMOS OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV341 TI-TLV341_07 Datasheet
719Kb / 24P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT CMOS OPERATIONAL AMPLIFIERS WITH SHUTDOWN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com