データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TLV2463AQPWRG4Q1 データシート(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
部品番号 TLV2463AQPWRG4Q1
部品情報  LOW-POWER RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

TLV2463AQPWRG4Q1 データシート(HTML) 6 Page - Texas Instruments

Back Button TLV2463AQPWRG4Q1 Datasheet HTML 2Page - Texas Instruments TLV2463AQPWRG4Q1 Datasheet HTML 3Page - Texas Instruments TLV2463AQPWRG4Q1 Datasheet HTML 4Page - Texas Instruments TLV2463AQPWRG4Q1 Datasheet HTML 5Page - Texas Instruments TLV2463AQPWRG4Q1 Datasheet HTML 6Page - Texas Instruments TLV2463AQPWRG4Q1 Datasheet HTML 7Page - Texas Instruments TLV2463AQPWRG4Q1 Datasheet HTML 8Page - Texas Instruments TLV2463AQPWRG4Q1 Datasheet HTML 9Page - Texas Instruments TLV2463AQPWRG4Q1 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 38 page
background image
TLV2460-Q1, TLV2461-Q1, TLV2462-Q1, TLV2463-Q1, TLV2464-Q1
TLV2460A-Q1, TLV2461A-Q1, TLV2462A-Q1, TLV2463A-Q1, TLV2464A-Q1
SGLS008D – MARCH 2003 – REVISED SEPTEMBER 2010
www.ti.com
ELECTRICAL CHARACTERISTICS
at specified free-air temperature, VDD = 5 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TA
(1)
MIN
TYP
MAX
UNIT
25°C
150
2000
VDD = 5 V,
TLV246x
Full range
2200
VIC = 2.5 V,
VIO
Input offset voltage
mV
VO = 2.5 V,
25°C
150
1500
TLV246xA
RS = 50 Ω
Full range
1700
Temperature coefficient of
VDD = 5 V, VIC = 2.5 V,
aVIO
2
mV/°C
input offset voltage
VO = 2.5 V, RS = 50 Ω
25°C
0.3
7
VDD = 5 V, VIC = 2.5 V,
IIO
Input offset current
pA
VO = 2.5 V, RS = 50 Ω
Full range
60
25°C
1.3
14
VDD = 5 V, VIC = 2.5 V,
IIB
Input bias current
pA
VO = 2.5 V, RS = 50 Ω
Full range
60
25°C
4.9
IO = –2.5 mA
Full range
4.8
25°C
4.8
VOH
High-level output voltage
TLV246x,TLV246xA
V
Full range
4.7
IO = –10 mA
25°C
4.8
TLV2462QDGKRQ1
Full range
4.4
25°C
0.1
VIC = 2.5 V, IOL = 2.5 mA
Full range
0.2
VOL
Low-level output voltage
V
25°C
0.2
VIC = 2.5 V, IOL = 10 mA
Full range
0.3
25°C
145
Sourcing
Full range
60
IOS
Short circuit output current
mA
25°C
100
Sinking
Full range
60
IO
Output current
Measured 1 V from rail
25°C
±80
mA
25°C
92
109
Large-signal differential
VIC = 2.5 V, RL = 10 kΩ,
AVD
dB
voltage amplification
VO = 1 V to 4 V
Full range
90
Differential input
ri(d)
25°C
109
resistance
Common-mode input
ci(o)
f = 10 kHz
25°C
7
pF
capacitance
Closed-loop output
zo
f = 100 kHz, AV = 10
25°C
29
impedance
25°C
71
85
Common-mode rejection
CMRR
VICR = 0 V to 5 V, RS = 50 Ω
dB
ratio
Full range
60
25°C
80
85
VDD = 2.7 V to 6 V, VIC = VDD/2, No load
Full range
75
Supply-voltage rejection
kSVR
dB
ratio (
ΔVDD±/ΔVIO)
25°C
85
95
VDD = 3 V to 5 V, VIC = VDD/2, No load
Full range
80
25°C
0.55
0.65
Supply current
IDD
VO = 2.5 V, No load
mA
(per channel)
Full range
1
Supply current in
25°C
1
IDD(SHD
shutdown
SHDN < 0.7 V, Per channel in shutdown
mA
N)
Full range
3
(TLV2460, TLV2463)
(1)
Full range is –40°C to 125°C.
6
Submit Documentation Feedback
Copyright © 2003–2010, Texas Instruments Incorporated
Product Folder Link(s): TLV2460-Q1 TLV2461-Q1 TLV2462-Q1 TLV2463-Q1 TLV2464-Q1 TLV2460A-Q1
TLV2461A-Q1 TLV2462A-Q1 TLV2463A-Q1 TLV2464A-Q1


同様の部品番号 - TLV2463AQPWRG4Q1

メーカー部品番号データシート部品情報
logo
Texas Instruments
TLV2463AQPWRG4Q1 TI1-TLV2463AQPWRG4Q1 Datasheet
2Mb / 46P
[Old version datasheet]   Low-Power Rail-to-Rail Input/Output Operational Amplifiers
More results

同様の説明 - TLV2463AQPWRG4Q1

メーカー部品番号データシート部品情報
logo
Texas Instruments
TLV2460 TI-TLV2460_07 Datasheet
1Mb / 58P
[Old version datasheet]   FAMILY OF LOW-POWER RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2460 TI-TLV2460 Datasheet
1Mb / 54P
[Old version datasheet]   FAMILY OF LOW-POWER RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2460A-Q1 TI-TLV2460A-Q1 Datasheet
692Kb / 33P
[Old version datasheet]   FAMILY OF LOW POWER RAIL TO RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2460 TI1-TLV2460_16 Datasheet
2Mb / 71P
[Old version datasheet]   FAMILY OF LOW-POWER RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
logo
National Semiconductor ...
LMV341 NSC-LMV341_14 Datasheet
1Mb / 35P
   RAIL-TO-RAIL OUTPUT CMOS OPERATIONAL AMPLIFIERS WITH SHUTDOWN
logo
Texas Instruments
LMV341 TI-LMV341 Datasheet
871Kb / 27P
[Old version datasheet]   RAIL-TO-RAIL OUTPUT CMOS OPERATIONAL AMPLIFIERS WITH SHUTDOWN
logo
STMicroelectronics
TS951 STMICROELECTRONICS-TS951 Datasheet
118Kb / 13P
   INPUT/OUTPUT RAIL TO RAIL LOW POWER OPERATIONAL AMPLIFIERS
August 1999
logo
Texas Instruments
TLV2460-Q1 TI1-TLV2460-Q1_16 Datasheet
2Mb / 46P
[Old version datasheet]   Low-Power Rail-to-Rail Input/Output Operational Amplifiers
TLV341_101 TI-TLV341_101 Datasheet
1Mb / 34P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT CMOS OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV341 TI-TLV341_07 Datasheet
719Kb / 24P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT CMOS OPERATIONAL AMPLIFIERS WITH SHUTDOWN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com