データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SM470R1B1MHKPS データシート(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
部品番号 SM470R1B1MHKPS
部品情報  16/32-BIT RISC FLASH MICROCONTROLLER
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

SM470R1B1MHKPS データシート(HTML) 11 Page - Texas Instruments

Back Button SM470R1B1MHKPS Datasheet HTML 7Page - Texas Instruments SM470R1B1MHKPS Datasheet HTML 8Page - Texas Instruments SM470R1B1MHKPS Datasheet HTML 9Page - Texas Instruments SM470R1B1MHKPS Datasheet HTML 10Page - Texas Instruments SM470R1B1MHKPS Datasheet HTML 11Page - Texas Instruments SM470R1B1MHKPS Datasheet HTML 12Page - Texas Instruments SM470R1B1MHKPS Datasheet HTML 13Page - Texas Instruments SM470R1B1MHKPS Datasheet HTML 14Page - Texas Instruments SM470R1B1MHKPS Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 67 page
background image
SM470R1B1M-HT
www.ti.com
SPNS155F – SEPTEMBER 2009 – REVISED AUGUST 2012
The B1M device also has an external clock prescaler (ECP) module that when enabled, outputs a continuous
external clock (ECLK) on a specified GIO pin. The ECLK frequency is a user-programmable ratio of the
peripheral interface clock (ICLK) frequency. For more detailed functional information on the ECP, see the
TMS470R1x External Clock Prescaler (ECP) Reference Guide (literature number SPNU202).
Device Characteristics
Table 3 identifies all the characteristics of the B1M device except the SYSTEM and CPU, which are generic.
Table 3. Device Characteristics
DEVICE DESCRIPTION
CHARACTERISTICS
COMMENTS
SM470R1B1M
MEMORY
For the number of memory selects on this device, see Table 5, SM470R1B1M Memory Selection Assignment.
Pipeline/Non-Pipeline
Flash is pipeline-capable.
1M-Byte flash
The B1M RAM is implemented in one 64K array selected by two
INTERNAL MEMORY
64K-Byte SRAM
memory-select signals (see Table 5, SM470R1B1M Memory
Selection Assignment ).
Memory Security Module (MSM)
JTAG Security Module
PERIPHERALS
For the device-specific interrupt priority configurations, see Table 8, Interrupt Priority. And for the 1K peripheral address ranges and their
peripheral selects, see Table 6, B1M Peripherals, System Module, and Flash Base Addresses.
CLOCK
ZPLL
Zero-pin PLL has no external loop filter pins.
Expansion Bus
Expansion bus module with 42 pins. Supports 8- and 16-bit
EBM
memories. See Table 9 for details.
GENERAL-PURPOSE I/Os
Port A has 8 external pins; Port B has only 1 external pin; Port C has
46 I/O
5 external pins; Port D has 6 external pins; Ports E, F, and G each
have 8 external pins; and Port H has 2 external pins.
ECP
YES
SCI
3 (3-pin)
CAN (HECC and/or SCC)
2 HECC
Two high-end CAN controllers
SPI (5-pin, 4-pin or 3-pin)
2 (5-pin)
I2C
5
The high-resolution (HR) SHARE feature allows even-numbered HR
pins to share the next higher odd-numbered HR pin structures. This
HR sharing is independent of whether or not the odd pin is available
HET with XOR Share
12 I/O
externally. If an odd pin is available externally and shared, then the
odd pin can only be used as a general-purpose I/O. For more
information on HR SHARE, see the TMS470R1x High-End Timer
(HET) Reference Guide (literature number SPNU199).
HET RAM
64-Instruction Capacity
10-bit, 12-channel
Both the logic and registers for a full 16-channel MibADC are
MibADC
64-word FIFO
present.
CORE VOLTAGE
1.8 V
I/O VOLTAGE
3.3 V
PINS
84
PACKAGES
HFQ, HKP
Copyright © 2009–2012, Texas Instruments Incorporated
Submit Documentation Feedback
11


同様の部品番号 - SM470R1B1MHKPS

メーカー部品番号データシート部品情報
logo
Texas Instruments
SM470R1B1MHKPS TI1-SM470R1B1MHKPS Datasheet
706Kb / 79P
[Old version datasheet]   16/32-BIT RISC FLASH MICROCONTROLLER
SM470R1B1MHKPS TI1-SM470R1B1MHKPS Datasheet
803Kb / 79P
[Old version datasheet]   16-/32-Bit RISC Flash Microcontroller
More results

同様の説明 - SM470R1B1MHKPS

メーカー部品番号データシート部品情報
logo
Texas Instruments
TMS470PLF111 TI-TMS470PLF111 Datasheet
843Kb / 63P
[Old version datasheet]   16/32-BIT RISC FLASH MICROCONTROLLER
TMS470R1B768 TI-TMS470R1B768_08 Datasheet
533Kb / 49P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
RM46L852 TI-RM46L852 Datasheet
2Mb / 172P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
TMS470R1B1M TI1-TMS470R1B1M_12 Datasheet
547Kb / 60P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
TMS470R1A64PNTR TI-TMS470R1A64PNTR Datasheet
374Kb / 46P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
TMS470R1VF67A TI1-TMS470R1VF67A_V01 Datasheet
970Kb / 70P
[Old version datasheet]   16/32-BIT RISC FLASH MICROCONTROLLER
TMS470R1B1M TI-TMS470R1B1M Datasheet
516Kb / 57P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
TMS470R1A256 TI1-TMS470R1A256_09 Datasheet
490Kb / 48P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
TMS570LS20216 TI1-TMS570LS20216_15 Datasheet
1Mb / 106P
[Old version datasheet]   16/32-BIT RISC Flash Microcontroller
TMS470R1B768 TI-TMS470R1B768_07 Datasheet
482Kb / 50P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
TMS470R1B512 TI-TMS470R1B512 Datasheet
432Kb / 46P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com