データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TS12001 データシート(PDF) 2 Page - Touchstone Semiconductor Inc

部品番号 TS12001
部品情報  A 0.65V/1關A Nanopower Voltage Detector with Dual Outputs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TOUCHSTONE [Touchstone Semiconductor Inc]
ホームページ  http://www.touchstonesemi.com
Logo TOUCHSTONE - Touchstone Semiconductor Inc

TS12001 データシート(HTML) 2 Page - Touchstone Semiconductor Inc

  TS12001 Datasheet HTML 1Page - Touchstone Semiconductor Inc TS12001 Datasheet HTML 2Page - Touchstone Semiconductor Inc TS12001 Datasheet HTML 3Page - Touchstone Semiconductor Inc TS12001 Datasheet HTML 4Page - Touchstone Semiconductor Inc TS12001 Datasheet HTML 5Page - Touchstone Semiconductor Inc TS12001 Datasheet HTML 6Page - Touchstone Semiconductor Inc TS12001 Datasheet HTML 7Page - Touchstone Semiconductor Inc TS12001 Datasheet HTML 8Page - Touchstone Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
TS12001
Page 2
TS12001DS r1p0
RTFDS
ABSOLUTE MAXIMUM RATINGS
Supply Voltage (VIN to VSS) ...................................................+2.75V
Supply Voltage (OVDD to VSS) ................................................+2.75V
Input Voltage
SET………………...…………………...….V
SS – 0.3V to VIN + 0.3V
ET………………………………….…........V
SS - 0.3V to +5.5V
Output Voltage
REF
OUT……….…………………...…... V
SS – 0.3V to VIN + 0.3V
COUT
PP……………..……….........… V
SS - 0.3V to OVDD + 0.3V
COUTOD
……………………..…..………..… V
SS - 0.3V to +5.5V
Output Current
COUTPP, COUTOD
………...…………................................20mA
Short-Circuit Duration
(REFOUT, COUTPP, COUTOD)
………...………...….Continuous
Continuous Power Dissipation (TA = +70°C)
10-Pin TDFN (Derate at 13.48mW/°C above +70°C) ......... 1078mW
Operating Temperature Range................................ -40°C to +85°C
Junction Temperature……………………………………..……+150°C
Storage Temperature Range................................. -65°C to +150°C
Lead Temperature (Soldering, 10s) ..................................... +300°C
Electrical and thermal s
tresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These
are stress ratings only and functional operation of the device at these or any other condition beyond those indicated in the operational sections
of the specifications is not implied. Exposure to any absolute maximum rating conditions for extended periods may affect device reliability and
lifetime.
PACKAGE/ORDERING INFORMATION
ORDER NUMBER
PART
MARKING
CARRIER QUANTITY
TS12001ITD1022TP
AAN
Tape
& Reel
-----
TS12001ITD1022T
Tape
& Reel
3000
Lead-free Program: Touchstone Semiconductor supplies only lead-free packaging.
Consult Touchstone Semiconductor for products specified with wider operating temperature ranges.


同様の部品番号 - TS12001

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
TS12001 ETC2-TS12001 Datasheet
1,007Kb / 11P
   nanoSmart짰 Battery Management Under-Voltage Load Switch
logo
Silicon Laboratories
TS12001 SILABS-TS12001 Datasheet
1Mb / 11P
   Nanopower Voltage Detector with Dual Outputs
logo
Semtech Corporation
TS12001 SEMTECH-TS12001 Datasheet
1Mb / 11P
   Battery Management Under-Voltage Load Switch
TS12001-C017 SEMTECH-TS12001-C017 Datasheet
1Mb / 11P
   Battery Management Under-Voltage Load Switch
TS12001-C021 SEMTECH-TS12001-C021 Datasheet
1Mb / 11P
   Battery Management Under-Voltage Load Switch
More results

同様の説明 - TS12001

メーカー部品番号データシート部品情報
logo
Silicon Laboratories
TS12001 SILABS-TS12001 Datasheet
1Mb / 11P
   Nanopower Voltage Detector with Dual Outputs
logo
Microchip Technology
TC51 MICROCHIP-TC51 Datasheet
499Kb / 14P
   1關A Voltage Detector with Output Delay
2002
logo
Advanced Analog Technol...
AAT3560 AAT-AAT3560 Datasheet
93Kb / 8P
   NanoPower??Voltage Detector
logo
Advanced Analogic Techn...
AAT3560 ANALOGICTECH-AAT3560 Datasheet
272Kb / 8P
   NanoPower Voltage Detector
AAT3560 ANALOGICTECH-AAT3560_06 Datasheet
93Kb / 8P
   NanoPower??Voltage Detector
logo
Linear Technology
LT6656 LINER-LT6656_1 Datasheet
564Kb / 18P
   1關A Precision Series Voltage Reference
LT6656 LINER-LT6656 Datasheet
508Kb / 12P
   1關A Precision Series Voltage Reference
logo
Maxim Integrated Produc...
MAX6006 MAXIM-MAX6006 Datasheet
228Kb / 8P
   1關A SOT23 Precision Shunt Voltage Reference
Rev 0; 8/00
logo
Microchip Technology
TC55 MICROCHIP-TC55 Datasheet
72Kb / 9P
   1關A LOW DROPOUT POSITIVE VOLTAGE REGULATOR
2001
TC55 MICROCHIP-TC55_05 Datasheet
383Kb / 18P
   1 關A Low Dropout Positive Voltage Regulator
2005
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com