データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TPD12S016PWR データシート(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
部品番号 TPD12S016PWR
部品情報  HDMI Companion Chip with I2C Level Shifting Buffer, 12 Channel ESD, and Current-Limit Load Switch
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

TPD12S016PWR データシート(HTML) 2 Page - Texas Instruments

  TPD12S016PWR Datasheet HTML 1Page - Texas Instruments TPD12S016PWR Datasheet HTML 2Page - Texas Instruments TPD12S016PWR Datasheet HTML 3Page - Texas Instruments TPD12S016PWR Datasheet HTML 4Page - Texas Instruments TPD12S016PWR Datasheet HTML 5Page - Texas Instruments TPD12S016PWR Datasheet HTML 6Page - Texas Instruments TPD12S016PWR Datasheet HTML 7Page - Texas Instruments TPD12S016PWR Datasheet HTML 8Page - Texas Instruments TPD12S016PWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
-
HOT PLUG 1
UTILITY 2
TMDS_D2+ 3
GND 4
TMDS_D2- 5
TMDSD1+ 6
GND 7
TMDSD1- 8
TMDS_D0+ 9
GND 10
TMDS_D0- 11
TMDS_CLK+ 12
GND 13
TMDS_CLK-14
CEC 15
GND 16
SCL 17
SDA 18
P5V 19
GND 20
HPD_B
HPD_A
D2+
D2-
D1+
D1-
D0+
D0-
CLK+
CLK-
CEC_B
SCL_B
SDA_B
5V_OUT
CEC_A
SCL_A
SDA_A
VCC5V
LS_OE
CT_HPD
VCCA
TPD12S016
HDMI Controller
0.1 F
m
1.2 V to 3.3 V
0.1 F
m
0.1 F
m
D2+
D2-
D1+
D1-
D0+
D0-
CLK+
CLK-
GND
GND
SCL_A
SDA_A
HPD_A
GND
CEC_B
SCL_B
SDA_B
HPD_B
LS_OE
VCC5V
1
D2+
D2-
D1+
D1-
D0+
D0-
CLK+
CLK-
GND
GND
5V_OUT
VCCA
SCL_A
SDA_A
HPD_A-
GND
CEC_B
SCL_B
SDA_B
HPD_B-
LS_OE
VCC5V
CT_HPD
CEC_A
24-RKT Package (Top View)
(4.0mm x 2.0mm x 0.5mm)
24-PW Package (Top View)
(7.8mm x 6.1mm x 1.2mm)
TPD12S016
SLLSE96C – SEPTEMBER 2011 – REVISED JULY 2012
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
PACKAGE INFORMATION
APPLICATION INFORMATION
Application Case #1: HDMI Driver Chip is controlling the TPD12S016 via only one control line (CT_HPD). In this
mode the HPD_A to LE_OE pin are connected as shown in the oval dotted line of Figure 1.
Figure 1. Application Schematics for HDMI Controllers with One GPIO for HDMI Interface Control
2
Submit Documentation Feedback
Copyright © 2011–2012, Texas Instruments Incorporated
Product Folder Link(s) :TPD12S016


同様の部品番号 - TPD12S016PWR

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPD12S016PWR TI1-TPD12S016PWR Datasheet
1Mb / 32P
[Old version datasheet]   HDMI Companion Chip
TPD12S016PWR TI1-TPD12S016PWR Datasheet
1Mb / 32P
[Old version datasheet]   HDMI Companion Chip with I2C Level Shifting Buffer, 12-Channel ESD Protection, and Current-Limit Load Switch
More results

同様の説明 - TPD12S016PWR

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPD12S016 TI1-TPD12S016_14 Datasheet
1Mb / 28P
[Old version datasheet]   HDMI Companion Chip with I2C Level Shifting Buffer, 12 Channel ESD, and Current-Limit Load Switch
TPD12S016 TI1-TPD12S016_17 Datasheet
1Mb / 32P
[Old version datasheet]   HDMI Companion Chip with I2C Level Shifting Buffer, 12-Channel ESD Protection, and Current-Limit Load Switch
TPD5S116 TI-TPD5S116 Datasheet
1Mb / 28P
[Old version datasheet]   HDMI COMPANION CHIP WITH LEVEL SHIFTING BUFFER 5V LOAD SWITCH AND ESD PROTECTION
TPD13S523 TI1-TPD13S523 Datasheet
838Kb / 16P
[Old version datasheet]   13 Channel ESD Protection Solution with Current-Limit Load Switch for HDMI Port
TPD12S015A TI1-TPD12S015A_14 Datasheet
1Mb / 35P
[Old version datasheet]   HDMI COMPANION CHIP WITH STEP-UP DC-DC, I2C LEVEL SHIFTER, AND HIGH-SPEED ESD CLAMPS
logo
NXP Semiconductors
PCA9512 PHILIPS-PCA9512 Datasheet
176Kb / 16P
   Level shifting hot swappable I2C and SMBus buffer
2004 Oct 05
logo
Texas Instruments
TPD12S015 TI1-TPD12S015_14 Datasheet
2Mb / 32P
[Old version datasheet]   HDMI COMPANION CHIP WITH STEP-UP DC-DC, I2C LEVEL SHIFTER, AND HIGH-SPEED
TPD12S015A TI1-TPD12S015A Datasheet
1Mb / 33P
[Old version datasheet]   HDMI COMPANION CHIP WITH STEP-UP DC-DC, I2C LEVEL SHIFTER, AND HIGH-SPEED
TPD5S115 TI-TPD5S115 Datasheet
493Kb / 23P
[Old version datasheet]   HDMI COMPANION CHIP WITH STEP-UP DC-DC CONVERTER, LEVEL-SHIFTER, AND ESD CLAMP
TPD12S015 TI-TPD12S015 Datasheet
1Mb / 27P
[Old version datasheet]   HDMI COMPANION CHIP WITH STEP-UP DC-DC, I2C LEVEL SHIFTER, AND HIGH-SPEED ESD CLAMPS FOR PORTABLE APPLICATIONS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com