データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TPD12S016PWR データシート(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
部品番号 TPD12S016PWR
部品情報  HDMI Companion Chip with I2C Level Shifting Buffer, 12 Channel ESD, and Current-Limit Load Switch
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

TPD12S016PWR データシート(HTML) 7 Page - Texas Instruments

Back Button TPD12S016PWR Datasheet HTML 3Page - Texas Instruments TPD12S016PWR Datasheet HTML 4Page - Texas Instruments TPD12S016PWR Datasheet HTML 5Page - Texas Instruments TPD12S016PWR Datasheet HTML 6Page - Texas Instruments TPD12S016PWR Datasheet HTML 7Page - Texas Instruments TPD12S016PWR Datasheet HTML 8Page - Texas Instruments TPD12S016PWR Datasheet HTML 9Page - Texas Instruments TPD12S016PWR Datasheet HTML 10Page - Texas Instruments TPD12S016PWR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
TPD12S016
www.ti.com
SLLSE96C – SEPTEMBER 2011 – REVISED JULY 2012
Load Switch VCC5V, 5V_OUT
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNIT
VCC5V =5V, 5V OUT =Open, LS_OE = GND,
Supply current at VCC5V
1
45
µA
CT_HPD = GND
ICC5V
VCC5V =5V, 5V OUT =Open, LS_OE = GND,
Supply current at VCC5V
4
50
µA
CT_HPD = 3.3V
ISC
Short circuit current at 5V_OUT
VCC5V =5V, 5V_OUT = GND
100
150
200
mA
VDROP
5V_OUT output voltage drop
VCC5V =5V, I5V_OUT = 55 mA
35
50
mV
TON
Turn on Time, VCC5V to 5V_OUT
CLOAD = 0.1µF, RLOAD = 500Ω
77
µs
TOFF
Turn off Time, VCC5V to 5V_OUT
CLOAD = 0.1µF, RLOAD = 500Ω
7.0
µs
Shutdown threshold, TRIP(1)
140
TSHUT
Thermal Shutdown
°C
HYST(2)
12
(1)
The TPD12S016 turns off after the device temperature reaches the TRIP temperature.
(2)
Once the thermal shut-down circuit turns off the load switch, the switch turns on again after the device junction temperature cools down
to a temperature equals to or less than TRIP-HYST.
Voltage Level Shifter – SCL, SDA Lines (x_A and x_B Ports)
–40°C to 85°C
PARAMETER
TEST CONDITIONS
VCCA
UNIT
MIN
TYP
MAX
1.1 V to
VCCA
VOHA
IOH = –20 μA
VI = VIH
V
3.6 V
×0.80
1.1 V to
VCCA
VOLA
IOL = 20 µA
VI = VIL
V
3.6 V
×0.17
5VOUT
VOHB
IOH = –20 μA
VI = VIH
V
×0.90
VOLB
IOL = 3 mA
VI = VIL
0.4
V
1.1 V to
ΔVT
Hysteresis at the SDx_A (VT+ – VT–)
40
mV
3.6 V
1.1 V to
ΔVT
Hysteresis at the SDx_B (VT+ – VT–)
400
mV
3.6 V
SCL_A,
Pull-up connected to VCCA
10
k
Ω
SDA_A
rail
RPU
(Internal pull-up)
SCL_B,
Pull-up connected to 5 V rail
1.75
SDA_B
IPULLUP
Transient boosted pull-up current
SCL_B,
Pull-up connected to 5 V rail
15
mA
AC
(rise-time accelerator)
SDA_B
A port
VCCA = 0 V, VI or VO = 0 to 3.6 V
0 V
±5
Ioff
μA
0 V to 3.6
B port
5VOUT = 0 V, VI or VO = 0 to 5.5 V
±5
V
1.1 V to
B port
VO = VCCO or GND
±5
3.6 V
IOZ
μA
1.1 V to
A port
VI = VCCI or GND
±5
3.6 V
Copyright © 2011–2012, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s) :TPD12S016


同様の部品番号 - TPD12S016PWR

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPD12S016PWR TI1-TPD12S016PWR Datasheet
1Mb / 32P
[Old version datasheet]   HDMI Companion Chip
TPD12S016PWR TI1-TPD12S016PWR Datasheet
1Mb / 32P
[Old version datasheet]   HDMI Companion Chip with I2C Level Shifting Buffer, 12-Channel ESD Protection, and Current-Limit Load Switch
More results

同様の説明 - TPD12S016PWR

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPD12S016 TI1-TPD12S016_14 Datasheet
1Mb / 28P
[Old version datasheet]   HDMI Companion Chip with I2C Level Shifting Buffer, 12 Channel ESD, and Current-Limit Load Switch
TPD12S016 TI1-TPD12S016_17 Datasheet
1Mb / 32P
[Old version datasheet]   HDMI Companion Chip with I2C Level Shifting Buffer, 12-Channel ESD Protection, and Current-Limit Load Switch
TPD5S116 TI-TPD5S116 Datasheet
1Mb / 28P
[Old version datasheet]   HDMI COMPANION CHIP WITH LEVEL SHIFTING BUFFER 5V LOAD SWITCH AND ESD PROTECTION
TPD13S523 TI1-TPD13S523 Datasheet
838Kb / 16P
[Old version datasheet]   13 Channel ESD Protection Solution with Current-Limit Load Switch for HDMI Port
TPD12S015A TI1-TPD12S015A_14 Datasheet
1Mb / 35P
[Old version datasheet]   HDMI COMPANION CHIP WITH STEP-UP DC-DC, I2C LEVEL SHIFTER, AND HIGH-SPEED ESD CLAMPS
logo
NXP Semiconductors
PCA9512 PHILIPS-PCA9512 Datasheet
176Kb / 16P
   Level shifting hot swappable I2C and SMBus buffer
2004 Oct 05
logo
Texas Instruments
TPD12S015 TI1-TPD12S015_14 Datasheet
2Mb / 32P
[Old version datasheet]   HDMI COMPANION CHIP WITH STEP-UP DC-DC, I2C LEVEL SHIFTER, AND HIGH-SPEED
TPD12S015A TI1-TPD12S015A Datasheet
1Mb / 33P
[Old version datasheet]   HDMI COMPANION CHIP WITH STEP-UP DC-DC, I2C LEVEL SHIFTER, AND HIGH-SPEED
TPD5S115 TI-TPD5S115 Datasheet
493Kb / 23P
[Old version datasheet]   HDMI COMPANION CHIP WITH STEP-UP DC-DC CONVERTER, LEVEL-SHIFTER, AND ESD CLAMP
TPD12S015 TI-TPD12S015 Datasheet
1Mb / 27P
[Old version datasheet]   HDMI COMPANION CHIP WITH STEP-UP DC-DC, I2C LEVEL SHIFTER, AND HIGH-SPEED ESD CLAMPS FOR PORTABLE APPLICATIONS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com