データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SN74AUC34 データシート(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
部品番号 SN74AUC34
部品情報  HEX BUFFER GATE
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

SN74AUC34 データシート(HTML) 2 Page - Texas Instruments

  SN74AUC34 Datasheet HTML 1Page - Texas Instruments SN74AUC34 Datasheet HTML 2Page - Texas Instruments SN74AUC34 Datasheet HTML 3Page - Texas Instruments SN74AUC34 Datasheet HTML 4Page - Texas Instruments SN74AUC34 Datasheet HTML 5Page - Texas Instruments SN74AUC34 Datasheet HTML 6Page - Texas Instruments SN74AUC34 Datasheet HTML 7Page - Texas Instruments SN74AUC34 Datasheet HTML 8Page - Texas Instruments SN74AUC34 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
www.ti.com
Absolute Maximum Ratings
(1)
Recommended Operating Conditions
(1)
SN74AUC34
HEX BUFFER GATE
SCES474 – AUGUST 2003 – REVISED OCTOBER 2005
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VCC
Supply voltage range
–0.5
3.6
V
VI
Input voltage range(2)
–0.5
3.6
V
VO
Voltage range applied to any output in the high-impedance or power-off state(2)
–0.5
3.6
V
VO
Output voltage range(2)
–0.5
VCC + 0.5
V
IIK
Input clamp current
VI < 0
–50
mA
IOK
Output clamp current
VO < 0
–50
mA
IO
Continuous output current
±20
mA
Continuous current through VCC or GND
±100
mA
θ
JA
Package thermal impedance(3)
47
°C/W
Tstg
Storage temperature range
–65
150
°C
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
The input negative-voltage and output voltage ratings may be exceeded if the input and output current ratings are observed.
(3)
The package thermal impedance is calculated in accordance with JESD 51-5.
MIN
MAX
UNIT
VCC
Supply voltage
0.8
2.7
V
VCC = 0.8 V
VCC
VIH
High-level input voltage
VCC = 1.1 V to 1.95 V
0.65
× V
CC
V
VCC = 2.3 V to 2.7 V
1.7
VCC = 0.8 V
0
VIL
Low-level input voltage
VCC = 1.1 V to 1.95 V
0.35
× V
CC
V
VCC = 2.3 V to 2.7 V
0.7
VI
Input voltage
0
3.6
V
VO
Output voltage
0
VCC
V
VCC = 0.8 V
–0.7
VCC = 1.1 V
–3
IOH
High-level output current
VCC = 1.4 V
–5
mA
VCC = 1.65 V
–8
VCC = 2.3 V
–9
VCC = 0.8 V
0.7
VCC = 1.1 V
3
IOL
Low-level output current
VCC = 1.4 V
5
mA
VCC = 1.65 V
8
VCC = 2.3 V
9
VCC = 0.8 V to 1.95 V
20
∆t/∆v
Input transition rise or fall rate
ns/V
VCC = 2.3 V to 2.7 V
10
TA
Operating free-air temperature
–40
85
°C
(1)
All unused inputs of the device must be held at VCC or GND to ensure proper device operation. Refer to the TI application report,
Implications of Slow or Floating CMOS Inputs, literature number SCBA004.
2


同様の部品番号 - SN74AUC34

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74AUC32 TI-SN74AUC32 Datasheet
403Kb / 9P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-OR GATE
SN74AUC32244 TI-SN74AUC32244 Datasheet
283Kb / 10P
[Old version datasheet]   32-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74AUC32244GKER TI-SN74AUC32244GKER Datasheet
283Kb / 10P
[Old version datasheet]   32-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74AUC32244ZKER TI-SN74AUC32244ZKER Datasheet
283Kb / 10P
[Old version datasheet]   32-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74AUC32245 TI-SN74AUC32245 Datasheet
389Kb / 12P
[Old version datasheet]   32-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
More results

同様の説明 - SN74AUC34

メーカー部品番号データシート部品情報
logo
KODENSHI_AUK CORP.
KK4503B KODENSHI-KK4503B Datasheet
271Kb / 6P
   Hex Buffer High-Voltage Silicon-Gate CMOS
logo
IK Semicon Co., Ltd
IW4503B IKSEMICON-IW4503B Datasheet
201Kb / 6P
   Hex Buffer High-Voltage Silicon-Gate CMOS
logo
Integral Corp.
IN74AC34 INTEGRAL-IN74AC34 Datasheet
96Kb / 4P
   Hex Noninverter Buffer High-Speed Silicon-Gate CMOS
logo
KODENSHI_AUK CORP.
KK4050B KODENSHI-KK4050B Datasheet
218Kb / 5P
   Hex Buffer/Converter High-Voltage Silicon-Gate CMOS
logo
IK Semicon Co., Ltd
IN74ACT34 IKSEMICON-IN74ACT34 Datasheet
150Kb / 5P
   Hex Noninverter Buffer High-Speed Silicon-Gate CMOS
logo
ON Semiconductor
MC74VHC50 ONSEMI-MC74VHC50 Datasheet
197Kb / 7P
   Hex Buffer
March, 2006 -- Rev. 4
logo
Unisonic Technologies
U74LVC34A UTC-U74LVC34A Datasheet
193Kb / 5P
   HEX BUFFER
logo
ON Semiconductor
MC14049B ONSEMI-MC14049B Datasheet
106Kb / 8P
   Hex Buffer
February, 2005 ??Rev. 5
logo
Unisonic Technologies
U74HC07 UTC-U74HC07_15 Datasheet
199Kb / 5P
   HEX BUFFER
U74AHCT34 UTC-U74AHCT34_15 Datasheet
136Kb / 4P
   HEX BUFFER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com