データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SN74AUP1T34DCKR データシート(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
部品番号 SN74AUP1T34DCKR
部品情報  1-Bit Unidirectional Voltage-Level Translator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

SN74AUP1T34DCKR データシート(HTML) 5 Page - Texas Instruments

  SN74AUP1T34DCKR Datasheet HTML 1Page - Texas Instruments SN74AUP1T34DCKR Datasheet HTML 2Page - Texas Instruments SN74AUP1T34DCKR Datasheet HTML 3Page - Texas Instruments SN74AUP1T34DCKR Datasheet HTML 4Page - Texas Instruments SN74AUP1T34DCKR Datasheet HTML 5Page - Texas Instruments SN74AUP1T34DCKR Datasheet HTML 6Page - Texas Instruments SN74AUP1T34DCKR Datasheet HTML 7Page - Texas Instruments SN74AUP1T34DCKR Datasheet HTML 8Page - Texas Instruments SN74AUP1T34DCKR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Input (A )
n
Output(B )
n
Vm
t
PLH
Vm
Vm
Vm
t
PLH
V
IH
0 V
V
OH
V
OL
Pulse
Generator
DUT
V
CC
C
L
R
L
SN74AUP1T34
www.ti.com
SCES841B – JUNE 2012 – REVISED JULY 2012
Figure 1. AC (Progagation Delay) Test Circuit
SPACER
TEST
tPLH, tPHL
CL = 5 pF, 10 pF, 15 pF, 30 pF or equivalent (includes probe and jig capacitance)
RL = 1 MΩ or equivalent
ZOUT of pulse generator = 50 Ω
NOTE: tR = tF = 2.0 ns, 10% to 90%; f = 1 MHz; tW = 500 ns
Figure 2. Waveform 1 - Propagation Delays
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): SN74AUP1T34


同様の部品番号 - SN74AUP1T34DCKR

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74AUP1T34 TI1-SN74AUP1T34 Datasheet
831Kb / 18P
[Old version datasheet]   1-Bit Unidirectional Voltage-Level Translator
SN74AUP1T34-Q1 TI1-SN74AUP1T34-Q1 Datasheet
831Kb / 18P
[Old version datasheet]   1-Bit Unidirectional Voltage-Level Translator
SN74AUP1T34QDCKRQ1 TI1-SN74AUP1T34QDCKRQ1 Datasheet
831Kb / 18P
[Old version datasheet]   1-Bit Unidirectional Voltage-Level Translator
More results

同様の説明 - SN74AUP1T34DCKR

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74AUP1T34-Q1 TI1-SN74AUP1T34-Q1 Datasheet
831Kb / 18P
[Old version datasheet]   1-Bit Unidirectional Voltage-Level Translator
TXS0101 TI1-TXS0101_15 Datasheet
1Mb / 32P
[Old version datasheet]    1-Bit Bidirectional Level-Shifting, Voltage-Level Translator
TXB0101 TI1-TXB0101_15 Datasheet
1Mb / 31P
[Old version datasheet]   1-Bit Bidirectional Level-Shifting and Voltage Translator
TXS0102 TI1-TXS0102_16 Datasheet
1Mb / 33P
[Old version datasheet]   2-Bit Bidirectional Voltage-Level Translator
logo
Unisonic Technologies
UVXS0102 UTC-UVXS0102 Datasheet
220Kb / 11P
   2-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR
logo
Texas Instruments
SN74AVC2T244 TI1-SN74AVC2T244 Datasheet
604Kb / 12P
[Old version datasheet]   2-BIT UNDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR
logo
Union Semiconductor, In...
UM3301 UNIONSEMI-UM3301 Datasheet
371Kb / 13P
   1-Bit Bidirectional Voltage-Level Translator with Auto Direction Sensing
logo
Texas Instruments
TXS0101 TI-TXS0101 Datasheet
590Kb / 18P
[Old version datasheet]   1-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR FOR OPEN-DRAIN APPLICATIONS
logo
ON Semiconductor
NLSV1T240 ONSEMI-NLSV1T240 Datasheet
90Kb / 6P
   1-Bit Dual-Supply Inverting Level Translator
March, 2008 - Rev. 3
logo
Texas Instruments
SN74AVC4T234 TI1-SN74AVC4T234_V01 Datasheet
1Mb / 21P
[Old version datasheet]   SN74AVC4T234 4-Bit Dual-Supply Unidirectional Noninverting Voltage Translator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com