データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SN74AUP2G14DSF2(3) データシート(PDF) 8 Page - Texas Instruments

部品番号 SN74AUP2G14DSF2(3)
部品情報  LOW-POWER DUAL SCHMITT-TRIGGER INVERTER
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

SN74AUP2G14DSF2(3) データシート(HTML) 8 Page - Texas Instruments

Back Button SN74AUP2G14DSF2(3) Datasheet HTML 4Page - Texas Instruments SN74AUP2G14DSF2(3) Datasheet HTML 5Page - Texas Instruments SN74AUP2G14DSF2(3) Datasheet HTML 6Page - Texas Instruments SN74AUP2G14DSF2(3) Datasheet HTML 7Page - Texas Instruments SN74AUP2G14DSF2(3) Datasheet HTML 8Page - Texas Instruments SN74AUP2G14DSF2(3) Datasheet HTML 9Page - Texas Instruments SN74AUP2G14DSF2(3) Datasheet HTML 10Page - Texas Instruments SN74AUP2G14DSF2(3) Datasheet HTML 11Page - Texas Instruments SN74AUP2G14DSF2(3) Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
VM
FromOutput
UnderTest
CL
(seeNote A)
LOADCIRCUIT
1M
VOLTAGEWAVEFORMS
PROPAGATIONDELAY TIMES
INVERTING ANDNONINVERTINGOUTPUTS
tPLH
tPHL
tPHL
tPLH
VOH
VOH
VOL
VOL
VI
0V
Input
Output
Output
VM
VM
VM
VM
VM
5,10,15,30pF
VCC/2
VCC
VCC =1.2V
± 0.1V
VCC =0.8V
VCC =1.5V
± 0.1V
VCC =1.8V
± 0.15V
VCC =2.5V
± 0.2V
VCC =3.3V
± 0.3V
5,10,15,30pF
VCC/2
VCC
5,10,15,30pF
VCC/2
VCC
5,10,15,30pF
VCC/2
VCC
CL
VM
VI
5,10,15,30pF
VCC/2
VCC
5,10,15,30pF
VCC/2
VCC
th
tsu
DataInput
TimingInput
VCC
0V
VCC
0V
0V
tw
Input
VOLTAGEWAVEFORMS
SETUP ANDHOLDTIMES
VOLTAGEWAVEFORMS
PULSEDURATION
VCC/2
VCC/2
VCC/2
VCC/2
VCC
VCC/2
SN74AUP2G14
SCES749C – SEPTEMBER 2009 – REVISED FEBRUARY 2012
www.ti.com
PARAMETER MEASUREMENT INFORMATION
(Propagation Delays, Setup and Hold Times, and Pulse Width)
A.
CL includes probe and jig capacitance.
B.
Waveform 1 is for an output with internal conditions such that the output is low, except when disabled by the output
control. Waveform 2 is for an output with internal conditions such that the output is high, except when disabled by the
output control.
C.
All input pulses are supplied by generators having the following characteristics: PRR
≤ 10 MHz, ZO = 50 Ω, for
propagation delays tr/tf = 3 ns, for setup and hold times and pulse width tr/tf = 1.2 ns.
D.
The outputs are measured one at a time, with one transition per measurement.
E.
tPLH and tPHL are the same as tpd.
F.
All parameters and waveforms are not applicable to all devices.
Figure 3. Load Circuit and Voltage Waveforms
8
Submit Documentation Feedback
Copyright © 2009–2012, Texas Instruments Incorporated
Product Folder Link(s): SN74AUP2G14


同様の部品番号 - SN74AUP2G14DSF2(3)

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74AUP2G125 TI-SN74AUP2G125 Datasheet
869Kb / 21P
[Old version datasheet]   LOW-POWER DUAL BUS BUFFER GATE WITH 3-STATE OTPUTS
SN74AUP2G125DCUR TI-SN74AUP2G125DCUR Datasheet
869Kb / 21P
[Old version datasheet]   LOW-POWER DUAL BUS BUFFER GATE WITH 3-STATE OTPUTS
SN74AUP2G125DQER TI-SN74AUP2G125DQER Datasheet
869Kb / 21P
[Old version datasheet]   LOW-POWER DUAL BUS BUFFER GATE WITH 3-STATE OTPUTS
SN74AUP2G125RSER TI-SN74AUP2G125RSER Datasheet
869Kb / 21P
[Old version datasheet]   LOW-POWER DUAL BUS BUFFER GATE WITH 3-STATE OTPUTS
SN74AUP2G125YFPR TI-SN74AUP2G125YFPR Datasheet
869Kb / 21P
[Old version datasheet]   LOW-POWER DUAL BUS BUFFER GATE WITH 3-STATE OTPUTS
More results

同様の説明 - SN74AUP2G14DSF2(3)

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
74AUP2G14 PHILIPS-74AUP2G14_15 Datasheet
217Kb / 21P
   Low-power dual Schmitt trigger inverter
Rev. 5-4 December 2012
74AXP2G14 PHILIPS-74AXP2G14_15 Datasheet
181Kb / 16P
   Low-power dual Schmitt trigger inverter
Rev. 1-9 October 2014
logo
Nexperia B.V. All right...
74AXP2G14 NEXPERIA-74AXP2G14 Datasheet
842Kb / 17P
   Low-power dual Schmitt trigger inverter
logo
NXP Semiconductors
74AUP2G14 NXP-74AUP2G14 Datasheet
106Kb / 18P
   Low-power dual Schmitt trigger inverter
Rev. 02-3 July 2009
logo
Nexperia B.V. All right...
74AUP2G14 NEXPERIA-74AUP2G14 Datasheet
291Kb / 20P
   Low-power dual Schmitt trigger inverter
Rev. 8 - 31 January 2022
logo
NXP Semiconductors
74AUP1G14 NXP-74AUP1G14 Datasheet
112Kb / 19P
   Low-power Schmitt trigger inverter
Rev. 03-8 July 2009
logo
Nexperia B.V. All right...
74AXP1G14 NEXPERIA-74AXP1G14 Datasheet
228Kb / 16P
   Low-power Schmitt trigger inverter
74AUP1G14 NEXPERIA-74AUP1G14 Datasheet
311Kb / 21P
   Low-power Schmitt trigger inverter
Rev. 10 - 14 January 2022
logo
NXP Semiconductors
74AUP1G14 PHILIPS-74AUP1G14_15 Datasheet
443Kb / 24P
   Low-power Schmitt trigger inverter
Rev. 6-28 June 2012
74AUP1G14 PHILIPS-74AUP1G14 Datasheet
101Kb / 20P
   Low-power Schmitt-trigger inverter
Rev. 01-20 July 2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com