データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SN74AUP2G34DCKR データシート(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
部品番号 SN74AUP2G34DCKR
部品情報  LOW-POWER DUAL BUFFER GATE
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

SN74AUP2G34DCKR データシート(HTML) 2 Page - Texas Instruments

  SN74AUP2G34DCKR Datasheet HTML 1Page - Texas Instruments SN74AUP2G34DCKR Datasheet HTML 2Page - Texas Instruments SN74AUP2G34DCKR Datasheet HTML 3Page - Texas Instruments SN74AUP2G34DCKR Datasheet HTML 4Page - Texas Instruments SN74AUP2G34DCKR Datasheet HTML 5Page - Texas Instruments SN74AUP2G34DCKR Datasheet HTML 6Page - Texas Instruments SN74AUP2G34DCKR Datasheet HTML 7Page - Texas Instruments SN74AUP2G34DCKR Datasheet HTML 8Page - Texas Instruments SN74AUP2G34DCKR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
1
1A
6
1Y
3
2A
4
2Y
SN74AUP2G34
SCES751B – SEPTEMBER 2009 – REVISED MARCH 2010
www.ti.com
This device is fully specified for partial-power-down applications using Ioff. The Ioff circuitry disables the outputs,
preventing damaging current backflow through the device when it is powered down.
ORDERING INFORMATION(1)
TA
PACKAGE(2)
ORDERABLE PART NUMBER
TOP-SIDE MARKING(3)
NanoStar™ – WCSP (DSBGA)
Reel of 3000
SN74AUP2G34YFPR
_ _ _ H 9 _
0.23-mm Large Bump – YFP (Pb-free)
QFN – DRY
Reel of 5000
SN74AUP2G34DRYR
PZ
–40°C to 85°C
uQFN – DSF
Reel of 5000
SN74AUP2G34DSFR
PZ
SOT (SC-70) – DCK
Reel of 3000
SN74AUP2G34DCKR
PZ_
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
(2)
Package drawings, thermal data, and symbolization are available at www.ti.com/packaging.
(3)
DCK: The actual top-side marking has one additional character that designates the wafer fab/assembly site.
YFP: The actual top-side marking has three preceding characters to denote year, month, and sequence code, and one following
character to designate the wafer fab/assembly site. Pin 1 identifier indicates solder-bump composition (1 = SnPb, • = Pb-free).
FUNCTION TABLE
INPUT
OUTPUT
A
Y
H
H
L
L
LOGIC DIAGRAM (POSITIVE LOGIC)
ABSOLUTE MAXIMUM RATINGS
(1)
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VCC
Supply voltage range
–0.5
4.6
V
VI
Input voltage range(2)
–0.5
4.6
V
VO
Voltage range applied to any output in the high-impedance or power-off state(2)
–0.5
4.6
V
VO
Output voltage range in the high or low state(2)
–0.5
VCC + 0.5
V
IIK
Input clamp current
VI < 0
–50
mA
IOK
Output clamp current
VO < 0
–50
mA
IO
Continuous output current
±20
mA
Continuous current through VCC or GND
±50
mA
DCK package
252
DRL package
142
qJA
Package thermal impedance(3)
DRY package
234
°C/W
DSF package
300
YFP package
132
Tstg
Storage temperature range
–65
150
°C
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
The input negative-voltage and output voltage ratings may be exceeded if the input and output current ratings are observed.
(3)
The package thermal impedance is calculated in accordance with JESD 51-7.
2
Submit Documentation Feedback
Copyright © 2009–2010, Texas Instruments Incorporated
Product Folder Link(s): SN74AUP2G34


同様の部品番号 - SN74AUP2G34DCKR

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74AUP2G32 TI1-SN74AUP2G32 Datasheet
739Kb / 20P
[Old version datasheet]   LOW-POWER DUAL 2-INPUT POSITIVE-OR GATE
SN74AUP2G32DCUR TI1-SN74AUP2G32DCUR Datasheet
739Kb / 20P
[Old version datasheet]   LOW-POWER DUAL 2-INPUT POSITIVE-OR GATE
SN74AUP2G32DQER TI1-SN74AUP2G32DQER Datasheet
739Kb / 20P
[Old version datasheet]   LOW-POWER DUAL 2-INPUT POSITIVE-OR GATE
SN74AUP2G32RSER TI1-SN74AUP2G32RSER Datasheet
739Kb / 20P
[Old version datasheet]   LOW-POWER DUAL 2-INPUT POSITIVE-OR GATE
SN74AUP2G32YFPR TI1-SN74AUP2G32YFPR Datasheet
739Kb / 20P
[Old version datasheet]   LOW-POWER DUAL 2-INPUT POSITIVE-OR GATE
More results

同様の説明 - SN74AUP2G34DCKR

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74AUP1G34 TI1-SN74AUP1G34_16 Datasheet
1Mb / 33P
[Old version datasheet]   Low-Power Single Buffer Gate
SN74AUP3G34 TI-SN74AUP3G34 Datasheet
282Kb / 12P
[Old version datasheet]   LOW-POWER TRIPLE BUFFER GATE
SN74AUP1G34 TI-SN74AUP1G34_10 Datasheet
1,015Kb / 22P
[Old version datasheet]   LOW-POWER SINGLE BUFFER GATE
SN74AUC2G34 TI-SN74AUC2G34_09 Datasheet
738Kb / 15P
[Old version datasheet]   DUAL BUFFER GATE
SN74LVC2G34 TI-SN74LVC2G34 Datasheet
529Kb / 13P
[Old version datasheet]   DUAL BUFFER GATE
logo
NXP Semiconductors
74LVC2G34 NXP-74LVC2G34 Datasheet
85Kb / 14P
   Dual buffer gate
Rev. 04-20 July 2007
logo
Texas Instruments
SN74LVC2G34 TI1-SN74LVC2G34_18 Datasheet
1Mb / 25P
[Old version datasheet]   Dual Buffer Gate
logo
Nexperia B.V. All right...
74HC2G34-Q100 NEXPERIA-74HC2G34-Q100 Datasheet
706Kb / 15P
   Dual buffer gate
logo
Texas Instruments
SN74AUP1G34 TI-SN74AUP1G34 Datasheet
289Kb / 13P
[Old version datasheet]   LOW-POWER SINLE BUFFER GATE
SN74AUP3G34 TI1-SN74AUP3G34_16 Datasheet
1Mb / 22P
[Old version datasheet]   LOW-POWER TRIPLE BUFFER GATE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com