データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SN74GTL2010PWRE4 データシート(PDF) 6 Page - Texas Instruments

部品番号 SN74GTL2010PWRE4
部品情報  10-BIT BIDIRECTIONAL LOW-VOLTAGE TRANSLATOR
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

SN74GTL2010PWRE4 データシート(HTML) 6 Page - Texas Instruments

Back Button SN74GTL2010PWRE4 Datasheet HTML 2Page - Texas Instruments SN74GTL2010PWRE4 Datasheet HTML 3Page - Texas Instruments SN74GTL2010PWRE4 Datasheet HTML 4Page - Texas Instruments SN74GTL2010PWRE4 Datasheet HTML 5Page - Texas Instruments SN74GTL2010PWRE4 Datasheet HTML 6Page - Texas Instruments SN74GTL2010PWRE4 Datasheet HTML 7Page - Texas Instruments SN74GTL2010PWRE4 Datasheet HTML 8Page - Texas Instruments SN74GTL2010PWRE4 Datasheet HTML 9Page - Texas Instruments SN74GTL2010PWRE4 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
www.ti.com
AC Characteristics for Translator-Type Applications
(1)
VI
VM
VM
VM
VM
VM
VM
tPHL
tPLH
tPHL0
tPHL1
tPLH0
tPLH1
GND
VDD2
VDD2
VOL
VOL
Input
Low-to-High
Low-to-High
AC Waveforms
Vm = 1.5 V, VIN = GND to 3 V
VDD2
VDD2
VDD2
VDD2
SREF
GREF
VREF
DREF
DUT
Test
Jig
Pulse
Generator
150 W
150 W
150 W
200 W
D1 . . . D10
S1 . . . S10
GTL2010
10-BIT BIDIRECTIONAL LOW-VOLTAGE TRANSLATOR
SCDS221 – SEPTEMBER 2006
V
REF = 1.365 V to 1.635 V, VDD1 = 3 V to 3.6 V, VDD2 = 2.36 V to 2.64 V, GND = 0 V, tr = tf ≤ 3 ns, Tamb = –40°C to 85°C
(see Figure 5)
PARAMETER
MIN
TYP(2)
MAX
UNIT
tPLH(3)
Propagation delay (Sn to Dn, Dn to Sn)
0.5
1.5
5.5
ns
(1)
CON(max) of 30 pF and a COFF(max) of 15 pF is specified by design.
(2)
All typical values are measured at VDD1 = 3.3 V, VDD2 = 2.5 V, VREF = 1.5 V and Tamb = 25°C.
(3)
Propagation delay specified by characterization.
Figure 1. Input (Sn) to Output (Dn) Propagation Delays
Figure 2. Load Circuit
6
Submit Documentation Feedback


同様の部品番号 - SN74GTL2010PWRE4

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74GTL2010PWRE4 TI-SN74GTL2010PWRE4 Datasheet
149Kb / 15P
[Old version datasheet]   10-BIT BIDIRECTIONAL LOW-VOLTAGE TRANSLATOR
SN74GTL2010PWRE4 TI-SN74GTL2010PWRE4 Datasheet
299Kb / 17P
[Old version datasheet]   10-BIT BIDIRECTIONAL LOW-VOLTAGE TRANSLATOR
More results

同様の説明 - SN74GTL2010PWRE4

メーカー部品番号データシート部品情報
logo
Texas Instruments
GTL2010 TI-GTL2010 Datasheet
149Kb / 15P
[Old version datasheet]   10-BIT BIDIRECTIONAL LOW-VOLTAGE TRANSLATOR
GTL2010 TI-GTL2010_07 Datasheet
299Kb / 17P
[Old version datasheet]   10-BIT BIDIRECTIONAL LOW-VOLTAGE TRANSLATOR
logo
NXP Semiconductors
GTL2010 NXP-GTL2010 Datasheet
125Kb / 20P
   10-bit bidirectional low voltage translator
Rev. 06-3 March 2008
logo
Texas Instruments
SN74GTL2003 TI1-SN74GTL2003_15 Datasheet
995Kb / 25P
[Old version datasheet]   8-Bit Bidirectional Low-Voltage Translator
SN74GTL2003 TI1-SN74GTL2003 Datasheet
652Kb / 20P
[Old version datasheet]   8-BIT BIDIRECTIONAL LOW-VOLTAGE TRANSLATOR
logo
NXP Semiconductors
GTL2003 NXP-GTL2003 Datasheet
121Kb / 19P
   8-bit bidirectional low voltage translator
Rev. 01-27 July 2007
GTL2002 NXP-GTL2002 Datasheet
138Kb / 22P
   2-bit bidirectional low voltage translator
GTL2003 PHILIPS-GTL2003 Datasheet
113Kb / 19P
   8-bit bidirectional low voltage translator
Rev. 01-27 July 2007
logo
Pericom Semiconductor C...
PI4GTL2002 PERICOM-PI4GTL2002 Datasheet
537Kb / 12P
   2-bit bidirectional low voltage translator
logo
Texas Instruments
TXS0102 TI1-TXS0102_16 Datasheet
1Mb / 33P
[Old version datasheet]   2-Bit Bidirectional Voltage-Level Translator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com