データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SN74LV244A-EP データシート(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
部品番号 SN74LV244A-EP
部品情報  OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LV244A-EP データシート(HTML) 4 Page - Texas Instruments

  SN74LV244A-EP Datasheet HTML 1Page - Texas Instruments SN74LV244A-EP Datasheet HTML 2Page - Texas Instruments SN74LV244A-EP Datasheet HTML 3Page - Texas Instruments SN74LV244A-EP Datasheet HTML 4Page - Texas Instruments SN74LV244A-EP Datasheet HTML 5Page - Texas Instruments SN74LV244A-EP Datasheet HTML 6Page - Texas Instruments SN74LV244A-EP Datasheet HTML 7Page - Texas Instruments SN74LV244A-EP Datasheet HTML 8Page - Texas Instruments SN74LV244A-EP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
www.ti.com
Electrical Characteristics
Switching Characteristics
Switching Characteristics
SN74LV244A-EP
OCTAL BUFFER/DRIVER
WITH 3-STATE OUTPUTS
SCLS695 – JANUARY 2006
over recommended operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
UNIT
IOH = –50 µA
2 V to 5.5 V
VCC – 0.1
IOH = –2 mA
2.3 V
2
VOH
V
IOH = –8 mA
3 V
2.48
IOH = –16 mA
4.5 V
3.8
IOL = 50 µA
2 V to 5.5 V
0.1
IOL = 2 mA
2.3 V
0.4
VOL
V
IOL = 8 mA
3 V
0.44
IOL = 16 mA
4.5 V
0.55
II
VI = 5.5 V or GND
0 to 5.5 V
±1
µA
IOZ
VO = VCC or GND
5.5 V
±5
µA
ICC
VI = VCC or GND, IO = 0
5.5 V
20
µA
Ioff
VI or VO = 0 to 5.5 V
0
5
µA
Ci
VI = VCC or GND
3.3 V
2.3
pF
over recommended operating free-air temperature range, V
CC = 2.5 V ± 0.2 V (unless otherwise noted) (see Figure 1)
TA = 25°C
FROM
TO
LOAD
PARAMETER
MIN
MAX
UNIT
(INPUT)
(OUTPUT)
CAPACITANCE
MIN
TYP
MAX
tpd
A
Y
9.5
15.3
1
18
ns
ten
OE
Y
10.8
17.8
1
21
ns
CL = 50 pF
tdis
OE
Y
13.4
19.2
1
21
ns
tsk(o)
2
2
ns
over recommended operating free-air temperature range, V
CC = 3.3 V ± 0.3 V (unless otherwise noted) (see Figure 1)
TA = 25°C
FROM
TO
LOAD
PARAMETER
MIN
MAX
UNIT
(INPUT)
(OUTPUT)
CAPACITANCE
MIN
TYP
MAX
tpd
A
Y
6.8
11.9
1
13.5
ns
ten
OE
Y
7.8
14.1
1
16
ns
CL = 50 pF
tdis
OE
Y
11
16
1
18
ns
tsk(o)
1.5
1.5
ns
4


同様の部品番号 - SN74LV244A-EP

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74LV244A-EP TI-SN74LV244A-EP Datasheet
1Mb / 27P
[Old version datasheet]   SN74LV244A-Q1 Automotive Octal Buffers and Drivers With 3-State Outputs
REVISED SEPTEMBER 2022
SN74LV244A-EP TI-SN74LV244A-EP Datasheet
2Mb / 40P
[Old version datasheet]   SN74LV244A Octal Buffers and Drivers With 3-State Outputs
REVISED DECEMBER 2022
SN74LV244A-EP TI-SN74LV244A-EP Datasheet
2Mb / 44P
[Old version datasheet]   SN74LV244A Octal Buffers and Drivers With 3-State Outputs
REVISED DECEMBER 2022
SN74LV244A-EP TI1-SN74LV244A-EP Datasheet
2Mb / 42P
[Old version datasheet]   SN74LV244A Octal Buffers and Drivers With 3-State Outputs
REVISED JANUARY 2023
SN74LV244A-EP TI-SN74LV244A-EP Datasheet
1Mb / 26P
[Old version datasheet]   SN74LV244A-Q1 Automotive Octal Buffers and Drivers With 3-State Outputs
REVISED JANUARY 2023
More results

同様の説明 - SN74LV244A-EP

メーカー部品番号データシート部品情報
logo
Texas Instruments
74AC11244 TI-74AC11244 Datasheet
91Kb / 6P
[Old version datasheet]   OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
REVISED SEPTEMBER 1998
SN74AS230A TI-SN74AS230A Datasheet
80Kb / 5P
[Old version datasheet]   OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
74AC11244 TI1-74AC11244_15 Datasheet
796Kb / 14P
[Old version datasheet]   OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN64BCT244 TI1-SN64BCT244_16 Datasheet
1,002Kb / 12P
[Old version datasheet]   OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN64BCT541A TI1-SN64BCT541A_16 Datasheet
495Kb / 10P
[Old version datasheet]   OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74LVC540A-Q1 TI1-SN74LVC540A-Q1_16 Datasheet
1Mb / 15P
[Old version datasheet]   OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74LVC240A TI-SN74LVC240A_08 Datasheet
416Kb / 14P
[Old version datasheet]   OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74AHC244-EP TI1-SN74AHC244-EP Datasheet
448Kb / 10P
[Old version datasheet]   OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74AHCT244-Q1 TI1-SN74AHCT244-Q1 Datasheet
596Kb / 13P
[Old version datasheet]   OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74AHCT541-EP TI1-SN74AHCT541-EP Datasheet
715Kb / 13P
[Old version datasheet]   OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74ALVC244-EP TI1-SN74ALVC244-EP Datasheet
488Kb / 11P
[Old version datasheet]   OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com