データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SN74LV373ATPWTE4 データシート(PDF) 4 Page - Texas Instruments

部品番号 SN74LV373ATPWTE4
部品情報  OCTAL TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LV373ATPWTE4 データシート(HTML) 4 Page - Texas Instruments

  SN74LV373ATPWTE4 Datasheet HTML 1Page - Texas Instruments SN74LV373ATPWTE4 Datasheet HTML 2Page - Texas Instruments SN74LV373ATPWTE4 Datasheet HTML 3Page - Texas Instruments SN74LV373ATPWTE4 Datasheet HTML 4Page - Texas Instruments SN74LV373ATPWTE4 Datasheet HTML 5Page - Texas Instruments SN74LV373ATPWTE4 Datasheet HTML 6Page - Texas Instruments SN74LV373ATPWTE4 Datasheet HTML 7Page - Texas Instruments SN74LV373ATPWTE4 Datasheet HTML 8Page - Texas Instruments SN74LV373ATPWTE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
www.ti.com
Electrical Characteristics
Timing Requirements
Switching Characteristics
SN74LV373AT
OCTAL TRANSPARENT D-TYPE LATCH
WITH 3-STATE OUTPUTS
SCES630B – JULY 2005 – REVISED AUGUST 2005
over recommended operating free-air temperature range (unless otherwise noted)
TA = –40°C
TA = –40°C
TA = 25°C
to 85
°C
to 125
°C
PARAMETER
TEST CONDITIONS
VCC
UNIT
MIN
TYP
MAX
MIN
MAX
MIN
MAX
IOH = –50 µA
4.5 V
4.4
4.5
4.4
4.4
VOH
V
IOH = –16 mA
4.5 V
3.8
3.8
3.8
IOL = 100 µA
4.5 V
0
0.1
0.1
0.1
VOL
V
IOL = 16 mA
4.5 V
0.55
0.55
0.55
II
VI = 5.5 or GND
0 to 5.5 V
±0.1
±1
±1
µA
IOZ
VO = VCC or GND
5.5 V
±0.25
±2.5
±2.5
µA
ICC
VI = VCC or GND,
IO = 0
5.5 V
2
20
20
µA
One input at 3.4 V,
∆I
CC
(1)
5.5 V
40
50
50
µA
Other inputs at VCC or GND
Ioff
VI or VO = 0 to 5.5 V
0
0.5
5
5
µA
Ci
VI = VCC or GND
4
10
10
10
pF
Co
VO = VCC or GND
7.5
pF
(1)
This is the increase in supply current for each input at one of the specified TTL voltage levels, rather than 0 V or VCC.
over recommended operating free-air temperature range, V
CC = 5 V ± 0.5 V (unless otherwise noted) (see Figure 1)
TA = –40°C
TA = –40°C
TA = 25°C
to 85
°C
to 125
°C
UNIT
MIN
MAX
MIN
MAX
MIN MAX
tw
Pulse duration, LE high
6.5
8.5
8.5
ns
tsu
Setup time, data before LE
High or low
1.5
1.5
1.5
ns
th
Hold time, data after LE
High or low
3.5
3.5
3.5
ns
over recommended operating free-air temperature range, V
CC = 5 V ± 0.5 V (unless otherwise noted) (see Figure 1)
TA = –40°C
TA = –40°C
TA = 25°C
FROM
TO
LOAD
to 85
°C
to 125
°C
PARAMETER
UNIT
(INPUT)
(OUTPUT)
CAPACITANCE
MIN
TYP MAX
MIN MAX
MIN
MAX
D
Q
2.9
5.1
8.5
1
9.5
1
10
tpd
LE
Q
3.5
7.7
12.3
1
13.5
1
14
CL = 15 pF
ns
ten
OE
Q
3.5
6.3
10.9
1
12.5
1
13
tdis
OE
Q
1.7
3.3
7.2
1
8.5
1
9
D
Q
4.4
5.9
9.5
1
10.5
1
11
tpd
LE
Q
4.8
8.5
13.3
1
14.5
1
15
ten
OE
Q
CL = 50 pF
5
7.1
11.9
1
13.5
1
14
ns
tdis
OE
Q
3
8.8
11.2
1
12
1
12.5
tsk(o)
1
1
4


同様の部品番号 - SN74LV373ATPWTE4

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74LV373A TI-SN74LV373A Datasheet
153Kb / 8P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN74LV373A TI-SN74LV373A Datasheet
518Kb / 17P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCHES WITH 3 STATE OUTPUTS
SN74LV373A TI-SN74LV373A Datasheet
639Kb / 21P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCHES WITH 3 STATE OUTPUTS
SN74LV373A TI-SN74LV373A Datasheet
970Kb / 22P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN74LV373A TI-SN74LV373A Datasheet
957Kb / 22P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
More results

同様の説明 - SN74LV373ATPWTE4

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN54HC373-DIE TI1-SN54HC373-DIE Datasheet
114Kb / 5P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74LVC573A-Q1 TI1-SN74LVC573A-Q1_15 Datasheet
1Mb / 15P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
74AC11373 TI1-74AC11373_14 Datasheet
260Kb / 11P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
logo
Diodes Incorporated
74LVC373A DIODES-74LVC373A Datasheet
473Kb / 10P
   OCTAL TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
logo
Texas Instruments
SN74LV373A-Q1 TI1-SN74LV373A-Q1 Datasheet
215Kb / 10P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74ALVCH373 TI-SN74ALVCH373 Datasheet
215Kb / 12P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
74ACT11373 TI-74ACT11373 Datasheet
103Kb / 6P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
SN64BCT373 TI1-SN64BCT373 Datasheet
77Kb / 4P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74LVC573 TI-SN74LVC573 Datasheet
83Kb / 6P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
DM74AS373 FAIRCHILD-DM74AS373 Datasheet
58Kb / 6P
   Octal D-Type Transparent Latch with 3-STATE Outputs
DM74AS573 FAIRCHILD-DM74AS573 Datasheet
58Kb / 6P
   Octal D-Type Transparent Latch with 3-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com