データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SN74LV4052AQPWRQ1 データシート(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
部品番号 SN74LV4052AQPWRQ1
部品情報  DUAL 4-CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LV4052AQPWRQ1 データシート(HTML) 5 Page - Texas Instruments

  SN74LV4052AQPWRQ1 Datasheet HTML 1Page - Texas Instruments SN74LV4052AQPWRQ1 Datasheet HTML 2Page - Texas Instruments SN74LV4052AQPWRQ1 Datasheet HTML 3Page - Texas Instruments SN74LV4052AQPWRQ1 Datasheet HTML 4Page - Texas Instruments SN74LV4052AQPWRQ1 Datasheet HTML 5Page - Texas Instruments SN74LV4052AQPWRQ1 Datasheet HTML 6Page - Texas Instruments SN74LV4052AQPWRQ1 Datasheet HTML 7Page - Texas Instruments SN74LV4052AQPWRQ1 Datasheet HTML 8Page - Texas Instruments SN74LV4052AQPWRQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
SN74LV4052A-Q1
www.ti.com
SCLS469D
– MARCH 2003 – REVISED JUNE 2011
SWITCHING CHARACTERISTICS
VCC = 3.3 V ± 0.3 V, over recommended operating free-air temperature range (unless otherwise noted)
TA = -40 to 105°C
TA = -40 to 125°C
FROM
TO
PARAMETER
TEST CONDITIONS
UNIT
(INPUT)
(OUTPUT
MIN
MAX
MIN
MAX
tPLH
Propagation
CL = 50 pF
COM or Y
Y or COM
12
14
ns
delay time
(see Figure 4)
tPHL
tPZH
CL = 50 pF
Enable delay time
INH
COM or Y
25
25
ns
(see Figure 5)
tPZL
tPHZ
Disable delay
CL = 50 pF
INH
COM or Y
25
25
ns
time
(see Figure 5)
tPLZ
SWITCHING CHARACTERISTICS
VCC = 5 V ± 0.5 V, over recommended operating free-air temperature range (unless otherwise noted)
TA = -40 to 105°C
TA = -40 to 125°C
FROM
TO
PARAMETER
TEST CONDITIONS
UNIT
(INPUT)
(OUTPUT
MIN
MAX
MIN
MAX
tPLH
Propagation
CL = 50 pF
COM or Y
Y or COM
8
10
ns
delay time
(see Figure 4)
tPHL
tPZH
CL = 50 pF
Enable delay time
INH
COM or Y
18
18
ns
(see Figure 5)
tPZL
tPHZ
Disable delay
CL = 50 pF
INH
COM or Y
18
18
ns
time
(see Figure 5)
tPLZ
Copyright
© 2003–2011, Texas Instruments Incorporated
5


同様の部品番号 - SN74LV4052AQPWRQ1

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74LV4052A TI-SN74LV4052A Datasheet
170Kb / 20P
[Old version datasheet]   DUAL 4-CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS
SN74LV4052A TI-SN74LV4052A Datasheet
915Kb / 24P
[Old version datasheet]   DEAL 4-CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS
SN74LV4052A TI-SN74LV4052A Datasheet
945Kb / 24P
[Old version datasheet]   DUAL 4-CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS
SN74LV4052A TI-SN74LV4052A Datasheet
673Kb / 22P
[Old version datasheet]   DUAL 4-CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS
SN74LV4052A TI-SN74LV4052A Datasheet
803Kb / 24P
[Old version datasheet]   DUAL 4-CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS
More results

同様の説明 - SN74LV4052AQPWRQ1

メーカー部品番号データシート部品情報
logo
Renesas Technology Corp
HD74HC4052 RENESAS-HD74HC4052_15 Datasheet
163Kb / 14P
   Dual 4-channel Analog Multiplexers/Demultiplexers Triple 2-channel Analog Multiplexers/Demultiplexers
logo
Texas Instruments
SN54LV4052A_101 TI-SN54LV4052A_101 Datasheet
803Kb / 24P
[Old version datasheet]   DUAL 4-CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS
SN54LV4052A TI-SN54LV4052A Datasheet
170Kb / 20P
[Old version datasheet]   DUAL 4-CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS
logo
Renesas Technology Corp
HD74HC4052 RENESAS-HD74HC4052 Datasheet
157Kb / 12P
   Dual 4-channel Analog Multiplexers/Demultiplexers
logo
Texas Instruments
SN54LV4052A TI-SN54LV4052A_10 Datasheet
673Kb / 22P
[Old version datasheet]   DUAL 4-CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS
logo
Unisonic Technologies
U74LV4052 UTC-U74LV4052_15 Datasheet
307Kb / 9P
   DUAL 4-CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS
logo
Texas Instruments
SN54LV4052A TI-SN54LV4052A_08 Datasheet
945Kb / 24P
[Old version datasheet]   DUAL 4-CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS
SN54LV4052A TI-SN54LV4052A_07 Datasheet
915Kb / 24P
[Old version datasheet]   DEAL 4-CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS
logo
Hitachi Semiconductor
HD74HC4052 HITACHI-HD74HC4052 Datasheet
82Kb / 16P
   Dual 4-channel, Triple 2-channel Analog Multiplexers/Demultiplexers/
logo
Unisonic Technologies
4052 UTC-4052_12 Datasheet
255Kb / 6P
   DIFFERENTIAL 4-CHANNEL ANALOG MULTIPLEXERS DEMULTIPLEXERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com