データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SN74LV374ATRGYRG4 データシート(PDF) 2 Page - Texas Instruments

部品番号 SN74LV374ATRGYRG4
部品情報  OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LV374ATRGYRG4 データシート(HTML) 2 Page - Texas Instruments

  SN74LV374ATRGYRG4 Datasheet HTML 1Page - Texas Instruments SN74LV374ATRGYRG4 Datasheet HTML 2Page - Texas Instruments SN74LV374ATRGYRG4 Datasheet HTML 3Page - Texas Instruments SN74LV374ATRGYRG4 Datasheet HTML 4Page - Texas Instruments SN74LV374ATRGYRG4 Datasheet HTML 5Page - Texas Instruments SN74LV374ATRGYRG4 Datasheet HTML 6Page - Texas Instruments SN74LV374ATRGYRG4 Datasheet HTML 7Page - Texas Instruments SN74LV374ATRGYRG4 Datasheet HTML 8Page - Texas Instruments SN74LV374ATRGYRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
OE
To Seven Other Channels
1
11
3
2
CLK
1D
C1
1D
1Q
SN74LV374AT
SCES632 – JUNE 2010
www.ti.com
ORDERING INFORMATION
TA
PACKAGE
ORDERABLE PART NUMBER
TOP-SIDE MARKING
QFN – RGY
Reel of 1000
SN74LV374ATRGYR
VV374
Tube of 25
SN74LV374ATDW
SOIC – DW
LV374AT
Reel of 2000
SN74LV374ATDWR
SOP – NS
Reel of 2000
SN74LV374ATNSR
74LV374AT
–40°C to 125°C
SSOP – DB
Reel of 2000
SN74LV374ATDBR
LV374AT
Tube of 70
SN74LV374ATPW
TSSOP – PW
Reel of 2000
SN74LV374ATPWR
LV374AT
Tube of 250
SN74LV374ATPWT
FUNCTION TABLE
(EACH FLIP-FLOP)
INPUTS
OUTPUT
Q
OE
CLK
D
L
H
H
L
L
L
L
L
X
Q0
H
X
X
Z
LOGIC DIAGRAM (POSITIVE LOGIC)
2
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s): SN74LV374AT


同様の部品番号 - SN74LV374ATRGYRG4

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74LV374ATRGYRG4 TI-SN74LV374ATRGYRG4 Datasheet
847Kb / 20P
[Old version datasheet]   OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
More results

同様の説明 - SN74LV374ATRGYRG4

メーカー部品番号データシート部品情報
logo
Texas Instruments
74AC11374 TI-74AC11374 Datasheet
116Kb / 7P
[Old version datasheet]   OCTAL D-TYPE EDGE-TRIGGERED FLIP-FLOP WITH 3-STATE OUTPUTS
SN74F574 TI-SN74F574 Datasheet
69Kb / 5P
[Old version datasheet]   OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
74ACT11374 TI1-74ACT11374_15 Datasheet
855Kb / 18P
[Old version datasheet]   OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74LV374A-Q1 TI1-SN74LV374A-Q1 Datasheet
199Kb / 11P
[Old version datasheet]   OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74LV374A-EP TI1-SN74LV374A-EP Datasheet
446Kb / 10P
[Old version datasheet]   OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
SN64BCT374 TI1-SN64BCT374 Datasheet
77Kb / 4P
[Old version datasheet]   OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
DM74ALS576A FAIRCHILD-DM74ALS576A Datasheet
57Kb / 6P
   Octal D-Type Edge-Triggered Flip-Flop with 3-STATE Outputs
DM74ALS576A FAIRCHILD-DM74ALS576A_04 Datasheet
73Kb / 7P
   Octal D-Type Edge-Triggered Flip-Flop with 3-STATE Outputs
logo
Texas Instruments
SN74LVC374A-EP TI1-SN74LVC374A-EP Datasheet
581Kb / 13P
[Old version datasheet]   OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74LVC574A-EP TI1-SN74LVC574A-EP Datasheet
412Kb / 9P
[Old version datasheet]   OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com