データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SI2493 データシート(PDF) 5 Page - Silicon Laboratories

部品番号 SI2493
部品情報  Evaluation Board Rev 5.0 for the Si2493/57/34/15/04
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SILABS [Silicon Laboratories]
ホームページ  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI2493 データシート(HTML) 5 Page - Silicon Laboratories

  SI2493 Datasheet HTML 1Page - Silicon Laboratories SI2493 Datasheet HTML 2Page - Silicon Laboratories SI2493 Datasheet HTML 3Page - Silicon Laboratories SI2493 Datasheet HTML 4Page - Silicon Laboratories SI2493 Datasheet HTML 5Page - Silicon Laboratories SI2493 Datasheet HTML 6Page - Silicon Laboratories SI2493 Datasheet HTML 7Page - Silicon Laboratories SI2493 Datasheet HTML 8Page - Silicon Laboratories SI2493 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
Si2493/57/34/15/04
Global ISOmodem-EVB
Rev. 0.7
5
1.3.2. Daughter Card Configuration
The daughter card comes configured with either a 24-
pin FT or 16-pin FS system side part and either 32 kHz
or 4.9152 MHz operation, and UART operation.
The
daughter card can also be setup to operate with a third
clock frequency, an on board 27 MHz oscillator. To
change between these options requires component
changes on the daughter card.
The daughter card can also operate in three possible
interface modes: parallel bus mode, in SPI mode as well
as the default UART mode.
There are six small (0402) strapping resistors (R101 to
R106) that are on the daughter card and are configured
differently depending
on the combination of chip
package, clock frequency chosen, and interface mode.
See Figures 5 and 6 for details.
The card and its options are shown in Figure 4, which
shows the Modem Daughter card Rev 2.0 top and
bottom views with the critical parts that may be changed
to select another command mode (i.e. SPI) or an
alternate crystal frequency, such as 4.9152 MHz.


同様の部品番号 - SI2493

メーカー部品番号データシート部品情報
logo
Skyworks Solutions Inc.
SI2493 SKYWORKS-SI2493 Datasheet
1,020Kb / 60P
   V.92 ISOMODEM® WITH GLOBAL DAA
Revision 0.91 to Revision 1.0
logo
Silicon Laboratories
SI2493D SILABS-SI2493D Datasheet
1Mb / 60P
   Type I and II caller ID decode
logo
Skyworks Solutions Inc.
SI2493D SKYWORKS-SI2493D Datasheet
1,020Kb / 60P
   V.92 ISOMODEM® WITH GLOBAL DAA
Revision 0.91 to Revision 1.0
More results

同様の説明 - SI2493

メーカー部品番号データシート部品情報
logo
Asahi Kasei Microsystem...
AKD4368 AKM-AKD4368 Datasheet
628Kb / 39P
   Evaluation board Rev.1 for AK4368
AKD4555 AKM-AKD4555 Datasheet
824Kb / 27P
   Evaluation board Rev.0 for AK4555
AKD4145-A AKM-AKD4145-A Datasheet
1Mb / 32P
   Evaluation board Rev.3 for AK4145
AKD4160-A AKM-AKD4160-A Datasheet
715Kb / 37P
   Evaluation board Rev.0 for AK4160
AK4141EQ AKM-AK4141EQ Datasheet
1Mb / 32P
   Evaluation board Rev.2 for AK4141
AKD4186-A AKM-AKD4186-A Datasheet
872Kb / 19P
   Evaluation board Rev.1 for AK4186
AKD4629-A AKM-AKD4629-A Datasheet
1Mb / 68P
   Evaluation board Rev.1 for AK4629
AKD4687-A AKM-AKD4687-A Datasheet
1Mb / 52P
   Evaluation board Rev.2 for AK4687
AKD5374-A AKM-AKD5374-A Datasheet
1Mb / 28P
   Evaluation board Rev.1 for AK5374
AKD4691-A AKM-AKD4691-A Datasheet
1Mb / 68P
   Evaluation board Rev.0 for AK4691
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com