データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADC1005S060 データシート(PDF) 4 Page - Integrated Device Technology

部品番号 ADC1005S060
部品情報  Single 10 bits ADC, up to 60 MHz
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  IDT [Integrated Device Technology]
ホームページ  http://www.idt.com
Logo IDT - Integrated Device Technology

ADC1005S060 データシート(HTML) 4 Page - Integrated Device Technology

  ADC1005S060 Datasheet HTML 1Page - Integrated Device Technology ADC1005S060 Datasheet HTML 2Page - Integrated Device Technology ADC1005S060 Datasheet HTML 3Page - Integrated Device Technology ADC1005S060 Datasheet HTML 4Page - Integrated Device Technology ADC1005S060 Datasheet HTML 5Page - Integrated Device Technology ADC1005S060 Datasheet HTML 6Page - Integrated Device Technology ADC1005S060 Datasheet HTML 7Page - Integrated Device Technology ADC1005S060 Datasheet HTML 8Page - Integrated Device Technology ADC1005S060 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
ADC1005S060_3
© IDT 2012. All rights reserved.
Product data sheet
Rev. 03 — 2 July 2012
4 of 18
Integrated Device Technology
ADC1005S060
Single 10 bits ADC, up to 60 MHz
7. Pinning information
7.1 Pinning
ADC1005S
060TS
CLK
n.c.
TC
n.c.
VCCA
IR
AGND
D9
n.c.
D8
RB
D7
RM
D6
VI
D5
RT
D4
OE
D3
VCCD
D2
DGND
D1
VCCO
D0
OGND
GRAY
014aaa520
1
2
3
4
5
6
7
8
9
10
11
12
13
14
16
15
18
17
20
19
22
21
24
23
26
25
28
27
Fig 2. Pin configuration
7.2 Pin description
Table 3.
Pin description
Symbol
Pin
Description
CLK
1
clock input
TC
2
twos complement input (active LOW)
VCCA
3
analog supply voltage (5 V)
AGND
4
analog ground
n.c.
5
not connected
RB
6
reference voltage BOTTOM input
RM
7
reference voltage MIDDLE input
VI
8
analog voltage input
RT
9
reference voltage TOP input
OE
10
output enable input (active LOW)
VCCD
11
digital supply voltage (2.7 V to 3.6 V)
DGND
12
digital ground
VCCO
13
supply voltage for output stages (2.7 V to 3.6 V)
OGND
14
output ground
GRAY
15
gray code input (active HIGH)
D0
16
data output; bit 0 (Least Significant Bit (LSB))
D1
17
data output; bit 1
D2
18
data output; bit 2
D3
19
data output; bit 3


同様の部品番号 - ADC1005S060

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
ADC1005S060 NXP-ADC1005S060 Datasheet
113Kb / 19P
   Single 10 bits ADC, up to 60 MHz
Rev. 02-13 August 2008
logo
Renesas Technology Corp
ADC1005S060 RENESAS-ADC1005S060 Datasheet
440Kb / 18P
   Single 10 bits ADC, up to 60 MHz
2 July 2012
logo
NXP Semiconductors
ADC1005S060TS NXP-ADC1005S060TS Datasheet
113Kb / 19P
   Single 10 bits ADC, up to 60 MHz
Rev. 02-13 August 2008
More results

同様の説明 - ADC1005S060

メーカー部品番号データシート部品情報
logo
Renesas Technology Corp
ADC1005S060 RENESAS-ADC1005S060 Datasheet
440Kb / 18P
   Single 10 bits ADC, up to 60 MHz
2 July 2012
logo
NXP Semiconductors
ADC1005S060 NXP-ADC1005S060 Datasheet
113Kb / 19P
   Single 10 bits ADC, up to 60 MHz
Rev. 02-13 August 2008
logo
Renesas Technology Corp
ADC1002S020 RENESAS-ADC1002S020 Datasheet
429Kb / 18P
   Single 10 bits ADC, up to 20 MHz
2 July 2012
logo
NXP Semiconductors
ADC1002S020 NXP-ADC1002S020 Datasheet
127Kb / 19P
   Single 10 bits ADC, up to 20 MHz
Rev. 02-13 August 2008
logo
Integrated Device Techn...
ADC1002S020 IDT-ADC1002S020 Datasheet
426Kb / 18P
   Single 10 bits ADC, up to 20 MHz
logo
NXP Semiconductors
ADC1006S055 NXP-ADC1006S055 Datasheet
393Kb / 31P
   Single 10 bits ADC, up to 55 MHz or 70 MHz
Rev. 02-12 August 2008
logo
Integrated Device Techn...
ADC1006S055 IDT-ADC1006S055 Datasheet
817Kb / 30P
   Single 10 bits ADC, up to 55 MHz or 70 MHz
logo
Renesas Technology Corp
ADC1006S055 RENESAS-ADC1006S055 Datasheet
820Kb / 30P
   Single 10 bits ADC, up to 55 MHz or 70 MHz
2 July 2012
logo
NXP Semiconductors
ADC1004S030 NXP-ADC1004S030 Datasheet
140Kb / 19P
   Single 10 bits ADC, up to 30 MHz, 40 MHz or 50 MHz
Rev. 03-7 August 2008
logo
Integrated Device Techn...
ADC1004S030 IDT-ADC1004S030 Datasheet
473Kb / 18P
   Single 10 bits ADC, up to 30 MHz, 40 MHz or 50 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com