データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

DAC1003D160 データシート(PDF) 9 Page - Integrated Device Technology

部品番号 DAC1003D160
部品情報  Dual 10 bits DAC, up to 160 MHz, 2 x interpolation
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  IDT [Integrated Device Technology]
ホームページ  http://www.idt.com
Logo IDT - Integrated Device Technology

DAC1003D160 データシート(HTML) 9 Page - Integrated Device Technology

Back Button DAC1003D160 Datasheet HTML 5Page - Integrated Device Technology DAC1003D160 Datasheet HTML 6Page - Integrated Device Technology DAC1003D160 Datasheet HTML 7Page - Integrated Device Technology DAC1003D160 Datasheet HTML 8Page - Integrated Device Technology DAC1003D160 Datasheet HTML 9Page - Integrated Device Technology DAC1003D160 Datasheet HTML 10Page - Integrated Device Technology DAC1003D160 Datasheet HTML 11Page - Integrated Device Technology DAC1003D160 Datasheet HTML 12Page - Integrated Device Technology DAC1003D160 Datasheet HTML 13Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
DAC1003D160_3
© IDT 2012. All rights reserved.
Product data sheet
Rev. 03 — 2 July 2012
9 of 18
Integrated Device Technology
DAC1003D160
Dual 10 bits DAC, up to 160 MHz, 2 x interpolation
[1]
Guaranteed by design.
Table 6.
Band gap
Band gap disable (GAPD)
Band gap input/output (GAPOUT)
Internal band gap
LOW
output (VGAPOUT = 1.2 V)
enable
HIGH
input
disable
In(o)
output noise current
-
120
-
pA/
Hz
Eoffset
offset error
relative to full-scale
-
0.3
-
%
EG
gain error
relative to full-scale
5.4
-
+5.4
%
GIQ
IQ gain mismatch
between I and Q, relative to
full-scale
-
0.2
-
%
SFDR
spurious free dynamic
range
fclk = 80 MHz; B = Nyquist
fo = 2.5 MHz at 0 dBFS
-
80
-
dBc
fo = 5 MHz at 0 dBFS
-
72
-
dBc
fo = 13 MHz at 0 dBFS
-
64
-
dBc
2H
second harmonic level
fo = 5 MHz
-
73
-
dBc
fo = 13 MHz
-
65
-
dBc
3H
third harmonic level
fo = 5 MHz
-
88
-
dBc
fo = 13 MHz
-
86
-
dBc
IMD2
second-order
intermodulation distortion
fclk = 80 MHZ; fo 1 = 10 MHz;
fo 2 = 12 MHz; B = Nyquist
-
65
-
dBc
IMD3
third-order intermodulation
distortion
fclk = 80 MHz; fo 1 = 10 MHz;
fo 2 = 12 MHz
-
84
-
dBc
THD
total harmonic distortion
fclk = 80 MHz; B = Nyquist; Tamb = 25 C
fo = 2.5 MHz
-
75
-
dBc
fo = 5 MHz
68
71
-
dBc
NSD
noise spectral density
fclk = 80 MHz
fo = 2.5 MHz
-
155
-
dBm/Hz
fo = 5 MHz
-
155
-
dBm/Hz
fo = 19 MHz
-
153
-
dBm/Hz
S/N
signal-to-noise ratio
fclk = 80 Msample/s; B = Nyquist
fo = 2.5 MHz
-
80
-
dBc
fo = 5 MHz
70
80
-
dBc
fo = 19 MHz
-
78
-
dBc
ACPR
adjacent channel power
ratio
baseband; 5 MHz channel spacing; B = 3.84 MHz
fo = 2.5 MHz
-
60
-
dBc
fo = 20 MHz
-
61
-
dBc
Table 5.
Characteristics …continued
VCCD = VCCA = 3.0 V to 3.6 V; AGND and DGND connected together; Tamb = 40 C to +85 C; typical values measured at
VCCD = VCCA = 3.3 V, IO(fs) = 20 mA and Tamb = 25 C; dynamic parameters measured using output schematic given in
Figure 10; unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit


同様の部品番号 - DAC1003D160

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
DAC1003D160 NXP-DAC1003D160 Datasheet
120Kb / 19P
   Dual 10 bits DAC, up to 160 MHz, 2 x interpolation
Rev. 02-13 August 2008
logo
Renesas Technology Corp
DAC1003D160 RENESAS-DAC1003D160 Datasheet
437Kb / 18P
   Dual 10 bits DAC, up to 160 MHz, 2 x interpolation
2 July 2012
logo
NXP Semiconductors
DAC1003D160HW NXP-DAC1003D160HW Datasheet
120Kb / 19P
   Dual 10 bits DAC, up to 160 MHz, 2 x interpolation
Rev. 02-13 August 2008
logo
Renesas Technology Corp
DAC1003D160HW RENESAS-DAC1003D160HW Datasheet
437Kb / 18P
   Dual 10 bits DAC, up to 160 MHz, 2 x interpolation
2 July 2012
More results

同様の説明 - DAC1003D160

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
DAC1003D160 NXP-DAC1003D160 Datasheet
120Kb / 19P
   Dual 10 bits DAC, up to 160 MHz, 2 x interpolation
Rev. 02-13 August 2008
logo
Renesas Technology Corp
DAC1003D160 RENESAS-DAC1003D160 Datasheet
437Kb / 18P
   Dual 10 bits DAC, up to 160 MHz, 2 x interpolation
2 July 2012
logo
NXP Semiconductors
DAC1203D160 NXP-DAC1203D160 Datasheet
120Kb / 19P
   Dual 12 bits DAC, up to 160 MHz, 2 x interpolating
Rev. 02-14 August 2008
logo
Renesas Technology Corp
DAC1403D160 RENESAS-DAC1403D160 Datasheet
442Kb / 18P
   Dual 14 bits DAC, up to 160 MHz, 2 x interpolating
2 July 2012
logo
Integrated Device Techn...
DAC1203D160 IDT-DAC1203D160 Datasheet
434Kb / 18P
   Dual 12 bits DAC, up to 160 MHz, 2 x interpolating
DAC1403D160 IDT-DAC1403D160 Datasheet
439Kb / 18P
   Dual 14 bits DAC, up to 160 MHz, 2 x interpolating
logo
NXP Semiconductors
DAC1403D160 NXP-DAC1403D160 Datasheet
120Kb / 19P
   Dual 14 bits DAC, up to 160 MHz, 2 x interpolating
Rev. 02-14 August 2008
logo
Renesas Technology Corp
DAC1203D160 RENESAS-DAC1203D160 Datasheet
438Kb / 18P
   Dual 12 bits DAC, up to 160 MHz, 2 x interpolating
2 July 2012
ADC1002S020 RENESAS-ADC1002S020 Datasheet
429Kb / 18P
   Single 10 bits ADC, up to 20 MHz
2 July 2012
ADC1005S060 RENESAS-ADC1005S060 Datasheet
440Kb / 18P
   Single 10 bits ADC, up to 60 MHz
2 July 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com