データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

DAC1203D160 データシート(PDF) 10 Page - Integrated Device Technology

部品番号 DAC1203D160
部品情報  Dual 12 bits DAC, up to 160 MHz, 2 x interpolating
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  IDT [Integrated Device Technology]
ホームページ  http://www.idt.com
Logo IDT - Integrated Device Technology

DAC1203D160 データシート(HTML) 10 Page - Integrated Device Technology

Back Button DAC1203D160 Datasheet HTML 6Page - Integrated Device Technology DAC1203D160 Datasheet HTML 7Page - Integrated Device Technology DAC1203D160 Datasheet HTML 8Page - Integrated Device Technology DAC1203D160 Datasheet HTML 9Page - Integrated Device Technology DAC1203D160 Datasheet HTML 10Page - Integrated Device Technology DAC1203D160 Datasheet HTML 11Page - Integrated Device Technology DAC1203D160 Datasheet HTML 12Page - Integrated Device Technology DAC1203D160 Datasheet HTML 13Page - Integrated Device Technology DAC1203D160 Datasheet HTML 14Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
DAC1203D160_3
© IDT 2012. All rights reserved.
Product data sheet
Rev. 03 — 2 July 2012
10 of 18
Integrated Device Technology
DAC1203D160
Dual 12 bits DAC, up to 160 MHz, 2 x interpolating
[1]
Guaranteed by design.
Table 6.
Band gap
Band gap disable (GAPD)
Band gap input/output (GAPOUT)
Internal band gap
LOW
output (VGAPOUT = 1.2 V)
enable
HIGH
input
disable
014aaa544
Q0 to Q11
tsu(i)
th(i)
CLKN
CLK
IOUT/IOUTN,
QOUT/QOUTN
50 %
I0 to I11,
Fig 5. Input timing diagram
Signal-to-noise ratio
NSD
noise spectral density
fclk = 80 MHz
fo = 2.5 MHz
-
155
-
dBm/Hz
fo = 5 MHz
-
155
-
dBm/Hz
fo = 19 MHz
-
153
-
dBm/Hz
S/N
signal-to-noise ratio
fclk = 80 MHz; B = Nyquist
fo = 2.5 MHz
-
80
-
dBc
fo = 5 MHz
70
80
-
dBc
fo = 19 MHz
-
78
-
dBc
ACPR
adjacent channel power
ratio
baseband; 5 MHz channel spacing; B = 3.84 MHz
fo = 2.5 MHz
-
68
-
dBc
fo = 20 MHz
-
70
-
dBc
Table 5.
Characteristics …continued
VCCD = VCCA = 3.0 V to 3.6 V; AGND and DGND connected together; Tamb = 40 C to +85 C; typical values measured at
VCCD = VCCA = 3.3 V, IO(fs) = 20 mA and Tamb = 25 C; dynamic parameters measured using output schematic given in
Figure 10; unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit


同様の部品番号 - DAC1203D160

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
DAC1203D160 NXP-DAC1203D160 Datasheet
120Kb / 19P
   Dual 12 bits DAC, up to 160 MHz, 2 x interpolating
Rev. 02-14 August 2008
logo
Renesas Technology Corp
DAC1203D160 RENESAS-DAC1203D160 Datasheet
438Kb / 18P
   Dual 12 bits DAC, up to 160 MHz, 2 x interpolating
2 July 2012
logo
NXP Semiconductors
DAC1203D160HW NXP-DAC1203D160HW Datasheet
120Kb / 19P
   Dual 12 bits DAC, up to 160 MHz, 2 x interpolating
Rev. 02-14 August 2008
logo
Renesas Technology Corp
DAC1203D160HW RENESAS-DAC1203D160HW Datasheet
438Kb / 18P
   Dual 12 bits DAC, up to 160 MHz, 2 x interpolating
2 July 2012
More results

同様の説明 - DAC1203D160

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
DAC1203D160 NXP-DAC1203D160 Datasheet
120Kb / 19P
   Dual 12 bits DAC, up to 160 MHz, 2 x interpolating
Rev. 02-14 August 2008
logo
Renesas Technology Corp
DAC1203D160 RENESAS-DAC1203D160 Datasheet
438Kb / 18P
   Dual 12 bits DAC, up to 160 MHz, 2 x interpolating
2 July 2012
DAC1403D160 RENESAS-DAC1403D160 Datasheet
442Kb / 18P
   Dual 14 bits DAC, up to 160 MHz, 2 x interpolating
2 July 2012
logo
Integrated Device Techn...
DAC1403D160 IDT-DAC1403D160 Datasheet
439Kb / 18P
   Dual 14 bits DAC, up to 160 MHz, 2 x interpolating
logo
NXP Semiconductors
DAC1403D160 NXP-DAC1403D160 Datasheet
120Kb / 19P
   Dual 14 bits DAC, up to 160 MHz, 2 x interpolating
Rev. 02-14 August 2008
DAC1003D160 NXP-DAC1003D160 Datasheet
120Kb / 19P
   Dual 10 bits DAC, up to 160 MHz, 2 x interpolation
Rev. 02-13 August 2008
logo
Renesas Technology Corp
DAC1003D160 RENESAS-DAC1003D160 Datasheet
437Kb / 18P
   Dual 10 bits DAC, up to 160 MHz, 2 x interpolation
2 July 2012
logo
Integrated Device Techn...
DAC1003D160 IDT-DAC1003D160 Datasheet
433Kb / 18P
   Dual 10 bits DAC, up to 160 MHz, 2 x interpolation
logo
NXP Semiconductors
TDA9935 NXP-TDA9935 Datasheet
109Kb / 18P
   Dual 14-bit, up to 160 Msample/s, 2 쨈 interpolating Digital-to-Analog Converter (DAC)
Rev. 04-17 September 2007
logo
Renesas Technology Corp
DAC1205D650 RENESAS-DAC1205D650 Datasheet
412Kb / 41P
   Dual 12-bit DAC, up to 650 Msps; 2x4x and 8x interpolating
2 July 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com