データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SML-LXT0805SRW-TR データシート(PDF) 9 Page - Texas Instruments

部品番号 SML-LXT0805SRW-TR
部品情報  TAS5612L-TAS5614LDDVEVM
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

SML-LXT0805SRW-TR データシート(HTML) 9 Page - Texas Instruments

Back Button SML-LXT0805SRW-TR Datasheet HTML 5Page - Texas Instruments SML-LXT0805SRW-TR Datasheet HTML 6Page - Texas Instruments SML-LXT0805SRW-TR Datasheet HTML 7Page - Texas Instruments SML-LXT0805SRW-TR Datasheet HTML 8Page - Texas Instruments SML-LXT0805SRW-TR Datasheet HTML 9Page - Texas Instruments SML-LXT0805SRW-TR Datasheet HTML 10Page - Texas Instruments SML-LXT0805SRW-TR Datasheet HTML 11Page - Texas Instruments SML-LXT0805SRW-TR Datasheet HTML 12Page - Texas Instruments SML-LXT0805SRW-TR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 33 page
background image
0x00
6C
www.ti.com
Quick Setup Guide
2.6
GUI Software Installation and EVM Startup
The TAS5612L-TAS5614LDDVEVM is controlled by the Input-USB Board 3 with the TAS5538 GUI. The
TAS5538 GUI provides control of all registers in TAS5538. Download the current version of the GUI zip
file "TAS5538_xxxx.zip" from the TAS5612LDDVEVM folder or the TAS5614LDDVEVM folder on
http://www.ti.com to a convenient location on the host PC. Create a new folder at a convenient location
and extract the files from the zip file to the new folder. Be sure to check the box labeled “Use folder
names” during extraction. Then connect the USB cable between the host PC and jack USB-IN on the
Input-USB Board 3. Then turn on the 12V power supply and the PVDD power supply in that order.
Start the GUI by opening "TAS55XX_GUI.exe" in the new folder. Startup will take a few seconds and the
following window will open.
Click CONNECT and then READ, to verify that the data in register 0x00 read 6C.
Figure 6. TAS5538 GUI Window
NOTE:
If the address that is read is not 6C, make sure the USB is connected to the PC and check
for HID enumeration.
– Open the PC device manager. Right-click My Computer on desktop and open Properties,
then Hardware, then Device Manager.
– Expand "Human Interface Devices".
– Plug and unplug the USB cable from Input-USB Board 3 and confirm that an HID icon
appears.
Uncheck "ShutDown" and click the "Master Volume" icon to open the following window.
9
SLAU375 – May 2012
TAS5612L-TAS5614LDDVEVM
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated


同様の部品番号 - SML-LXT0805SRW-TR

メーカー部品番号データシート部品情報
logo
LUMEX INC.
SML-LXT0805SRW-TR LUMEX-SML-LXT0805SRW-TR Datasheet
64Kb / 1P
   2.0mm x 1.25mm THIN PCB SURFACE MOUNT
logo
Texas Instruments
SML-LXT0805SRW-TR TI1-SML-LXT0805SRW-TR Datasheet
3Mb / 33P
[Old version datasheet]   TAS5622-TAS5624DDVEVM
SML-LXT0805SRW-TR TI1-SML-LXT0805SRW-TR Datasheet
1Mb / 28P
[Old version datasheet]   DRV2603 ERM/LRA Haptic Driver Evaluation Kit
logo
LUMEX INC.
SML-LXT0805SRW-TR LUMEX-SML-LXT0805SRW-TR_17 Datasheet
124Kb / 1P
   2.0mm X 1.25mm THIN PCB SURFACE MOUNT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com