データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TLC2274QDRG4Q1 データシート(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
部品番号 TLC2274QDRG4Q1
部品情報  ADVANCED LinCMOS??RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

TLC2274QDRG4Q1 データシート(HTML) 6 Page - Texas Instruments

Back Button TLC2274QDRG4Q1 Datasheet HTML 2Page - Texas Instruments TLC2274QDRG4Q1 Datasheet HTML 3Page - Texas Instruments TLC2274QDRG4Q1 Datasheet HTML 4Page - Texas Instruments TLC2274QDRG4Q1 Datasheet HTML 5Page - Texas Instruments TLC2274QDRG4Q1 Datasheet HTML 6Page - Texas Instruments TLC2274QDRG4Q1 Datasheet HTML 7Page - Texas Instruments TLC2274QDRG4Q1 Datasheet HTML 8Page - Texas Instruments TLC2274QDRG4Q1 Datasheet HTML 9Page - Texas Instruments TLC2274QDRG4Q1 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 39 page
background image
TLC2272-Q1 , TLC2272A-Q1
TLC2274-Q1, TLC2274A-Q1
SGLS007E
– FEBRUARY 2003 – REVISED JANUARY 2012
www.ti.com
TLC2272Q ELECTRICAL CHARACTERISTICS
at specified free-air temperature, VDD± = ±5 V (unless otherwise noted)
TLC2272Q
TLC2272AQ
PARAMETER
TEST CONDITIONS
TA
(1)
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
25
°C
300
2500
300
950
VIO
Input offset voltage
μV
Full range
3000
1500
Temperature
αVIO
coefficient of input
25
°C to 125°C
2
2
μV/°C
offset voltage
VIC = 0 V,
Input offset voltage
μV/m
VO = 0 V
25
°C
0.002
0.002
RS = 50 Ω
long-term drift(2)
o
25
°C
0.5
60
0.5
60
IIO
Input offset current
pA
Full range
800
800
25
°C
1
60
1
60
IIB
Input bias current
pA
Full range
800
800
−5.3 to
−5.3 to
25
°C
−5 to 4
−5 to 4
4.2
4.2
Common-mode input
|VIO| ≤ 5
VICR
RS = 50 Ω
V
voltage range
mV
−5 to
Full range
−5 to 3.5
3.5
IO = −20 μA
25
°C
4.99
4.99
25
°C
4.85
4.93
4.85
4.93
IO = −200 μA
Maximum positive
VOM+
Full range
4.85
4.85
V
peak output voltage
25
°C
4.25
4.65
4.25
4.65
IO = −1 mA
Full range
4.25
4.25
VIC = 0 V,
IO = 50 μA
25
°C
−4.99
−4.99
25
°C
−4.85
−4.91
−4.85
−4.91
IO = 500
VIC = 0 V,
Maximum negative
μA
VOM-
Full range
−4.85
−4.85
V
peak output voltage
25
°C
−3.5
−4.1
−3.5
−4.1
VIC = 0 V,
IO = 5 mA
Full range
−3.5
−3.5
25
°C
20
50
20
50
Large-signal
RL = 10 kΩ
AVD
differential voltage
VO = ±4 V,
Full range
20
20
V/mV
amplification
RL = 1 MΩ
25
°C
300
300
Differential input
rid
25
°C
Ω
1012
1012
resistance
Common-mode input
ri
25
°C
Ω
1012
1012
resistance
Common-mode input
f = 10 kHz,
N package
ci
25
°C
8
8
pF
capacitance
Closed-loop output
f = 1 MHz,
AV = 10
zo
25
°C
130
130
Ω
impedance
VIC = -5 V to
RS = 50 Ω
25
°C
75
80
75
80
CMR
Common-mode
2.7 V,
dB
R
rejection ratio
Full range
75
75
VO = 0 V,
Supply voltage
VDD = ±2.2 V to ±8 V,
25
°C
80
95
80
95
kSVR
rejection ratio
dB
VIC = 0V,
No load
Full range
80
80
(
ΔVDD/ΔVIO)
25
°C
2.4
3
2.4
3
IDD
Supply current
VO = 0 V,
No load
mA
Full range
3
3
(1)
Full range is
−40°C to 125°C for Q level part.
(2)
Typical values are based on the input offset voltage shift observed through 168 hours of operating life test at TA = 150°C extrapolated to
TA = 25°C using the Arrhenius equation and assuming an activation energy of 0.96 eV.
6
Submit Documentation Feedback
Copyright
© 2003–2012, Texas Instruments Incorporated
Product Folder Link(s): TLC2272-Q1 TLC2272A-Q1 TLC2274-Q1 TLC2274A-Q1


同様の部品番号 - TLC2274QDRG4Q1

メーカー部品番号データシート部品情報
logo
Texas Instruments
TLC2274QDRG4Q1 TI-TLC2274QDRG4Q1 Datasheet
635Kb / 35P
[Old version datasheet]   ADVANCED LINCMOS RAIL-TO -RAIL OPERATIONAL AMPLIFIERS
TLC2274QDRG4Q1 TI1-TLC2274QDRG4Q1 Datasheet
1Mb / 43P
[Old version datasheet]   Advanced LinCMOS Rail-To-Rail Operational Amplifiers
More results

同様の説明 - TLC2274QDRG4Q1

メーカー部品番号データシート部品情報
logo
Texas Instruments
TLC2272A-Q1 TI-TLC2272A-Q1 Datasheet
1Mb / 44P
[Old version datasheet]   ADVANCED LinCMOS??RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLV226X TI-TLV226X_07 Datasheet
1Mb / 58P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLV226X TI-TLV226X_08 Datasheet
1Mb / 57P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLV2262-Q1 TI1-TLV2262-Q1 Datasheet
694Kb / 39P
[Old version datasheet]   Advanced LinCMOS??RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLC2272 TI1-TLC2272 Datasheet
2Mb / 63P
[Old version datasheet]   Advanced LinCMOS Rail-to-Rail Operational Amplifiers
TLC226X TI-TLC226X Datasheet
932Kb / 59P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLC2274A TI-TLC2274A Datasheet
619Kb / 33P
[Old version datasheet]   ADVANCED LINCMOS RAIL TO RAIL OPERATIONAL AMPLIFIERS
TLC227X-EP TI1-TLC227X-EP Datasheet
1Mb / 40P
[Old version datasheet]   ADVANCED LINCMOS RAIL TO RAIL OPERATIONAL AMPLIFIERS
TLV2262A-Q1 TI1-TLV2262A-Q1_16 Datasheet
1Mb / 43P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLC227X TI-TLC227X_07 Datasheet
1Mb / 67P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLC2272A-EP TI1-TLC2272A-EP Datasheet
993Kb / 39P
[Old version datasheet]   Advanced LinCMOS??RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com