データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TLC2274QPWRG4Q1 データシート(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
部品番号 TLC2274QPWRG4Q1
部品情報  ADVANCED LinCMOS??RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

TLC2274QPWRG4Q1 データシート(HTML) 11 Page - Texas Instruments

Back Button TLC2274QPWRG4Q1 Datasheet HTML 7Page - Texas Instruments TLC2274QPWRG4Q1 Datasheet HTML 8Page - Texas Instruments TLC2274QPWRG4Q1 Datasheet HTML 9Page - Texas Instruments TLC2274QPWRG4Q1 Datasheet HTML 10Page - Texas Instruments TLC2274QPWRG4Q1 Datasheet HTML 11Page - Texas Instruments TLC2274QPWRG4Q1 Datasheet HTML 12Page - Texas Instruments TLC2274QPWRG4Q1 Datasheet HTML 13Page - Texas Instruments TLC2274QPWRG4Q1 Datasheet HTML 14Page - Texas Instruments TLC2274QPWRG4Q1 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 39 page
background image
TLC2272-Q1 , TLC2272A-Q1
TLC2274-Q1, TLC2274A-Q1
www.ti.com
SGLS007E
– FEBRUARY 2003 – REVISED JANUARY 2012
TLC2274Q OPERATING CHARACTERISTICS
at specified free-air temperature, VDD± = ±5 V (unless otherwise noted)
TLC2274Q
TLC2274AQ
PARAMETER
TEST CONDITIONS
TA
(1)
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
VO = ±2.3 V,
CL = 100
25
°C
2.3
3.6
2.3
3.6
Slew rate at unity
SR
V/
μs
RL = 10 kΩ
pF
gain
Full range
1.7
1.7
f = 10 Hz
25
°C
50
50
Equivalent input
nV/
√H
Vn
noise voltage
z
f = 1 kHz
25
°C
9
9
Peak-to-peak
f = 0.1 to 1 Hz
25
°C
1
1
VN(pp)
equivalent input
μV
f = 0.1 to 10 Hz
25
°C
1.4
1.4
noise voltage
Equivalent input
fA/
√H
In
25
°C
0.6
0.6
noise current
z
AV = 1
0.0011%
0.0011%
VO = ±2.3 V,
THD
Total harmonic
f = 20 kHz,
AV = 10
25
°C
0.004%
0.004%
+ N
distortion plus noise
RL = 10 kΩ
AV = 100
0.03%
0.03%
Gain-bandwidth
f = 10 kHz,
RL = 10 kΩ
25
°C
2.25
2.25
MHz
product
CL = 100 pF
BOM
Maximum
VO(PP) = 4.6 V,
AV = 1,
output-swing
RL = 10 kΩ
CL = 100
25
°C
0.54
0.54
MHz
bandwidth
pF
AV = -1,
To 0.1%
1.5
1.5
Step = -2.3 V to
ts
Settling time
2.3 V,
25
°C
μs
To 0.01%
3.2
3.2
RL = 10 kΩ
CL = 100 pF
φm
Phase margin at
25
°C
52
°
52
°
CL = 100
unity gain
RL = 10 kΩ,
pF
Gain margin
25
°C
10
10
dB
(1)
Full range is
−40°C to 125°C for Q level part.
Copyright
© 2003–2012, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): TLC2272-Q1 TLC2272A-Q1 TLC2274-Q1 TLC2274A-Q1


同様の部品番号 - TLC2274QPWRG4Q1

メーカー部品番号データシート部品情報
logo
Texas Instruments
TLC2274QPWRG4Q1 TI-TLC2274QPWRG4Q1 Datasheet
635Kb / 35P
[Old version datasheet]   ADVANCED LINCMOS RAIL-TO -RAIL OPERATIONAL AMPLIFIERS
TLC2274QPWRG4Q1 TI1-TLC2274QPWRG4Q1 Datasheet
1Mb / 43P
[Old version datasheet]   Advanced LinCMOS Rail-To-Rail Operational Amplifiers
More results

同様の説明 - TLC2274QPWRG4Q1

メーカー部品番号データシート部品情報
logo
Texas Instruments
TLC2272A-Q1 TI-TLC2272A-Q1 Datasheet
1Mb / 44P
[Old version datasheet]   ADVANCED LinCMOS??RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLV226X TI-TLV226X_07 Datasheet
1Mb / 58P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLV226X TI-TLV226X_08 Datasheet
1Mb / 57P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLV2262-Q1 TI1-TLV2262-Q1 Datasheet
694Kb / 39P
[Old version datasheet]   Advanced LinCMOS??RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLC2272 TI1-TLC2272 Datasheet
2Mb / 63P
[Old version datasheet]   Advanced LinCMOS Rail-to-Rail Operational Amplifiers
TLC226X TI-TLC226X Datasheet
932Kb / 59P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLC2274A TI-TLC2274A Datasheet
619Kb / 33P
[Old version datasheet]   ADVANCED LINCMOS RAIL TO RAIL OPERATIONAL AMPLIFIERS
TLC227X-EP TI1-TLC227X-EP Datasheet
1Mb / 40P
[Old version datasheet]   ADVANCED LINCMOS RAIL TO RAIL OPERATIONAL AMPLIFIERS
TLV2262A-Q1 TI1-TLV2262A-Q1_16 Datasheet
1Mb / 43P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLC227X TI-TLC227X_07 Datasheet
1Mb / 67P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLC2272A-EP TI1-TLC2272A-EP Datasheet
993Kb / 39P
[Old version datasheet]   Advanced LinCMOS??RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com