データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TMP100-EP データシート(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
部品番号 TMP100-EP
部品情報  DIGITAL TEMPERATURE SENSOR WITH I2C INTERFACE
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

TMP100-EP データシート(HTML) 4 Page - Texas Instruments

  TMP100-EP Datasheet HTML 1Page - Texas Instruments TMP100-EP Datasheet HTML 2Page - Texas Instruments TMP100-EP Datasheet HTML 3Page - Texas Instruments TMP100-EP Datasheet HTML 4Page - Texas Instruments TMP100-EP Datasheet HTML 5Page - Texas Instruments TMP100-EP Datasheet HTML 6Page - Texas Instruments TMP100-EP Datasheet HTML 7Page - Texas Instruments TMP100-EP Datasheet HTML 8Page - Texas Instruments TMP100-EP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
TMP100−EP, TMP101−EP
DIGITAL TEMPERATURE SENSOR
WITH I2C INTERFACE
SGLS254A − JULY 2005 - REVISED APRIL 2010
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
APPLICATION INFORMATION
The TMP100 and TMP101 are digital temperature sensors optimal for thermal management and thermal
protection applications. The TMP100 and TMP101 are I2C and SMBus interface compatible and are specified
over a temperature range of −55
°C to +125°C.
The TMP100 and TMP101 require no external components for operation except for pullup resistors on SCL,
SDA, and ALERT although a 0.1-
μF bypass capacitor is recommended, as shown in Figure 1 and Figure 2.
NOTE 2: SCL and SDA require pullup resistors for I2C bus applications.
ADD1
(Input)
0.1
μF
TMP100
ADD0
(Input)
3
5
6
SCL
SDA
To I2C
Controller
GND
2
4
V+
1
Figure 1. Typical Connections of the TMP100
NOTE 3: SCL, SDA, and ALERT require pullup resistors for I2C bus applications.
ALERT
(Output)
0.1
μF
TMP101
ADD0
(Input)
3
5
6
SCL
SDA
To I2C
Controller
GND
2
4
V+
1
Figure 2. Typical Connections of the TMP101
The die flag of the lead frame is connected to pin 2. The sensing device of the TMP100 and TMP101 is the chip
itself. Thermal paths run through the package leads as well as the plastic package. The lower thermal resistance
of metal causes the leads to provide the primary thermal path. The GND pin of the TMP100 or TMP101 is directly
connected to the metal lead frame and is the best choice for thermal input.
To maintain the accuracy in applications requiring air or surface temperature measurement, care should be
taken to isolate the package and leads from ambient air temperature. A thermally conductive adhesive assists
in achieving accurate surface temperature measurement.


同様の部品番号 - TMP100-EP

メーカー部品番号データシート部品情報
logo
Texas Instruments
TMP100-EP TI-TMP100-EP Datasheet
886Kb / 30P
[Old version datasheet]   TMP10x Temperature Sensor With I2C and SMBus Interface with Alert Function in SOT-23 Package
More results

同様の説明 - TMP100-EP

メーカー部品番号データシート部品情報
logo
Texas Instruments
TMP101NA-250G4 TI-TMP101NA-250G4 Datasheet
819Kb / 19P
[Old version datasheet]   Digital Temperature Sensor with I2C Interface
TMP101-Q1 TI1-TMP101-Q1 Datasheet
312Kb / 19P
[Old version datasheet]   DIGITAL TEMPERATURE SENSOR WITH I2C INTERFACE
TMP100 TI-TMP100 Datasheet
221Kb / 10P
[Old version datasheet]   Digital Temperature Sensor with I2C Interface
TMP100NA250G4 TI-TMP100NA250G4 Datasheet
761Kb / 19P
[Old version datasheet]   Digital Temperature Sensor with I2C Interface
TMP100-Q1 TI-TMP100-Q1_15 Datasheet
229Kb / 20P
[Old version datasheet]   DIGITAL TEMPERATURE SENSOR WITH I2C INTERFACE
logo
Silicon Laboratories
SI7057-A10 SILABS-SI7057-A10 Datasheet
1Mb / 23P
   DIGITAL I2C TEMPERATURE SENSOR
Rev. 1.1 4/17
logo
AMIC Technology
ASR8601 AMICC-ASR8601 Datasheet
40Kb / 1P
   Ambient Light Sensor with I2C digital interface
logo
Microchip Technology
TC72 MICROCHIP-TC72_11 Datasheet
605Kb / 28P
   Digital Temperature Sensor with SPI Interface
05/02/11
logo
ON Semiconductor
ADT7484A ONSEMI-ADT7484A Datasheet
360Kb / 14P
   Digital Temperature Sensor with SST Interface
December, 2009 ??Rev. 4
logo
Microchip Technology
TC72 MICROCHIP-TC72 Datasheet
417Kb / 24P
   Digital Temperature Sensor with SPI??Interface
2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com