データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TMP303BDRLR データシート(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
部品番号 TMP303BDRLR
部品情報  Easy-to-Use, Low-Power, 1째C, Low-Supply TEMPERATURE RANGE MONITOR in MicroPackage
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

TMP303BDRLR データシート(HTML) 2 Page - Texas Instruments

  TMP303BDRLR Datasheet HTML 1Page - Texas Instruments TMP303BDRLR Datasheet HTML 2Page - Texas Instruments TMP303BDRLR Datasheet HTML 3Page - Texas Instruments TMP303BDRLR Datasheet HTML 4Page - Texas Instruments TMP303BDRLR Datasheet HTML 5Page - Texas Instruments TMP303BDRLR Datasheet HTML 6Page - Texas Instruments TMP303BDRLR Datasheet HTML 7Page - Texas Instruments TMP303BDRLR Datasheet HTML 8Page - Texas Instruments TMP303BDRLR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
TMP303A
TMP303B
SBOS486B – JULY 2009 – REVISED JANUARY 2011
www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
PACKAGE INFORMATION(1)
PRODUCT
PACKAGE
PACKAGE DESIGNATOR
PACKAGE MARKING
TMP303A
OCO
SOT563
DRL
TMP303B
QWM
(1)
For the most current package and ordering information see the Package Option Addendum at the end of this document, or see the
device product folder at www.ti.com.
ABSOLUTE MAXIMUM RATINGS
(1)
TMP303A, TMP303B
UNIT
Supply Voltage, VS – GND
+3.6
V
Input Pins, Voltage
SOH, HYSTSET1, HYSTSET0
–0.5 to VS +0.5
V
Output Pin, Voltage
OUT
–0.5 to VS +0.5
V
Output Pin, Current
OUT
8
mA
Operating Temperature Range
–55 to +130
°C
Storage Temperature Range
–60 to +150
°C
Junction Temperature (TJ max)
+150
°C
Human Body Model (HBM)
2000
V
ESD Rating
Charged Device Model (CDM)
1000
V
Machine Model (MM)
200
V
(1)
Stresses above these ratings may cause permanent damage. Exposure to absolute maximum conditions for extended periods may
degrade device reliability. These are stress ratings only, and functional operation of the device at these or any other conditions beyond
those specified is not supported.
2
Submit Documentation Feedback
Copyright © 2009–2011, Texas Instruments Incorporated
Product Folder Link(s): TMP303A TMP303B


同様の部品番号 - TMP303BDRLR

メーカー部品番号データシート部品情報
logo
Texas Instruments
TMP303BDRLR TI1-TMP303BDRLR Datasheet
1Mb / 24P
[Old version datasheet]   Temperature Range Monitor In Micropackage
TMP303BDRLR TI1-TMP303BDRLR Datasheet
1Mb / 22P
[Old version datasheet]   Easy-To-Use, Low-Power, Low-Supply Temperature Range Monitor In Micropackage
More results

同様の説明 - TMP303BDRLR

メーカー部品番号データシート部品情報
logo
Texas Instruments
TMP303 TI1-TMP303_15 Datasheet
1Mb / 24P
[Old version datasheet]   TMP303 Easy-To-Use, Low-Power, 1째C, Low-Supply Temperature Range Monitor In Micropackage
TMP303 TI1-TMP303_17 Datasheet
1Mb / 22P
[Old version datasheet]   Easy-To-Use, Low-Power, Low-Supply Temperature Range Monitor In Micropackage
TMP302A TI-TMP302A Datasheet
415Kb / 11P
[Old version datasheet]   Easy-to-Use Low-Power Low-Supply TEMPERATURE SWITCH in MicroPackage
TMP302 TI1-TMP302 Datasheet
836Kb / 21P
[Old version datasheet]   TMP302 Easy-to-Use, Low-Power, Low-Supply Temperature Switch in Micropackage
TMP303 TI1-TMP303_16 Datasheet
1Mb / 24P
[Old version datasheet]   Temperature Range Monitor In Micropackage
TMP302-Q1 TI1-TMP302-Q1 Datasheet
798Kb / 18P
[Old version datasheet]   TMP302-Q1, Automotive Grade, Low-Power, Easy-to-Use, Temperature Switch in MicroPackage
TMP302A-Q1 TI1-TMP302A-Q1 Datasheet
857Kb / 18P
[Old version datasheet]   TMP302x-Q1, Automotive Grade, Low-Power, Easy-to-Use
TMP302C-Q1 TI1-TMP302C-Q1 Datasheet
857Kb / 18P
[Old version datasheet]   TMP302x-Q1, Automotive Grade, Low-Power, Easy-to-Use
logo
ALPS ELECTRIC CO.,LTD.
UGMZ2AA ALPS-UGMZ2AA Datasheet
1Mb / 1P
   Easy-to-Use Built-in Antenna Type Leading the Industry in Compactness and Low Power
logo
SMSC Corporation
EMC1701 SMSC-EMC1701 Datasheet
876Kb / 54P
   High-Side Current-Sense and Internal 1째C Temperature Monitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com