データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TPL0501-100DCNR データシート(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
部品番号 TPL0501-100DCNR
部品情報  256 Taps Single Channel Digital Potentiometer With SPI Interface
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

TPL0501-100DCNR データシート(HTML) 3 Page - Texas Instruments

  TPL0501-100DCNR Datasheet HTML 1Page - Texas Instruments TPL0501-100DCNR Datasheet HTML 2Page - Texas Instruments TPL0501-100DCNR Datasheet HTML 3Page - Texas Instruments TPL0501-100DCNR Datasheet HTML 4Page - Texas Instruments TPL0501-100DCNR Datasheet HTML 5Page - Texas Instruments TPL0501-100DCNR Datasheet HTML 6Page - Texas Instruments TPL0501-100DCNR Datasheet HTML 7Page - Texas Instruments TPL0501-100DCNR Datasheet HTML 8Page - Texas Instruments TPL0501-100DCNR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
TPL0501
www.ti.com
SLIS136A
– SEPTEMBER 2011 – REVISED SEPTEMBER 2011
PIN FUNCTIONS
PIN
NUMBER
TYPE
DESCRIPTION
NAME
DCN
RSE
1
6
W
I/O
Wiper terminal
2
7
VDD
Power
Positive Supply Voltage
3
4
GND
Ground
Ground
4
5
SCLK
Input
SPI Clock
5
2
DIN
Input
SPI Input
6
3
CS
Input
SPI Chip Select. Active Low
7
8
L
I/O
Low terminal
8
1
H
I/O
High terminal
ABSOLUTE MAXIMUM RATINGS
(1) (2) (3)
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VDD to GND
Supply voltage range
–0.3
7
V
VH, VL, VW
–0.3
VDD+0.3
V
IH
Pulse current
±20
mA
IL
Continuous current
TPL0501-100
±5
mA
IW
VI
Digital input voltage range
–0.3
7
V
RSE package
Package thermal
θJA
°C/W
impedance(4)
DCN package
Tstg
Storage temperature range
–65
150
°C
(1)
Stresses above these ratings may cause permanent damage. Exposure to absolute maximum conditions for extended periods may
degrade device reliability. These are stress ratings only, and functional operation of the device at these or any other conditions beyond
those specified is not implied.
(2)
The algebraic convention, whereby the most negative value is a minimum and the most positive value is a maximum
(3)
All voltages are with respect to ground, unless otherwise specified.
(4)
The package thermal impedance is calculated in accordance with JESD 51-7.
ANALOG SPECIFICATIONS
Typical Values are specified at VDD=5V and operating temperature of 25 C
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
End-to-end resistance (between Hi
RTOTAL
80
100
120
k
and Li terminals)
VH, VL
Terminal voltage range
0
VDD
V
RH, RL
Terminal resistance
50
150
H terminal floating, VL = GND,
RW
Wiper resistance
25
100
Force IW = (VDD/2)/RTOTAL, Input code = 0x80h
CH, CL
Terminal capacitance
15
f = 1 MHz, measured to GND, Input code = 0x80h
pF
CW
Wiper capacitance
12
VH = GND to VDD, VL = Floating OR
ILKG
Terminal leakage current
0.1
1
uA
VL = GND to VDD, VH = Floating
TCR
Resistance temperature coefficient
35
ppm/
°C
VOLTAGE DIVIDER MODE (VH = VDD, VL = GND, VW = Not Loaded)
INL
Integral non-linearity
–1
1
LSB
DNL
Differential non-linearity
–0.5
0.5
LSB
ZSERROR
Zero-scale error
0
0.5
2
LSB
FSERROR
Full-scale error
–2
–0.5
0
LSB
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s) :TPL0501


同様の部品番号 - TPL0501-100DCNR

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPL0501-100DCNR TI1-TPL0501-100DCNR Datasheet
516Kb / 19P
[Old version datasheet]   256 Taps Single Channel Digital Potentiometer With SPI Interface
More results

同様の説明 - TPL0501-100DCNR

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPL0501 TI1-TPL0501 Datasheet
516Kb / 19P
[Old version datasheet]   256 Taps Single Channel Digital Potentiometer With SPI Interface
TPL0501-100 TI-TPL0501-100_15 Datasheet
947Kb / 22P
[Old version datasheet]   256 Taps Single Channel Digital Potentiometer With SPI Interface
TPL0202-10 TI1-TPL0202-10 Datasheet
948Kb / 30P
[Old version datasheet]   256-TAPS DUAL CHANNEL DIGITAL POTENTIOMETER WITH SPI INTERFACE AND NONVOLATILE MEMORY
logo
ON Semiconductor
CAT5251WI-50 ONSEMI-CAT5251WI-50 Datasheet
227Kb / 15P
   Quad Digitally Programmable Potentiometer with 256 Taps and SPI Interface
Doc. No. MD-2017 Rev. G
logo
Catalyst Semiconductor
CAT5251 CATALYST-CAT5251_08 Datasheet
279Kb / 15P
   Quad Digitally Programmable Potentiometer (DPP?? with 256 Taps and SPI Interface
logo
Texas Instruments
TPL0401A TI1-TPL0401A Datasheet
328Kb / 18P
[Old version datasheet]   128 TAPS Single Channel Digital Potentiometer with I2C Interface
TPL0401A TI1-TPL0401A_12 Datasheet
671Kb / 21P
[Old version datasheet]   128 TAPS Single Channel Digital Potentiometer with I2C Interface
TPL0401A-10-Q1 TI1-TPL0401A-10-Q1 Datasheet
476Kb / 31P
[Old version datasheet]   128-TAPS Single-Channel Digital Potentiometer with I2C Interface
TPL0401A-10 TI-TPL0401A-10_15 Datasheet
839Kb / 22P
[Old version datasheet]   128 TAPS Single Channel Digital Potentiometer with I2C Interface
TPL0401A TI1-TPL0401A_16 Datasheet
882Kb / 22P
[Old version datasheet]   128 TAPS Single Channel Digital Potentiometer with I2C Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com