データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TPS71H01 データシート(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
部品番号 TPS71H01
部品情報  LOW-DROPOUT VOLTAGE REGULATORS
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

TPS71H01 データシート(HTML) 10 Page - Texas Instruments

Back Button TPS71H01 Datasheet HTML 6Page - Texas Instruments TPS71H01 Datasheet HTML 7Page - Texas Instruments TPS71H01 Datasheet HTML 8Page - Texas Instruments TPS71H01 Datasheet HTML 9Page - Texas Instruments TPS71H01 Datasheet HTML 10Page - Texas Instruments TPS71H01 Datasheet HTML 11Page - Texas Instruments TPS71H01 Datasheet HTML 12Page - Texas Instruments TPS71H01 Datasheet HTML 13Page - Texas Instruments TPS71H01 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 45 page
background image
TPS71H01Q, TPS71H33Q, TPS71H48Q, TPS71H50Q
LOW DROPOUT VOLTAGE REGULATORS
SLVS152B − NOVEMBER 1996 − REVISED AUGUST 2002
10
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TPS71H50 electrical characteristics at IO = 10 mA, VI = 6 V, EN = 0 V, CO = 4.7 µF/CSR= 1 Ω, SENSE
shorted to OUT (unless otherwise noted)
PARAMETER
TEST CONDITIONS‡
TJ
TPS71H50Q
UNIT
PARAMETER
TEST CONDITIONS‡
TJ
MIN
TYP
MAX
UNIT
Output voltage
VI = 6 V,
IO = 10 mA
25
°C
5
V
Output voltage
6 V
≤ VI ≤ 10 V,
5 mA
≤ IO ≤ 500 mA
−40
°C to 125°C
4.9
5.1
V
IO = 10 mA,
VI = 4.88 V
25
°C
2.9
6
IO = 10 mA,
VI = 4.88 V
−40
°C to 125°C
8
Dropout voltage
IO = 100 mA,
VI = 4.88 V
25
°C
27
32
mV
Dropout voltage
IO = 100 mA,
VI = 4.88 V
−40
°C to 125°C
47
mV
IO = 500 mA,
VI = 4.88 V
25
°C
146
170
IO = 500 mA,
VI = 4.88 V
−40
°C to 125°C
230
Pass-element series
(4.88 V − VO)/IO,
VI = 4.88 V.
25
°C
0.29
0.32
Pass-element series
resistance
(4.88 V − VO)/IO,
IO = 500 mA
VI = 4.88 V.
−40
°C to 125°C
0.47
Input regulation
VI = 6 V to 10 V,
50 A
≤ IO ≤ 500 mA
25
°C
25
mV
Input regulation
VI = 6 V to 10 V,
50
µA ≤ IO ≤ 500 mA
−40
°C to 125°C
32
mV
IO = 5 mA to 500 mA,
6 V
≤ VI ≤ 10 V
25
°C
30
45
mV
Output regulation
IO = 5 mA to 500 mA,
6 V
≤ VI ≤ 10 V
−40
°C to 125°C
86
mV
Output regulation
IO = 50 A to 500 mA, 6 V ≤ VI ≤ 10 V
25
°C
45
65
mV
IO = 50 µA to 500 mA, 6 V ≤ VI ≤ 10 V
−40
°C to 125°C
140
mV
IO = 50 A
25
°C
45
55
Ripple rejection
f = 120 Hz
IO = 50 µA
−40
°C to 125°C
40
dB
Ripple rejection
f = 120 Hz
IO = 500 mA
25
°C
42
52
dB
IO = 500 mA
−40
°C to 125°C
36
Output noise-spectral density
f = 120 Hz
25
°C
2
µV/√Hz
10 Hz
f
100 kHz,
CO = 4.7 µF
25
°C
430
Output noise voltage
10 Hz
≤ f ≤ 100 kHz,
CSR† = 1
CO = 10 µF
25
°C
345
µVrms
Output noise voltage
CSR† = 1
CO = 100 µF
25
°C
220
µVrms
PG trip-threshold voltage
VO voltage decreasing from above VPG
−40
°C to 125°C
4.55
4.75
V
PG hysteresis voltage
25
°C
53
mV
PG output low voltage
IPG = 1.2 mA,
VI = 4.25 V
25
°C
0.2
0.4
V
PG output low voltage
IPG = 1.2 mA,
VI = 4.25 V
−40
°C to 125°C
0.4
V
† CSR refers to the total series resistance, including the ESR of the capacitor, any series resistance added externally, and PWB trace resistance
to CO.
‡ Pulse-testing techniques are used to maintain virtual junction temperature as close as possible to ambient temperature; thermal effects must
be taken into account separately.


同様の部品番号 - TPS71H01

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPS71H01Q TI-TPS71H01Q Datasheet
634Kb / 40P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TPS71H01Q TI1-TPS71H01Q Datasheet
1Mb / 46P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TPS71H01QPWP TI-TPS71H01QPWP Datasheet
634Kb / 40P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TPS71H01QPWPLE TI-TPS71H01QPWPLE Datasheet
634Kb / 40P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TPS71H01QPWPR TI-TPS71H01QPWPR Datasheet
634Kb / 40P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
More results

同様の説明 - TPS71H01

メーカー部品番号データシート部品情報
logo
Texas Instruments
TL750L TI-TL750L Datasheet
124Kb / 18P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TPS7101Q TI-TPS7101Q_07 Datasheet
829Kb / 40P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TL750M TI-TL750M_08 Datasheet
812Kb / 22P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
logo
IK Semicon Co., Ltd
IL2931AZ-5 IKSEMICON-IL2931AZ-5 Datasheet
120Kb / 3P
   LOW DROPOUT VOLTAGE REGULATORS
logo
Texas Instruments
TL750M05 TI-TL750M05_15 Datasheet
1Mb / 24P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TPS7101Q TI-TPS7101Q_08 Datasheet
858Kb / 40P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TL75LP05 TI1-TL75LP05 Datasheet
237Kb / 15P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TPS7101Q TI-TPS7101Q Datasheet
541Kb / 33P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TPS71H01Q TI-TPS71H01Q Datasheet
634Kb / 40P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TPS7133Q TI-TPS7133Q Datasheet
690Kb / 31P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
logo
STMicroelectronics
L2605 STMICROELECTRONICS-L2605 Datasheet
79Kb / 6P
   LOW DROPOUT VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com