データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TPS71H33QPWPRQ1 データシート(PDF) 5 Page - Texas Instruments

部品番号 TPS71H33QPWPRQ1
部品情報  LOW-DROPOUT VOLTAGE REGULATORS
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

TPS71H33QPWPRQ1 データシート(HTML) 5 Page - Texas Instruments

  TPS71H33QPWPRQ1 Datasheet HTML 1Page - Texas Instruments TPS71H33QPWPRQ1 Datasheet HTML 2Page - Texas Instruments TPS71H33QPWPRQ1 Datasheet HTML 3Page - Texas Instruments TPS71H33QPWPRQ1 Datasheet HTML 4Page - Texas Instruments TPS71H33QPWPRQ1 Datasheet HTML 5Page - Texas Instruments TPS71H33QPWPRQ1 Datasheet HTML 6Page - Texas Instruments TPS71H33QPWPRQ1 Datasheet HTML 7Page - Texas Instruments TPS71H33QPWPRQ1 Datasheet HTML 8Page - Texas Instruments TPS71H33QPWPRQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 41 page
background image
TPS71H01Q1, TPS71H33Q1, TPS71H48Q1, TPS71H50Q1
LOW DROPOUT VOLTAGE REGULATORS
SGLS220A − DECEMBER 2003 − REVISED MAY 2008
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
1200
800
400
0
25
50
75
100
DISSIPATION DERATING CURVE
vs
FREE-AIR TEMPERATURE
125
150
1400
1000
600
200
PWP Package
RθJA = 178°C/W
TA − Free-Air Temperature − °C
Figure 3
MAXIMUM CONTINUOUS DISSIPATION
vs
CASE TEMPERATURE
TC − Case Temperature − °C
15
10
5
0
25
50
75
100
20
25
30
125
150
Measured with the exposed thermal pad
coupled to an infinite heat sink with a
thermally conductive compound (the
thermal conductivity of the compound
is 0.815 W/m
⋅°C). The RθJC is 3.5°C/W.
PWP Package
Figure 4
† Dissipation rating tables and figures are provided for maintenance of junction temperature at or below absolute maximum temperature of 150°C.
For guidelines on maintaining junction temperature within recommended operating range, see the Thermal Information section.


同様の部品番号 - TPS71H33QPWPRQ1

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPS71H33QPWPRQ1 TI-TPS71H33QPWPRQ1 Datasheet
634Kb / 40P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
More results

同様の説明 - TPS71H33QPWPRQ1

メーカー部品番号データシート部品情報
logo
Texas Instruments
TL750L TI-TL750L Datasheet
124Kb / 18P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TPS7101Q TI-TPS7101Q_07 Datasheet
829Kb / 40P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TL750M TI-TL750M_08 Datasheet
812Kb / 22P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
logo
IK Semicon Co., Ltd
IL2931AZ-5 IKSEMICON-IL2931AZ-5 Datasheet
120Kb / 3P
   LOW DROPOUT VOLTAGE REGULATORS
logo
Texas Instruments
TL750M05 TI-TL750M05_15 Datasheet
1Mb / 24P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TPS7101Q TI-TPS7101Q_08 Datasheet
858Kb / 40P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TL75LP05 TI1-TL75LP05 Datasheet
237Kb / 15P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TPS7101Q TI-TPS7101Q Datasheet
541Kb / 33P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TPS71H01Q TI-TPS71H01Q Datasheet
634Kb / 40P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TPS7133Q TI-TPS7133Q Datasheet
690Kb / 31P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
logo
STMicroelectronics
L2605 STMICROELECTRONICS-L2605 Datasheet
79Kb / 6P
   LOW DROPOUT VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com