データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISL2671286IPZ データシート(PDF) 3 Page - Intersil Corporation

部品番号 ISL2671286IPZ
部品情報  12-Bit, 20kSPS SAR ADC
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL2671286IPZ データシート(HTML) 3 Page - Intersil Corporation

  ISL2671286IPZ Datasheet HTML 1Page - Intersil Corporation ISL2671286IPZ Datasheet HTML 2Page - Intersil Corporation ISL2671286IPZ Datasheet HTML 3Page - Intersil Corporation ISL2671286IPZ Datasheet HTML 4Page - Intersil Corporation ISL2671286IPZ Datasheet HTML 5Page - Intersil Corporation ISL2671286IPZ Datasheet HTML 6Page - Intersil Corporation ISL2671286IPZ Datasheet HTML 7Page - Intersil Corporation ISL2671286IPZ Datasheet HTML 8Page - Intersil Corporation ISL2671286IPZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
ISL2671286
3
FN7863.0
November 1, 2011
Absolute Maximum Ratings
Thermal Information
Any Pin to GND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to +6.0V
Analog Input to GND. . . . . . . . . . . . . . . . . . . . . . . . . . . . .-0.3V to +VCC+0.3V
Digital I/O to GND. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .-0.3V to +VCC+0.3V
External Reference Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +6V
Maximum Current In to Any Pin . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10mA
ESD Rating
Human Body Model (Tested per JESD22-A114F) . . . . . . . . . . . . . . . . 8kV
Machine Model (Tested per JESD22-A115B) . . . . . . . . . . . . . . . . . 400V
Charged Device Model (Tested per JESD22-C101E). . . . . . . . . . . . .1.5kV
Latch Up (Tested per JESD78C; Class 2, Level A) . . . . . . . . . . . . . . . 100mA
Thermal Resistance (Typical)
θJA (°C/W)
θJC (°C/W)
8 Ld SOIC Package (Notes 4, 5). . . . . . . . . .
120
64
8 Ld PDIP Package (Notes 5, 6, 7). . . . . . .
120
66
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .-65°C to +150°C
Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .+150°C
Case Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .+100°C
Pb-Free Reflow Profile . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
Recommended Operating Conditions
Operating Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -40°C to +85°C
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product
reliability and result in failures not covered by warranty.
NOTES:
4.
θJA is measured with the component mounted on a high effective thermal conductivity test board in free air. See Tech Brief TB379 for details.
5. For
θJC, the “case temp” location is taken at the package top center.
6.
θJA is measured with the component mounted on a low effective thermal conductivity test board in free air. See Tech Brief TB379 for details.
7. Pb-free PDIPs can be used for through hole wave solder processing only. They are not intended for use in Reflow solder processing applications.
Electrical Specifications +VCC = +5V, VREF = +5V, fSAMPLE = 12.5kHz, fCLK =16 • fSAMPLE , unless otherwise noted. Typical
values are at TA = +25°C. Boldface limits apply over the operating temperature range, -40°C to +85°C.
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
(Note 8)
TYP
MAX
(Note 8)
UNITS
ANALOG INPUT (Note 9)
|AIN|
Full-Scale Input Range
+IN – (–IN)
0VREF
V
Absolute Input Voltage
+IN
-0.2
+VCC +0.2
V
–IN
-0.2
+0.2
V
CIN
Input Capacitance
Track/Hold mode
19/1.8
pF
ILEAK
Input DC Leakage Current (Note 10)
-1
0.01
1
µA
SYSTEM PERFORMANCE
NResolution
12
Bits
No Missing Codes
Guaranteed no missed codes
12
Bits
INL
Integral Linearity
-1
±0.5
1
LSB
DNL
Differential Linearity
-0.75
±0.4
0.75
LSB
OFFSET
Zero-Code Error
-3
±0.1
3
LSB
GAIN
Gain Error
-8
±0.2
8
LSB
PSRR
Power Supply Rejection
82
dB
SAMPLING DYNAMICS
tCONV
Conversion Time
12
Clk Cycles
tACQ
Acquisition Time
1.5
Clk Cycles
SSBW
Small Signal Bandwidth
320
kHz
DYNAMIC CHARACTERISTICS
THD
Total Harmonic Distortion
AIN = 5.0VPP at fIN = 1kHz
-82
dB
AIN = 5.0VPP at fIN = 5kHz
-83
dB
SINAD
Signal-to (Noise + Distortion) Ratio
AIN = 5.0VP-P at fIN = 1kHz
72
dB
SFDR
Spurious Free Dynamic Range
AIN = 5.0VP-P at fIN = 1kHz
83
dB


同様の部品番号 - ISL2671286IPZ

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL2671286IPZ INTERSIL-ISL2671286IPZ Datasheet
638Kb / 15P
   12-Bit, 20kSPS SAR ADC
November 1, 2011
logo
Renesas Technology Corp
ISL2671286IPZ RENESAS-ISL2671286IPZ Datasheet
820Kb / 15P
   12-Bit, 20kSPS SAR ADC
More results

同様の説明 - ISL2671286IPZ

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL2671286IBZ INTERSIL-ISL2671286IBZ Datasheet
638Kb / 15P
   12-Bit, 20kSPS SAR ADC
November 1, 2011
logo
Renesas Technology Corp
ISL2671286 RENESAS-ISL2671286 Datasheet
820Kb / 15P
   12-Bit, 20kSPS SAR ADC
logo
Intersil Corporation
ISL267452 INTERSIL-ISL267452 Datasheet
716Kb / 16P
   12-Bit, 555kSPS SAR ADC
logo
Analog Devices
AD7482 AD-AD7482 Datasheet
1Mb / 16P
   3MSPS, 12-Bit SAR ADC
REV. 0
logo
IC MICROSYSTEMS
ICM7912 ICMIC-ICM7912 Datasheet
115Kb / 5P
   12-BIT 125KSPS SAR ADC
logo
Intersil Corporation
ISL267452IHZ-T INTERSIL-ISL267452IHZ-T Datasheet
714Kb / 16P
   12-Bit, 555kSPS SAR ADC
July 26, 2012
logo
Renesas Technology Corp
ISL267452 RENESAS-ISL267452 Datasheet
1,016Kb / 16P
   12-Bit, 555kSPS SAR ADC
logo
Analog Devices
AD7482BSTZ AD-AD7482BSTZ Datasheet
527Kb / 20P
   3 MSPS, 12-Bit SAR ADC
REV. B
AD7482 AD-AD7482_15 Datasheet
748Kb / 21P
   3 MSPS, 12-Bit SAR ADC
Rev. B
AD7482 AD-AD7482_17 Datasheet
566Kb / 21P
   3 MSPS, 12-Bit SAR ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com