データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISL32453EIUZ データシート(PDF) 2 Page - Intersil Corporation

部品番号 ISL32453EIUZ
部品情報  짹60V Fault Protected, 3.3V to 5V, 짹20V Common Mode Range, RS-485/RS-422 Transceivers with Cable Invert and 짹15kV ESD
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL32453EIUZ データシート(HTML) 2 Page - Intersil Corporation

  ISL32453EIUZ Datasheet HTML 1Page - Intersil Corporation ISL32453EIUZ Datasheet HTML 2Page - Intersil Corporation ISL32453EIUZ Datasheet HTML 3Page - Intersil Corporation ISL32453EIUZ Datasheet HTML 4Page - Intersil Corporation ISL32453EIUZ Datasheet HTML 5Page - Intersil Corporation ISL32453EIUZ Datasheet HTML 6Page - Intersil Corporation ISL32453EIUZ Datasheet HTML 7Page - Intersil Corporation ISL32453EIUZ Datasheet HTML 8Page - Intersil Corporation ISL32453EIUZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
ISL32450E, ISL32452E, ISL32453E, ISL32455E, ISL32457E
2
FN7921.0
February 20, 2012
TABLE 1. SUMMARY OF FEATURES
PART
NUMBER
HALF/FULL
DUPLEX
DATA RATE
(Mbps)
SLEW-RATE
LIMITED?
EN
PINS?
HOT
PLUG
CABLE INVERT
(INV) PIN?
QUIESCENT ICC
(mA)
LOW POWER
SHDN?
PIN COUNT
ISL32450E
Full
0.25
Yes
Yes
No
No
2.1
Yes
10, 14
ISL32452E
Half
0.25
Yes
Yes
No
No
2.1
Yes
8
ISL32453E
Full
1
Yes
Yes
No
No
2.1
Yes
10, 14
ISL32455E
Half
1
Yes
Yes
No
No
2.1
Yes
8
ISL32457E
Half
0.25
Yes
Tx Only
No
Yes
2.1
No
8
Ordering Information
PART NUMBER
(Notes 1, 2, 3)
PART
MARKING
TEMP. RANGE
(°C)
PACKAGE
(Pb-Free)
PKG.
DWG. #
ISL32450EIBZ
ISL32450 EIBZ
-40 to +85
14 Ld SOIC
M14.15
ISL32450EIUZ
2450E
-40 to +85
10 Ld MSOP
M10.118
ISL32452EIBZ
32452 EIBZ
-40 to +85
8 Ld SOIC
M8.15
ISL32452EIUZ
2452E
-40 to +85
8 Ld MSOP
M8.118
ISL32453EIBZ
ISL32453 EIBZ
-40 to +85
14 Ld SOIC
M14.15
ISL32453EIUZ
2453E
-40 to +85
10 Ld MSOP
M10.118
ISL32455EIBZ
32455 EIBZ
-40 to +85
8 Ld SOIC
M8.15
ISL32455EIUZ
2455E
-40 to +85
8 Ld MSOP
M8.118
ISL32457EIBZ
32457 EIBZ
-40 to +85
8 Ld SOIC
M8.15
ISL32457EIUZ
2457E
-40 to +85
8 Ld MSOP
M8.118
NOTES:
1. Add “-T*” suffix for tape and reel. Please refer to Tech Brief TB347 for details on reel specifications.
2. These Intersil Pb-free plastic packaged products employ special Pb-free material sets, molding compounds/die attach materials, and 100% matte
tin plate plus anneal (e3 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations). Intersil
Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
3. For Moisture Sensitivity Level (MSL), please see device information pages for ISL32450E , ISL32452E, ISL32453E, ISL32455E, ISL32457E. For more
information on MSL please see Tech Brief TB363.


同様の部品番号 - ISL32453EIUZ

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL32453EIUZ INTERSIL-ISL32453EIUZ Datasheet
1Mb / 21P
   짹60V Fault Protected, 3.3V to 5V, 짹20V Common Mode Range, RS-485/RS-422 Transceivers with Cable Invert and 짹15kV ESD
logo
Renesas Technology Corp
ISL32453EIUZ RENESAS-ISL32453EIUZ Datasheet
1Mb / 23P
   짹60V Fault Protected, 3.3V to 5V, 짹20V Common-Mode Range, RS-485/RS-422 Transceivers with Cable Invert and 짹15kV ESD
More results

同様の説明 - ISL32453EIUZ

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL32452EIBZ-T7A INTERSIL-ISL32452EIBZ-T7A Datasheet
1Mb / 21P
   짹60V Fault Protected, 3.3V to 5V, 짹20V Common Mode Range, RS-485/RS-422 Transceivers with Cable Invert and 짹15kV ESD
logo
Renesas Technology Corp
ISL32450E RENESAS-ISL32450E Datasheet
1Mb / 23P
   짹60V Fault Protected, 3.3V to 5V, 짹20V Common-Mode Range, RS-485/RS-422 Transceivers with Cable Invert and 짹15kV ESD
ISL32430E RENESAS-ISL32430E Datasheet
1Mb / 21P
   짹40V Fault Protected, 3.3V to 5V, 짹15V Common Mode Range, RS-485/RS-422 Transceivers With Cable Invert and 짹15kV ESD
logo
Intersil Corporation
ISL32430E INTERSIL-ISL32430E Datasheet
1Mb / 21P
   짹40V Fault Protected, 3.3V to 5V, 짹15V Common Mode Range, RS-485/RS-422 Transceivers With Cable Invert and 짹15kV ESD
ISL31490E INTERSIL-ISL31490E_10 Datasheet
622Kb / 27P
   짹60V Fault Protected, 5V, RS-485/RS-422 Transceivers with 짹25V Common Mode Range
ISL32496EIUZ INTERSIL-ISL32496EIUZ Datasheet
1Mb / 22P
   짹60V Fault Protected, 5V, RS-485/RS-422 Transceivers with 짹25V CMR and ESD Protection
ISL32490E INTERSIL-ISL32490E Datasheet
1Mb / 21P
   짹60V Fault Protected, 5V, RS-485/RS-422 Transceivers with 짹25V CMR
logo
Renesas Technology Corp
ISL32490E RENESAS-ISL32490E Datasheet
1Mb / 22P
   짹60V Fault Protected, 5V, RS-485/RS-422 Transceivers with 짹25V CMR and ESD Protection
logo
Intersil Corporation
ISL32470E INTERSIL-ISL32470E Datasheet
1Mb / 19P
   Fault Protected, Extended Common Mode Range, RS-485/RS-422 Transceivers
logo
Renesas Technology Corp
ISL32470E RENESAS-ISL32470E Datasheet
1Mb / 19P
   Fault Protected, Extended Common Mode Range, RS-485/RS-422 Transceivers with 짹16.5kV ESD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com