データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TPS71918-12DRVR データシート(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
部品番号 TPS71918-12DRVR
部品情報  Dual, 200mA Output, Low Noise, High PSRR Low-Dropout Linear Regulators
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

TPS71918-12DRVR データシート(HTML) 3 Page - Texas Instruments

  TPS71918-12DRVR Datasheet HTML 1Page - Texas Instruments TPS71918-12DRVR Datasheet HTML 2Page - Texas Instruments TPS71918-12DRVR Datasheet HTML 3Page - Texas Instruments TPS71918-12DRVR Datasheet HTML 4Page - Texas Instruments TPS71918-12DRVR Datasheet HTML 5Page - Texas Instruments TPS71918-12DRVR Datasheet HTML 6Page - Texas Instruments TPS71918-12DRVR Datasheet HTML 7Page - Texas Instruments TPS71918-12DRVR Datasheet HTML 8Page - Texas Instruments TPS71918-12DRVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
ELECTRICAL CHARACTERISTICS
TPS718xx
TPS719xx
www.ti.com..................................................................................................................................................... SBVS088C – FEBRUARY 2007 – REVISED MAY 2008
Over operating temperature range (TJ = –40°C to +125°C), VIN = VOUT(TYP) + 0.5V or 2.7V, whichever is greater;
IOUT = 0.5mA, VEN1 = VEN2 = VIN, COUT = 1.0µF, unless otherwise noted. Typical values are at TJ = +25°C.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIN
Input voltage range(1)
2.7
6.5
V
VOUT1, VOUT2
Output voltage range
0.9
3.6
V
Nominal
TJ = +25°C
±2.5
mV
VOUT1, VOUT2
Output accuracy
Over VIN, IOUT, VOUT + 0.5V ≤ VIN ≤ 6.5V
–3.0
+3.0
%
Temp
0mA
≤ IOUT ≤ 200mA
VOUT(NOM) + 0.5V ≤ VIN ≤ 6.5V,
ΔVOUT/ ΔVIN
Line regulation
130
µV/V
IOUT = 5mA
ΔVOUT/ ΔIOUT
Load regulation
0mA
≤ IOUT ≤ 200mA
75
µV/mA
Dropout voltage(2)
VDO
IOUT = 200mA
230
400
mV
(VIN = VOUT(NOM) – 0.1V)
ICL
Output current limit (per output)
VOUT = 0.9 × VOUT(NOM)
240
340
575
mA
IOUT1 = IOUT2 = 0.1mA
90
160
µA
IGND
Ground pin current
IOUT1 = IOUT2 = 200mA
250
µA
VEN1,2 ≤ 0.4V, 2.7V ≤ VIN < 4.5V,
0.3
3.0
µA
TJ = –40°C to +85°C
ISHDN
Shutdown current (IGND)
VEN1,2 ≤ 0.4V, 4.5V ≤ VIN ≤ 6.5V,
1.8
µA
TJ = –40°C to +85°C
f = 100Hz
63
dB
f = 1kHz
63
dB
Power-supply rejection ratio
PSRR
VIN = 3.8V, VOUT = 2.8V,
f = 10kHz
72
dB
IOUT = 200mA
f = 100kHz
58
dB
f = 1MHz
44
dB
Output noise voltage
VN
70
× V
OUT
µV
RMS
BW = 100Hz to 100kHz
RL = 14Ω, VOUT = 2.8V,
TSTR
Startup time(3)
160
µs
COUT = 1.0µF
Shutdown time(4),(5)
RL = ∞, COUT = 1.0µF,
TSHUT
180
µs
(TPS719xx only)
VOUT = 2.8V
VIN ≤ 5.5V
1.2
6.5
V
Enable high (enabled)
VEN(HI)
(EN1 and EN2)
5.5V < VIN ≤ 6.5V
1.25
6.5
V
Enable low (shutdown)
VEN(LO)
0
0.4
V
(EN1 and EN2)
Enable pin current, enabled
IEN
EN1 = EN2 = 6.5V
0.04
1.0
µA
(EN1 and EN2)
Undervoltage lockout
VIN rising
2.38
2.45
2.52
V
UVLO
Hysteresis
VIN falling
150
mV
Shutdown, temperature increasing
+160
°C
TSD
Thermal shutdown temperature
Reset, temperature decreasing
+140
°C
TJ
Operating junction temperature
–40
+125
°C
(1)
Minimum VIN = VOUT + VDO or 2.7V, whichever is greater.
(2)
VDO is not measured for devices with VOUT(NOM) < 2.8V because minimum VIN = 2.7V.
(3)
Time from VEN = 1.25V to VOUT = 95% (VOUT(NOM)).
(4)
Time from VEN = 0.4V to VOUT = 5% (VOUT(NOM)).
(5)
See Shutdown section in the Applications Information for more details.
Copyright © 2007–2008, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): TPS718xx TPS719xx


同様の部品番号 - TPS71918-12DRVR

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPS71918-12DRVR TI-TPS71918-12DRVR Datasheet
774Kb / 23P
[Old version datasheet]   Dual, 200mA Output, Low Noise, High PSRR Low-Dropout Linear Regulators
TPS71918-12DRVR TI-TPS71918-12DRVR Datasheet
849Kb / 23P
[Old version datasheet]   Dual, 200mA Output, Low Noise, High PSRR Low-Dropout Linear Regulators
TPS71918-12DRVR TI1-TPS71918-12DRVR Datasheet
1Mb / 26P
[Old version datasheet]   Dual, 200mA Output, Low Noise, High PSRR Low-Dropout Linear Regulators
TPS71918-12DRVR TI1-TPS71918-12DRVR Datasheet
1Mb / 26P
[Old version datasheet]   Dual, 200mA Output, Low Noise, High PSRR Low-Dropout Linear Regulators
TPS71918-12DRVRG4 TI-TPS71918-12DRVRG4 Datasheet
774Kb / 23P
[Old version datasheet]   Dual, 200mA Output, Low Noise, High PSRR Low-Dropout Linear Regulators
More results

同様の説明 - TPS71918-12DRVR

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPS71812 TI-TPS71812 Datasheet
774Kb / 23P
[Old version datasheet]   Dual, 200mA Output, Low Noise, High PSRR Low-Dropout Linear Regulators
TPS718XX TI1-TPS718XX_16 Datasheet
1Mb / 26P
[Old version datasheet]   Dual, 200mA Output, Low Noise, High PSRR Low-Dropout Linear Regulators
TPS718XX TI-TPS718XX_08 Datasheet
849Kb / 23P
[Old version datasheet]   Dual, 200mA Output, Low Noise, High PSRR Low-Dropout Linear Regulators
TPS718XX TI1-TPS718XX_17 Datasheet
1Mb / 26P
[Old version datasheet]   Dual, 200mA Output, Low Noise, High PSRR Low-Dropout Linear Regulators
TPS72301 TI1-TPS72301_16 Datasheet
1Mb / 25P
[Old version datasheet]   200mA Low-Noise, High-PSRR Negative Output Low-Dropout Linear Regulators
logo
ams AG
AS1374 AMSCO-AS1374_04 Datasheet
1Mb / 19P
   Dual 200mA, Low-Noise, High-PSRR, Low Dropout Regulators
logo
Texas Instruments
TPS72301 TI1-TPS72301_V01 Datasheet
1Mb / 25P
[Old version datasheet]   TPS723xx 200mA Low-Noise, High-PSRR Negative Output Low-Dropout Linear Regulators
TPS723 TI-TPS723_15 Datasheet
1Mb / 25P
[Old version datasheet]   TPS723xx 200mA Low-Noise, High-PSRR Negative Output Low-Dropout Linear Regulators
logo
ams AG
AS1374 AMSCO-AS1374 Datasheet
2Mb / 14P
   200mA, Ultra-Low-Noise, High-PSRR, Dual Low Dropout Regulators
logo
Texas Instruments
TPS718XX TI-TPS718XX Datasheet
506Kb / 15P
[Old version datasheet]   Dual, 200mA Output, Low Noise, High PSRR Low-Dropout Linear Regulators in 2mm x 2mm SON Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com