データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

UC3172AQP データシート(PDF) 7 Page - Texas Instruments

部品番号 UC3172AQP
部品情報  Full Bridge Power Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

UC3172AQP データシート(HTML) 7 Page - Texas Instruments

Back Button UC3172AQP Datasheet HTML 3Page - Texas Instruments UC3172AQP Datasheet HTML 4Page - Texas Instruments UC3172AQP Datasheet HTML 5Page - Texas Instruments UC3172AQP Datasheet HTML 6Page - Texas Instruments UC3172AQP Datasheet HTML 7Page - Texas Instruments UC3172AQP Datasheet HTML 8Page - Texas Instruments UC3172AQP Datasheet HTML 9Page - Texas Instruments UC3172AQP Datasheet HTML 10Page - Texas Instruments UC3172AQP Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
APPLICATION INFORMATION (cont.)
UC3172A
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
0
50
100
150
0°C
25°C
125°C
Output Current (mA)
VIN = 0V
VC = VL = 2V
A Amplifier High-Side Vsat in Park Mode
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0
10
100
150
0°C
25°C
125°C
Output Current (mA)
PRKDRV Saturation Voltage
0
10
20
30
40
50
60
0
0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0
VL Supply Voltage (Volts)
25°C
125°C
R = 30 s to 2V
VC = 0V
VIN = 0V
L
PRKDRV Current vs. VL Supply
0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
0
0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0
VL Supply Voltage (Volts)
25°C
125°C
R = 300 s to 2V
VC = 0V
VIN = 0V
L
PWROK vs. VL Supply
0
1
2
3
4
5
6
7
0
50
100
150
0°C
25°C
125°C
Parking Drive Output Current (mA)
VL = 5V
VC = 1.6V
VL Current vs. PRKDRV Current
0
0.5
0
5
10
15
20
1.0
1.5
2.0
0°C
25°C
125°C
Power OK Output Current (mA)
VL = 5V
VC = 1.6V
VL Current vs. PWROK Current
7


同様の部品番号 - UC3172AQP

メーカー部品番号データシート部品情報
logo
Texas Instruments
UC3173A TI-UC3173A Datasheet
489Kb / 12P
[Old version datasheet]   Full Bridge Power Amplifier
UC3173A TI1-UC3173A Datasheet
495Kb / 12P
[Old version datasheet]   Full Bridge Power Amplifier
UC3173AQP TI1-UC3173AQP Datasheet
495Kb / 12P
[Old version datasheet]   Full Bridge Power Amplifier
UC3173AQPTR TI1-UC3173AQPTR Datasheet
495Kb / 12P
[Old version datasheet]   Full Bridge Power Amplifier
UC3173A TI1-UC3173A_08 Datasheet
495Kb / 12P
[Old version datasheet]   Full Bridge Power Amplifier
More results

同様の説明 - UC3172AQP

メーカー部品番号データシート部品情報
logo
Texas Instruments
UC3176 TI-UC3176 Datasheet
389Kb / 5P
[Old version datasheet]   Full Bridge Power Amplifier
UC3178 TI-UC3178 Datasheet
305Kb / 6P
[Old version datasheet]   Full Bridge Power Amplifier
UC3173A TI-UC3173A Datasheet
489Kb / 12P
[Old version datasheet]   Full Bridge Power Amplifier
UC3175B TI-UC3175B Datasheet
343Kb / 6P
[Old version datasheet]   Full-Bridge Power Amplifier
UC3178QP TI-UC3178QP Datasheet
274Kb / 8P
[Old version datasheet]   Full Bridge Power Amplifier
UC3176 TI1-UC3176_15 Datasheet
333Kb / 8P
[Old version datasheet]   Full Bridge Power Amplifier
UC3173A TI1-UC3173A_08 Datasheet
495Kb / 12P
[Old version datasheet]   Full Bridge Power Amplifier
logo
Advanced Analogic Techn...
AAT4901 ANALOGICTECH-AAT4901 Datasheet
1Mb / 16P
   Buffered Power Full-Bridge
logo
Monolithic Power System...
EV0041 MPS-EV0041 Datasheet
316Kb / 5P
   Full Bridge or Single Ended Audio Amplifier
logo
Microsemi Corporation
APTM20HM20FTG MICROSEMI-APTM20HM20FTG Datasheet
296Kb / 6P
   Full - Bridge MOSFET Power Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com