データシートサーチシステム |
|
SN74ALVC164245-EP データシート(PDF) 6 Page - Texas Instruments |
|
|
SN74ALVC164245-EP データシート(HTML) 6 Page - Texas Instruments |
6 / 19 page www.ti.com Electrical Characteristics SN74ALVC164245-EP 16-BIT 2.5-V TO 3.3-V/3.3-V TO 5-V LEVEL-SHIFTING TRANSCEIVER WITH 3-STATE OUTPUTS SCAS774A – JUNE 2004 – REVISED SEPTEMBER 2005 over recommended operating free-air temperature range for V CCA = 2.3 V to 2.7 V and VCCB = 3 V to 3.6 V (unless otherwise noted) CALVC164245I CALVC164245M PARAMETER TEST CONDITIONS VCCA VCCB UNIT MIN MAX MIN MAX IOH = –100 µA 2.3 V to 2.7 V 3 V to 3.6 V VCCA – 0.2 VCCA – 0.2 B to A IOH = –8 mA 2.3 V 3 V to 3.6 V 1.7 1.7 VOH IOH = –12 mA 2.7 V 3 V to 3.6 V 1.8 1.8 V IOL = 100 µA 2.3 V to 2.7 V 3 V to 3.6 V VCCB – 0.2 VCCB – 0.2 A to B IOL = 18 mA 2.3 V to 2.7 V 3 V 2.2 2.2 IOL = 100 µA 2.3 V to 2.7 V 3 V to 3.6 V 0.2 0.2 B to A IOL = 12 mA 2.3 V 3 V to 3.6 V 0.6 0.6 VOL V IOL = 100 µA 2.3 V to 2.7 V 3 V to 3.6 V 0.2 0.2 A to B IOL = 18 mA 2.3 V 3 V 0.55 0.55 II Control VI = VCCA/VCCB or GND 2.3 V to 2.7 V 3 V to 3.6 V ±5 ±5 µA inputs IOZ(1) A or B VO = VCCA/VCCB or GND 2.3 V to 2.7 V 3 V to 3.6 V ±10 ±10 µA port VI = VCCA/VCCB or GND, ICC 2.3 V to 2.7 V 3 V to 3.6 V 20 40 µA IO = 0 One input at VCCA/VCCB – 0.6 V, ∆I CC (2) 2.3 V to 2.7 V 3 V to 3.6 V 750 750 µA Other inputs at VCCA/VCCB or GND (1) For I/O ports, the parameter IOZ includes the input leakage current. (2) This is the increase in supply current for each input that is at one of the specified TTL voltage levels, rather than at 0 or the associated VCC. 6 |
同様の部品番号 - SN74ALVC164245-EP |
|
同様の説明 - SN74ALVC164245-EP |