データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SN74AUC32374ZKER データシート(PDF) 4 Page - Texas Instruments

部品番号 SN74AUC32374ZKER
部品情報  32-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

SN74AUC32374ZKER データシート(HTML) 4 Page - Texas Instruments

  SN74AUC32374ZKER Datasheet HTML 1Page - Texas Instruments SN74AUC32374ZKER Datasheet HTML 2Page - Texas Instruments SN74AUC32374ZKER Datasheet HTML 3Page - Texas Instruments SN74AUC32374ZKER Datasheet HTML 4Page - Texas Instruments SN74AUC32374ZKER Datasheet HTML 5Page - Texas Instruments SN74AUC32374ZKER Datasheet HTML 6Page - Texas Instruments SN74AUC32374ZKER Datasheet HTML 7Page - Texas Instruments SN74AUC32374ZKER Datasheet HTML 8Page - Texas Instruments SN74AUC32374ZKER Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
www.ti.com
Absolute Maximum Ratings
(1)
Recommended Operating Conditions
(1)
SN74AUC32374
32-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP
WITH 3-STATE OUTPUTS
SCES475 – AUGUST 2003 – REVISED MAY 2005
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VCC
Supply voltage range
–0.5
3.6
V
VI
Input voltage range(2)
–0.5
3.6
V
VO
Voltage range applied to any output in the high-impedance or power-off state(2)
–0.5
3.6
V
VO
Output voltage range(2)
–0.5
VCC + 0.5
V
IIK
Input clamp current
VI < 0
–50
mA
IOK
Output clamp current
VO < 0
–50
mA
IO
Continuous output current
±20
mA
Continuous current through VCC or GND
±100
mA
θ
JA
Package thermal impedance(3)
40
°C/W
Tstg
Storage temperature range
–65
150
°C
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
The input negative-voltage and output voltage ratings may be exceeded if the input and output current ratings are observed.
(3)
The package thermal impedance is calculated in accordance with JESD 51-7.
MIN
MAX
UNIT
VCC
Supply voltage
0.8
2.7
V
VCC = 0.8 V
VCC
VIH
High-level input voltage
VCC = 1.1 V to 1.95 V
0.65 × VCC
V
VCC = 2.3 V to 2.7 V
1.7
VCC = 0.8 V
0
VIL
Low-level input voltage
VCC = 1.1 V to 1.95 V
0.35 × VCC
V
VCC = 2.3 V to 2.7 V
0.7
VI
Input voltage
0
3.6
V
Active state
0
VCC
V
VO
Output voltage
3-state
0
3.6
V
VCC = 0.8 V
–0.7
VCC = 1.1 V
–3
IOH
High-level output current
VCC = 1.4 V
–5
mA
VCC = 1.65 V
–8
VCC = 2.3 V
–9
VCC = 0.8 V
0.7
VCC = 1.1 V
3
IOL
Low-level output current
VCC = 1.4 V
5
mA
VCC = 1.65 V
8
VCC = 2.3 V
9
∆t/∆v
Input transition rise or fall rate
20
ns/V
TA
Operating free-air temperature
–40
85
°C
(1)
All unused inputs of the device must be held at VCC or GND to ensure proper device operation. Refer to the TI application report,
Implications of Slow or Floating CMOS Inputs, literature number SCBA004.
4


同様の部品番号 - SN74AUC32374ZKER

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74AUC32 TI-SN74AUC32 Datasheet
403Kb / 9P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-OR GATE
SN74AUC32244 TI-SN74AUC32244 Datasheet
283Kb / 10P
[Old version datasheet]   32-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74AUC32244GKER TI-SN74AUC32244GKER Datasheet
283Kb / 10P
[Old version datasheet]   32-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74AUC32244ZKER TI-SN74AUC32244ZKER Datasheet
283Kb / 10P
[Old version datasheet]   32-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74AUC32245 TI-SN74AUC32245 Datasheet
389Kb / 12P
[Old version datasheet]   32-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
More results

同様の説明 - SN74AUC32374ZKER

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74LVCH32374A TI-SN74LVCH32374A Datasheet
131Kb / 9P
[Old version datasheet]   32-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74ALVCH32374 TI-SN74ALVCH32374 Datasheet
131Kb / 9P
[Old version datasheet]   32-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74ALVCH32374 TI1-SN74ALVCH32374_13 Datasheet
791Kb / 12P
[Old version datasheet]   32-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74AUCH32374 TI-SN74AUCH32374 Datasheet
285Kb / 11P
[Old version datasheet]   32-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74LVC32374A TI1-SN74LVC32374A Datasheet
413Kb / 13P
[Old version datasheet]   32-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74LVTH32237 TI-SN74LVTH32237 Datasheet
266Kb / 9P
[Old version datasheet]   3.3V ABT 32 BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3 STATE OUTPUTS
SN74ALVCH162374 TI-SN74ALVCH162374_04 Datasheet
318Kb / 13P
[Old version datasheet]   16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74LVC16374 TI-SN74LVC16374 Datasheet
97Kb / 6P
[Old version datasheet]   16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74AVC16374 TI-SN74AVC16374_06 Datasheet
369Kb / 18P
[Old version datasheet]   16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74LVCH16374A TI1-SN74LVCH16374A_14 Datasheet
918Kb / 24P
[Old version datasheet]   16-Bit Edge-Triggered D-Type Flip-Flop With 3-State Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com