データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SN74AVC24T245GRGR データシート(PDF) 5 Page - Texas Instruments

部品番号 SN74AVC24T245GRGR
部品情報  24-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

SN74AVC24T245GRGR データシート(HTML) 5 Page - Texas Instruments

  SN74AVC24T245GRGR Datasheet HTML 1Page - Texas Instruments SN74AVC24T245GRGR Datasheet HTML 2Page - Texas Instruments SN74AVC24T245GRGR Datasheet HTML 3Page - Texas Instruments SN74AVC24T245GRGR Datasheet HTML 4Page - Texas Instruments SN74AVC24T245GRGR Datasheet HTML 5Page - Texas Instruments SN74AVC24T245GRGR Datasheet HTML 6Page - Texas Instruments SN74AVC24T245GRGR Datasheet HTML 7Page - Texas Instruments SN74AVC24T245GRGR Datasheet HTML 8Page - Texas Instruments SN74AVC24T245GRGR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
www.ti.com
Recommended Operating Conditions
(1) (2) (3)
SN74AVC24T245
24-BIT DUAL-SUPPLY BUS TRANSCEIVER
WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SCES552C – FEBRUARY 2004 – REVISED AUGUST 2005
VCCI
VCCO
MIN
MAX
UNIT
VCCA
Supply voltage
1.2
3.6
V
VCCB
Supply voltage
1.2
3.6
V
1.2 V to 1.95 V
VCCI × 0.65
High-level
VIH
Data inputs(4)
1.95 V to 2.7 V
1.6
V
input voltage
2.7 V to 3.6 V
2
1.2 V to 1.95 V
VCCI × 0.35
Low-level
VIL
Data inputs(4)
1.95 V to 2.7 V
0.7
V
input voltage
2.7 V to 3.6 V
0.8
1.2 V to 1.95 V
VCCA × 0.65
High-level
DIR
VIH
1.95 V to 2.7 V
1.6
V
input voltage
(referenced to VCCA)(5)
2.7 V to 3.6 V
2
1.2 V to 1.95 V
VCCA × 0.35
Low-level
DIR
VIL
1.95 V to 2.7 V
0.7
V
input voltage
(referenced to VCCA)(5)
2.7 V to 3.6 V
0.8
VI
Input voltage
0
3.6
V
Active state
0
VCCO
VO
Output voltage
V
3-state
0
3.6
1.2 V
–3
1.4 V to 1.6 V
–6
IOH
High-level output current
1.65 V to 1.95 V
–8
mA
2.3 V to 2.7 V
–9
3 V to 3.6 V
–12
1.2 V
3
1.4 V to 1.6 V
6
IOL
Low-level output current
1.65 V to 1.95 V
8
mA
2.3 V to 2.7 V
9
3 V to 3.6 V
12
∆t/∆v
Input transition rise or fall rate
5
ns/V
TA
Operating free-air temperature
–40
85
°C
(1)
VCCI is the VCC associated with the data input port.
(2)
VCCO is the VCC associated with the output port.
(3)
All unused data inputs of the device must be held at VCCI or GND to ensure proper device operation. Refer to the TI application report,
Implications of Slow or Floating CMOS Inputs, literature number SCBA004.
(4)
For VCCI values not specified in the data sheet, VIH min = VCCI × 0.7 V, VIL max = VCCI × 0.3 V.
(5)
For VCCI values not specified in the data sheet, VIH min = VCCA × 0.7 V, VIL max = VCCA × 0.3 V.
5


同様の部品番号 - SN74AVC24T245GRGR

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74AVC24T245GRGR TI-SN74AVC24T245GRGR Datasheet
286Kb / 14P
[Old version datasheet]   24-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC24T245GRGR TI-SN74AVC24T245GRGR Datasheet
287Kb / 14P
[Old version datasheet]   24-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC24T245GRGR TI-SN74AVC24T245GRGR Datasheet
1Mb / 29P
[Old version datasheet]   24-Bit Dual-Supply Bus Transceiver with Configurable Voltage Translation And 3-State Outputs
More results

同様の説明 - SN74AVC24T245GRGR

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74AVCH24T245 TI-SN74AVCH24T245 Datasheet
347Kb / 15P
[Old version datasheet]   24-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
AVCE6467T-2 TI1-AVCE6467T-2 Datasheet
366Kb / 15P
[Old version datasheet]   24-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC24T245 TI-SN74AVC24T245_06 Datasheet
287Kb / 14P
[Old version datasheet]   24-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC24T245 TI-SN74AVC24T245 Datasheet
286Kb / 14P
[Old version datasheet]   24-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC24T245 TI-SN74AVC24T245_V01 Datasheet
1Mb / 29P
[Old version datasheet]   24-Bit Dual-Supply Bus Transceiver with Configurable Voltage Translation And 3-State Outputs
SN74AVCH24T245 TI-SN74AVCH24T245_V01 Datasheet
1Mb / 27P
[Old version datasheet]   24-Bit Dual-Supply Bus Transceiver with Configurable Voltage Translation And 3-State Outputs
SN74AVC2T45 TI-SN74AVC2T45_08 Datasheet
522Kb / 23P
[Old version datasheet]   DUAL-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC2T45 TI-SN74AVC2T45_07 Datasheet
386Kb / 20P
[Old version datasheet]   DUAL-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVCH2T45 TI-SN74AVCH2T45_09 Datasheet
640Kb / 24P
[Old version datasheet]   DUAL-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74LVC2T45 TI-SN74LVC2T45_10 Datasheet
611Kb / 25P
[Old version datasheet]   DUAL-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com