データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SN74GTLPH32912 データシート(PDF) 8 Page - Texas Instruments

部品番号 SN74GTLPH32912
部品情報  36-BIT LVTTL-TO-GTLP UNIVERSAL BUS TRANSCEIVER
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

SN74GTLPH32912 データシート(HTML) 8 Page - Texas Instruments

Back Button SN74GTLPH32912 Datasheet HTML 4Page - Texas Instruments SN74GTLPH32912 Datasheet HTML 5Page - Texas Instruments SN74GTLPH32912 Datasheet HTML 6Page - Texas Instruments SN74GTLPH32912 Datasheet HTML 7Page - Texas Instruments SN74GTLPH32912 Datasheet HTML 8Page - Texas Instruments SN74GTLPH32912 Datasheet HTML 9Page - Texas Instruments SN74GTLPH32912 Datasheet HTML 10Page - Texas Instruments SN74GTLPH32912 Datasheet HTML 11Page - Texas Instruments SN74GTLPH32912 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
www.ti.com
Electrical Characteristics
Hot-Insertion Specifications for A Port
SN74GTLPH32912
36-BIT LVTTL-TO-GTLP UNIVERSAL BUS TRANSCEIVER
SCES379A – JANUARY 2002 – REVISED MAY 2005
over recommended operating free-air temperature range for GTLP (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN TYP(1)
MAX
UNIT
VIK
VCC = 3.15 V,
II = –18 mA
–1.2
V
VCC = 3.15 V to 3.45 V,
IOH = –100 µA
VCC – 0.2
VOH
A port
IOH = –12 mA
2.4
V
VCC = 3.15 V
IOH = –24 mA
2
VCC = 3.15 V to 3.45 V,
IOL = 100 µA
0.2
A port
IOL = 12 mA
0.4
VCC = 3.15 V
IOL = 24 mA
0.5
VOL
VCC = 3.15 V to 3.45 V,
IOL = 100 µA
0.2
V
IOL = 10 mA
0.2
B port
VCC = 3.15 V
IOL = 40 mA
0.4
IOL = 50 mA
0.55
II
Control inputs
VCC = 3.45 V,
VI = 0 or 5.5 V
±10
µA
A port
VO = VCC
10
IOZH(2)
VCC = 3.45 V
µA
B port
VO = 1.5 V
10
IOZL(2)
A and B ports
VCC = 3.45 V,
VO = GND
–10
µA
IBHL(3)
A port
VCC = 3.15 V,
VI = 0.8 V
75
µA
IBHH(4)
A port
VCC = 3.15 V,
VI = 2 V
–75
µA
IBHLO(5)
A port
VCC = 3.45 V,
VI = 0 to VCC
500
µA
IBHHO(6)
A port
VCC = 3.45 V,
VI = 0 to VCC
–500
µA
Outputs high
100
VCC = 3.45 V, IO = 0,
ICC
A or B port
VI (A-port or control input) = VCC or GND,
Outputs low
100
mA
VI (B port) = VTT or GND
Outputs disabled
100
VCC = 3.45 V, One A-port or control input at VCC – 0.6 V,
∆I
CC
(7)
1.5
mA
Other A-port or control inputs at VCC or GND
Ci
Control inputs
VI = 3.15 V or 0
4
5.5
pF
A port
VO = 3.15 V or 0
7
9
Cio
pF
B port
VO = 1.5 V or 0
9
11
(1)
All typical values are at VCC = 3.3 V, TA = 25°C.
(2)
For I/O ports, the parameters IOZH and IOZL include the input leakage current.
(3)
The bus-hold circuit can sink at least the minimum low sustaining current at VILmax. IBHL should be measured after lowering VIN to GND
and then raising it to VILmax.
(4)
The bus-hold circuit can source at least the minimum high sustaining current at VIHmin. IBHH should be measured after raising VIN to VCC
and then lowering it to VIHmin.
(5)
An external driver must source at least IBHLO to switch this node from low to high.
(6)
An external driver must sink at least IBHHO to switch this node from high to low.
(7)
This is the increase in supply current for each input that is at the specified TTL voltage level, rather than VCC or GND.
over recommended operating free-air temperature range
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
Ioff
VCC = 0,
BIAS VCC = 0,
VI or VO = 0 to 5.5 V
10
µA
IOZPU
VCC = 0 to 1.5 V,
VO = 0.5 V to 3 V,
OE = 0
±30
µA
IOZPD
VCC = 1.5 V to 0,
VO = 0.5 V to 3 V,
OE = 0
±30
µA
8


同様の部品番号 - SN74GTLPH32912

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74GTLPH32916 TI1-SN74GTLPH32916 Datasheet
397Kb / 18P
[Old version datasheet]   34-BIT LVTTL-TO-GTLP UNIVERSAL BUS TRANSCEIVER WITH BUFFERED CLOCK OUTPUTS
SN74GTLPH32916ZKFR TI1-SN74GTLPH32916ZKFR Datasheet
397Kb / 18P
[Old version datasheet]   34-BIT LVTTL-TO-GTLP UNIVERSAL BUS TRANSCEIVER WITH BUFFERED CLOCK OUTPUTS
More results

同様の説明 - SN74GTLPH32912

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
GTLP36T612 FAIRCHILD-GTLP36T612 Datasheet
78Kb / 8P
   36-Bit LVTTL/GTLP Universal Bus Transceiver
logo
Texas Instruments
SN74GTLPH16912 TI-SN74GTLPH16912 Datasheet
218Kb / 14P
[Old version datasheet]   18-BIT LVTTL-TO-GTLP UNIVERSAL BUS TRANSCEIVER
SN74GTLPH16612 TI-SN74GTLPH16612 Datasheet
166Kb / 11P
[Old version datasheet]   18-BIT LVTTL-TO-GTLP UNIVERSAL BUS TRANSCEIVER
SN74GTLPH16912 TI-SN74GTLPH16912_07 Datasheet
324Kb / 18P
[Old version datasheet]   18-BIT LVTTL-TO-GTLP UNIVERSAL BUS TRANSCEIVER
logo
Fairchild Semiconductor
GTLP18T612 FAIRCHILD-GTLP18T612 Datasheet
74Kb / 9P
   18-Bit LVTTL/GTLP Universal Bus Transceiver
GTLP16T1655 FAIRCHILD-GTLP16T1655 Datasheet
107Kb / 14P
   16-Bit LVTTL/GTLP Universal Bus Transceiver
logo
Texas Instruments
SN74GTLPH32945 TI-SN74GTLPH32945_07 Datasheet
422Kb / 17P
[Old version datasheet]   32-BIT LVTTL-TO-GTLP BUS TRANSCEIVER
SN74GTLPH306 TI1-SN74GTLPH306_15 Datasheet
589Kb / 17P
[Old version datasheet]   8-BIT LVTTL-TO-GTLP BUS TRANSCEIVER
SN74GTLPH16945 TI-SN74GTLPH16945 Datasheet
214Kb / 13P
[Old version datasheet]   16-BIT LVTTL-TO-GTLP BUS TRANSCEIVER
SN74GTLPH32945 TI-SN74GTLPH32945 Datasheet
282Kb / 15P
[Old version datasheet]   32-BIT LVTTL-TO-GTLP BUS TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com